Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

B37627K9102J060 Datasheet(PDF) 5 Page - EPCOS

Part No. B37627K9102J060
Description  Multilayer Ceramic Capacitors
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EPCOS [EPCOS]
Homepage  http://www.epcos.com
Logo EPCOS - EPCOS

B37627K9102J060 Datasheet(HTML) 5 Page - EPCOS

  B37627K9102J060 Datasheet HTML 1Page - EPCOS B37627K9102J060 Datasheet HTML 2Page - EPCOS B37627K9102J060 Datasheet HTML 3Page - EPCOS B37627K9102J060 Datasheet HTML 4Page - EPCOS B37627K9102J060 Datasheet HTML 5Page - EPCOS B37627K9102J060 Datasheet HTML 6Page - EPCOS B37627K9102J060 Datasheet HTML 7Page - EPCOS B37627K9102J060 Datasheet HTML 8Page - EPCOS B37627K9102J060 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Multilayer Ceramic Capacitors
146 10/02
HC1
Product range chip capacitors
HC1
Size1)
inch
mm
0402
1005
0603
1608
0805
2012
Type
B37627
B37637
B37647
16
16
16
270, pF
330, pF
470, pF
680, pF
1,0 nF
1,5 nF
2,2 nF
2,7 nF
3,3 nF
4,7 nF
6,8 nF
10, nF
15, nF
22, nF
33, nF
1) l
´ b (inch) / l ´ b (mm)
VR (VDC)
CR
Production ramp up end of 2003, all capacitance values on request.
HC1


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn