Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DP83816 Datasheet(PDF) 37 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DP83816
Description  10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPHYTER-II )
Download  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83816 Datasheet(HTML) 37 Page - National Semiconductor (TI)

Back Button DP83816 Datasheet HTML 33Page - National Semiconductor (TI) DP83816 Datasheet HTML 34Page - National Semiconductor (TI) DP83816 Datasheet HTML 35Page - National Semiconductor (TI) DP83816 Datasheet HTML 36Page - National Semiconductor (TI) DP83816 Datasheet HTML 37Page - National Semiconductor (TI) DP83816 Datasheet HTML 38Page - National Semiconductor (TI) DP83816 Datasheet HTML 39Page - National Semiconductor (TI) DP83816 Datasheet HTML 40Page - National Semiconductor (TI) DP83816 Datasheet HTML 41Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 106 page
background image
37
www.national.com
4.0 Register Set (Continued)
4.1.12 Power Management Control and Status Register
This register contains PM control and status information.
Bit
Bit Name
Description
24-22
AUX_CURRENT Aux_Current
This 3 bit field reports the 3.3Vaux auxiliary current requirements for the PCI function.
If PMEN generation from D3cold is not supported by the function(PMCAP[31]), this field returns a
value of "000b" when read.
Bit
3.3Vaux
24 23 22
Max. Current Required
1 1 0
320 mA
0 0 0
0 (self powered)
21
DSI
Device Specific Initialization
This bit is set to 1 to indicate to the system that initialization of the DP83816 device is required
(beyond the standard PCI configuration header) before the generic class device driver is able to use
it. A 1 indicates that DP83816 requires a DSI sequence following transition to the D0 uninitialized
state. This bit can be loaded from the EEPROM.
20
Reserved
(reads return 0)
19
PMEC
PME Clock
Returns 0 to indicate PCI clock not needed for PMEN.
18-16
PMV
Power Management Version
This bit field indicates compliance to a specific PM specification rev level. Currently set to 010b.
15-8
NLIPTR
Next List Item Pointer
Offset into PCI configuration space for the location of the next item in the Capabilities Linked List.
Returns 00h as no other capabilities are offered.
7-0
CAPID
Capability ID
Always returns 01h for Power Management ID.
Tag: PMCSR
Size: 32 bits
Hard Reset: 00000000h
Offset: 44h
Access: Read Write
Soft Reset: unchanged
Bit
Bit Name
Description
31-24
Reserved
(reads return 0)
23-16
BSE
Bridge Support Extensions
unused (reads return 0)
15
PMESTS
PME Status
Sticky bit which represents the state of the PME logic, regardless of the state of the PMEEN bit.
14-9
Reserved
(reads return 0)
8
PMEEN
PME Enable
When set to 1, this bit enables the assertion of the PME function on the PMEN pin. When 0, the PMEN
pin is forced to be inactive. This value can be loaded from the EEPROM.
7-2
Unused
(reads return 0)
1-0
PSTATE
Power State
This 2 bit field is used to determine the current power state of DP83816, and to set a new power state.
00 - D0
10 - D2
01 - D1
11 - D3hot/cold


Similar Part No. - DP83816

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP83816 NSC-DP83816 Datasheet
1Mb / 105P
   DP83816 10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPHYTER-II)
logo
Texas Instruments
DP83816 TI1-DP83816 Datasheet
1Mb / 112P
[Old version datasheet]   10/100 Mb/s Integrated PCI Ethernet Media Access Controller
logo
National Semiconductor ...
DP83816AVNG NSC-DP83816AVNG Datasheet
1Mb / 105P
   DP83816 10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPHYTER-II)
logo
Texas Instruments
DP83816AVNG TI1-DP83816AVNG Datasheet
853Kb / 108P
[Old version datasheet]   DP83816 10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer
DP83816AVNG-EX/NOPB TI1-DP83816AVNG-EX/NOPB Datasheet
843Kb / 108P
[Old version datasheet]   DP83816EX 10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPhyter-II)Extended Temperature Range 0 to 85 Degrees C
More results

Similar Description - DP83816

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DP83816AVNG-NOPB TI1-DP83816AVNG-NOPB Datasheet
854Kb / 109P
[Old version datasheet]   10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPhyter-II)
DP83815 TI1-DP83815_11 Datasheet
969Kb / 110P
[Old version datasheet]   10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPhyter)
logo
National Semiconductor ...
DP83815 NSC-DP83815 Datasheet
779Kb / 108P
   10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPhyter)
DP83816 NSC-DP83816 Datasheet
1Mb / 105P
   DP83816 10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPHYTER-II)
logo
Texas Instruments
DP83816AVNG TI1-DP83816AVNG Datasheet
853Kb / 108P
[Old version datasheet]   DP83816 10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer
logo
Silan Microelectronics ...
SC92031 SILAN-SC92031 Datasheet
476Kb / 38P
   10/100 MBPS INTEGRATED PCI ETHERNET MEDIA ACCESS CONTROLLER AND PHYSICAL LAYER
logo
Texas Instruments
DP83816EX TI1-DP83816EX Datasheet
843Kb / 108P
[Old version datasheet]   DP83816EX 10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPhyter-II)Extended Temperature Range 0 to 85 Degrees C
DP83816 TI1-DP83816 Datasheet
1Mb / 112P
[Old version datasheet]   10/100 Mb/s Integrated PCI Ethernet Media Access Controller
DP83840AVCE TI1-DP83840AVCE Datasheet
682Kb / 91P
[Old version datasheet]   10/100 Mb/s Ethernet Physical Layer
logo
National Semiconductor ...
DP83840A NSC-DP83840A Datasheet
434Kb / 89P
   10/100 Mb/s Ethernet Physical Layer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com