Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320F28335 Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F28335
Description  Digital Signal Controllers (DSCs)
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28335 Datasheet(HTML) 26 Page - Texas Instruments

Back Button TMS320F28335 Datasheet HTML 22Page - Texas Instruments TMS320F28335 Datasheet HTML 23Page - Texas Instruments TMS320F28335 Datasheet HTML 24Page - Texas Instruments TMS320F28335 Datasheet HTML 25Page - Texas Instruments TMS320F28335 Datasheet HTML 26Page - Texas Instruments TMS320F28335 Datasheet HTML 27Page - Texas Instruments TMS320F28335 Datasheet HTML 28Page - Texas Instruments TMS320F28335 Datasheet HTML 29Page - Texas Instruments TMS320F28335 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 100 page
background image
TMS320F28335, TMS320F28334, TMS320F28332
TMS320F28235, TMS320F28234, TMS320F28232
SPRS439I – JUNE 2007 – REVISED MARCH 2011
www.ti.com
Table 2-3. Signal Descriptions (continued)
PIN NO.
PGF/
NAME
DESCRIPTION (1)
ZHH
ZJZ
PTP
BALL #
BALL #
PIN #
Internal Reference Positive Output. Requires a low ESR (under 1.5
Ω) ceramic bypass
capacitor of 2.2
μF to analog ground. (O)
ADCREFP
56
P5
P5
NOTE: Use the ADC Clock rate to derive the ESR specification from the capacitor data
sheet that is used in the system.
Internal Reference Medium Output. Requires a low ESR (under 1.5
Ω) ceramic bypass
capacitor of 2.2
μF to analog ground. (O)
ADCREFM
55
N5
P4
NOTE: Use the ADC Clock rate to derive the ESR specification from the capacitor data
sheet that is used in the system.
CPU AND I/O POWER PINS
VDDA2
34
K2
K4
ADC Analog Power Pin
VSSA2
33
K3
P1
ADC Analog Ground Pin
VDDAIO
45
N2
L5
ADC Analog I/O Power Pin
VSSAIO
44
P1
N1
ADC Analog I/O Ground Pin
VDD1A18
31
J4
K3
ADC Analog Power Pin
VSS1AGND
32
K1
L4
ADC Analog Ground Pin
VDD2A18
59
M6
L6
ADC Analog Power Pin
VSS2AGND
58
K6
P2
ADC Analog Ground Pin
VDD
4
B1
D4
VDD
15
B5
D5
VDD
23
B11
D8
VDD
29
C8
D9
VDD
61
D13
E11
VDD
101
E9
F4
VDD
109
F3
F11
CPU and Logic Digital Power Pins
VDD
117
F13
H4
VDD
126
H1
J4
VDD
139
H12
J11
VDD
146
J2
K11
VDD
154
K14
L8
VDD
167
N6
VDDIO
9
A4
A13
VDDIO
71
B10
B1
VDDIO
93
E7
D7
VDDIO
107
E12
D11
VDDIO
121
F5
E4
Digital I/O Power Pin
VDDIO
143
L8
G4
VDDIO
159
H11
G11
VDDIO
170
N14
L10
VDDIO
N14
26
Introduction
Copyright © 2007–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320F28335 TMS320F28334 TMS320F28332 TMS320F28235 TMS320F28234
TMS320F28232


Similar Part No. - TMS320F28335

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F28335 TI-TMS320F28335 Datasheet
2Mb / 166P
[Old version datasheet]   Digital Signal Controllers (DSCs)
TMS320F28335 TI-TMS320F28335 Datasheet
2Mb / 170P
[Old version datasheet]   Digital Signal Controllers (DSCs)
TMS320F28335 TI-TMS320F28335 Datasheet
2Mb / 195P
[Old version datasheet]   Digital Signal Controllers (DSCs)
TMS320F28335 TI1-TMS320F28335 Datasheet
2Mb / 199P
[Old version datasheet]   PRODUCTION DATA information is current as of publication date
TMS320F28335 TI1-TMS320F28335 Datasheet
2Mb / 201P
[Old version datasheet]   Digital Signal Controllers (DSCs)
More results

Similar Description - TMS320F28335

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F28335 TI1-TMS320F28335_13 Datasheet
2Mb / 199P
[Old version datasheet]   Digital Signal Controllers (DSCs)
TMS320F28335 TI-TMS320F28335 Datasheet
2Mb / 195P
[Old version datasheet]   Digital Signal Controllers (DSCs)
TMS320F28335 TI-TMS320F28335_1 Datasheet
2Mb / 166P
[Old version datasheet]   Digital Signal Controllers (DSCs)
TMS320F28335 TI-TMS320F28335_08 Datasheet
2Mb / 170P
[Old version datasheet]   Digital Signal Controllers (DSCs)
TMS320F28335 TI1-TMS320F28335_18 Datasheet
2Mb / 206P
[Old version datasheet]   Digital Signal Controllers (DSCs)
TMS320F28335_016 TI1-TMS320F28335_016 Datasheet
2Mb / 201P
[Old version datasheet]   Digital Signal Controllers (DSCs)
TMS320F28335 TI-TMS320F28335_V01 Datasheet
3Mb / 207P
[Old version datasheet]   TMS320F2833x, TMS320F2823x Digital Signal Controllers (DSCs)
TMS320F28335 TI-TMS320F28335_V02 Datasheet
3Mb / 208P
[Old version datasheet]   TMS320F2833x, TMS320F2823x Digital Signal Controllers (DSCs)
TMS320F28335 TI-TMS320F28335_V03 Datasheet
5Mb / 208P
[Old version datasheet]   TMS320F2833x, TMS320F2823x Digital Signal Controllers (DSCs)
logo
NXP Semiconductors
MC56F847XX NXP-MC56F847XX Datasheet
1Mb / 90P
   This family of digital signal controllers DSCs is based on the 32-bit 56800EX core.
Rev. 4.1, 01/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com