Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320F28335 Datasheet(PDF) 75 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F28335
Description  Digital Signal Controllers (DSCs)
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28335 Datasheet(HTML) 75 Page - Texas Instruments

Back Button TMS320F28335 Datasheet HTML 71Page - Texas Instruments TMS320F28335 Datasheet HTML 72Page - Texas Instruments TMS320F28335 Datasheet HTML 73Page - Texas Instruments TMS320F28335 Datasheet HTML 74Page - Texas Instruments TMS320F28335 Datasheet HTML 75Page - Texas Instruments TMS320F28335 Datasheet HTML 76Page - Texas Instruments TMS320F28335 Datasheet HTML 77Page - Texas Instruments TMS320F28335 Datasheet HTML 78Page - Texas Instruments TMS320F28335 Datasheet HTML 79Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 100 page
background image
TMS320F28335, TMS320F28334, TMS320F28332
TMS320F28235, TMS320F28234, TMS320F28232
www.ti.com
SPRS439I – JUNE 2007 – REVISED MARCH 2011
The eCAP modules are clocked at the SYSCLKOUT rate.
The clock enable bits (ECAP1/2/3/4/5/6ENCLK) in the PCLKCR1 register are used to turn off the eCAP
modules
individually
(for
low
power
operation).
Upon
reset,
ECAP1ENCLK,
ECAP2ENCLK,
ECAP3ENCLK, ECAP4ENCLK, ECAP5ENCLK, and ECAP6ENCLK are set to low, indicating that the
peripheral clock is off.
Table 4-4. eCAP Control and Status Registers
SIZE
NAME
eCAP1
eCAP2
eCAP3
eCAP4
eCAP5
eCAP6
DESCRIPTION
(x16)
TSCTR
0x6A00
0x6A20
0x6A40
0x6A60
0x6A80
0x6AA0
2
Time-Stamp Counter
CTRPHS
0x6A02
0x6A22
0x6A42
0x6A62
0x6A82
0x6AA2
2
Counter Phase Offset Value
Register
CAP1
0x6A04
0x6A24
0x6A44
0x6A64
0x6A84
0x6AA4
2
Capture 1 Register
CAP2
0x6A06
0x6A26
0x6A46
0x6A66
0x6A86
0x6AA6
2
Capture 2 Register
CAP3
0x6A08
0x6A28
0x6A48
0x6A68
0x6A88
0x6AA8
2
Capture 3 Register
CAP4
0x6A0A
0x6A2A
0x6A4A
0x6A6A
0x6A8A
0x6AAA
2
Capture 4 Register
Reserved
0x6A0C-
0x6A2C-
0x6A4C-
0x6A6C-
0x6A8C-
0x6AAC-
8
Reserved
0x6A12
0x6A32
0x6A52
0x6A72
0x6A92
0x6AB2
ECCTL1
0x6A14
0x6A34
0x6A54
0x6A74
0x6A94
0x6AB4
1
Capture Control Register 1
ECCTL2
0x6A15
0x6A35
0x6A55
0x6A75
0x6A95
0x6AB5
1
Capture Control Register 2
ECEINT
0x6A16
0x6A36
0x6A56
0x6A76
0x6A96
0x6AB6
1
Capture Interrupt Enable Register
ECFLG
0x6A17
0x6A37
0x6A57
0x6A77
0x6A97
0x6AB7
1
Capture Interrupt Flag Register
ECCLR
0x6A18
0x6A38
0x6A58
0x6A78
0x6A98
0x6AB8
1
Capture Interrupt Clear Register
ECFRC
0x6A19
0x6A39
0x6A59
0x6A79
0x6A99
0x6AB9
1
Capture Interrupt Force Register
Reserved
0x6A1A-
0x6A3A-
0x6A5A-
0x6A7A-
0x6A9A-
0x6ABA-
6
Reserved
0x6A1F
0x6A3F
0x6A5F
0x6A7F
0x6A9F
0x6ABF
Copyright © 2007–2011, Texas Instruments Incorporated
Peripherals
75
Submit Documentation Feedback
Product Folder Link(s): TMS320F28335 TMS320F28334 TMS320F28332 TMS320F28235 TMS320F28234
TMS320F28232


Similar Part No. - TMS320F28335

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F28335 TI-TMS320F28335 Datasheet
2Mb / 166P
[Old version datasheet]   Digital Signal Controllers (DSCs)
TMS320F28335 TI-TMS320F28335 Datasheet
2Mb / 170P
[Old version datasheet]   Digital Signal Controllers (DSCs)
TMS320F28335 TI-TMS320F28335 Datasheet
2Mb / 195P
[Old version datasheet]   Digital Signal Controllers (DSCs)
TMS320F28335 TI1-TMS320F28335 Datasheet
2Mb / 199P
[Old version datasheet]   PRODUCTION DATA information is current as of publication date
TMS320F28335 TI1-TMS320F28335 Datasheet
2Mb / 201P
[Old version datasheet]   Digital Signal Controllers (DSCs)
More results

Similar Description - TMS320F28335

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F28335 TI1-TMS320F28335_13 Datasheet
2Mb / 199P
[Old version datasheet]   Digital Signal Controllers (DSCs)
TMS320F28335 TI-TMS320F28335 Datasheet
2Mb / 195P
[Old version datasheet]   Digital Signal Controllers (DSCs)
TMS320F28335 TI-TMS320F28335_1 Datasheet
2Mb / 166P
[Old version datasheet]   Digital Signal Controllers (DSCs)
TMS320F28335 TI-TMS320F28335_08 Datasheet
2Mb / 170P
[Old version datasheet]   Digital Signal Controllers (DSCs)
TMS320F28335 TI1-TMS320F28335_18 Datasheet
2Mb / 206P
[Old version datasheet]   Digital Signal Controllers (DSCs)
TMS320F28335_016 TI1-TMS320F28335_016 Datasheet
2Mb / 201P
[Old version datasheet]   Digital Signal Controllers (DSCs)
TMS320F28335 TI-TMS320F28335_V01 Datasheet
3Mb / 207P
[Old version datasheet]   TMS320F2833x, TMS320F2823x Digital Signal Controllers (DSCs)
TMS320F28335 TI-TMS320F28335_V02 Datasheet
3Mb / 208P
[Old version datasheet]   TMS320F2833x, TMS320F2823x Digital Signal Controllers (DSCs)
TMS320F28335 TI-TMS320F28335_V03 Datasheet
5Mb / 208P
[Old version datasheet]   TMS320F2833x, TMS320F2823x Digital Signal Controllers (DSCs)
logo
NXP Semiconductors
MC56F847XX NXP-MC56F847XX Datasheet
1Mb / 90P
   This family of digital signal controllers DSCs is based on the 32-bit 56800EX core.
Rev. 4.1, 01/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com