Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

B37830R0100M041 Datasheet(PDF) 3 Page - EPCOS

Part No. B37830R0100M041
Description  Multilayer Ceramic Capacitors Array
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B37830R0100M041 Datasheet(HTML) 3 Page - EPCOS

  B37830R0100M041 Datasheet HTML 1Page - EPCOS B37830R0100M041 Datasheet HTML 2Page - EPCOS B37830R0100M041 Datasheet HTML 3Page - EPCOS B37830R0100M041 Datasheet HTML 4Page - EPCOS B37830R0100M041 Datasheet HTML 5Page - EPCOS B37830R0100M041 Datasheet HTML 6Page - EPCOS B37830R0100M041 Datasheet HTML 7Page - EPCOS B37830R0100M041 Datasheet HTML 8Page - EPCOS B37830R0100M041 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
102 10/02
Multilayer Ceramic Capacitors
X7R
Capacitance tolerances
Dimensional drawing
2-fold array (case size 0405)
4-fold array (case sizes 0508 and 0612)
Dimensions (mm)
Tolerances to CECC 32101-801
Code letter
K
M
(standard)
Tolerance
±10% ±20%
2-fold array
4-fold array
Case size
(inch)
(mm)
0405
1012
0508
1220
0612
1632
l
1,37
± 0,15
2,0
± 0,2
3,2
± 0,2
b
1,0 +0 /–0,15
1,25
± 0,15
1,6
± 0,2
s
0,70 max.
0,85
± 0,1
0,85
± 0,1
k
0,36
± 0,1
0,3
± 0,1
0,4
± 0,15
e
0,64
0,5
± 0,1
0,8
± 0,15
u
0,2
± 0,1
0,2 +0,3 /–0,1
0,2 + 0,3 /– 0,1
KKE0272-V
kk
b
k
KKE0330-R
e
b
u
KKE0331-Z
e
k
u
b
e
X7R


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn