Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV320AIC32 Datasheet(PDF) 22 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # TLV320AIC32
Description  LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

TLV320AIC32 Datasheet(HTML) 22 Page - Burr-Brown (TI)

Back Button TLV320AIC32_07 Datasheet HTML 18Page - Burr-Brown (TI) TLV320AIC32_07 Datasheet HTML 19Page - Burr-Brown (TI) TLV320AIC32_07 Datasheet HTML 20Page - Burr-Brown (TI) TLV320AIC32_07 Datasheet HTML 21Page - Burr-Brown (TI) TLV320AIC32_07 Datasheet HTML 22Page - Burr-Brown (TI) TLV320AIC32_07 Datasheet HTML 23Page - Burr-Brown (TI) TLV320AIC32_07 Datasheet HTML 24Page - Burr-Brown (TI) TLV320AIC32_07 Datasheet HTML 25Page - Burr-Brown (TI) TLV320AIC32_07 Datasheet HTML 26Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 87 page
background image
www.ti.com
H(z) +
N0 ) N1
z*1
32768 * D1
z*1
(1)
N0 ) 2
N1
z*1 ) N2
z*2
32768 * 2
D1
z*1 * D2
z*2
N3 ) 2
N4
z*1 ) N5
z*2
32768 * 2
D4
z*1 * D5
z*2
(2)
LB1
LB2
RB1
RB2
TLV320AIC32
SLAS479B – AUGUST 2005 – REVISED AUGUST 2006
where the N0, N1, and D1 coefficients are fully programmable individually for each channel. The coefficients that
should be loaded to implement standard de-emphasis filters are given in Table 1.
Table 1. De-Emphasis Coefficients for Common Audio Sampling Rates
SAMPLING FREQUENCY
N0
N1
D1
32-kHz
16950
–1220
17037
44.1-kHz
15091
–2877
20555
48-kHz(1)
14677
–3283
21374
(1)
Default De-emphasis Coeffiicients
In addition to the de-emphasis filter block, the DAC digital effects processing includes a fourth order digital IIR
filter with programmable coefficients (one set per channel). This filter is implemented as cascade of two biquad
sections with frequency response given by:
The N and D coefficients are fully programmable, and the entire filter can be enabled or bypassed. The structure
of the filtering when configured for independent channel processing is shown below in Figure 26, with LB1
corresponding to the first left-channel biquad filter using coefficients N0, N1, N2, D1, and D2. LB2 similarly
corresponds to the second left-channel biquad filter using coefficients N3, N4, N5, D4, and D5. The RB1 and
RB2 filters refer to the first and second right-channel biquad filters, respectively.
Figure 26. Structure of the Digital Effects Processing for Independent Channel Processing
The coefficients for this filter implement a variety of sound effects, with bass-boost or treble boost being the most
commonly used in portable audio applications. The default N and D coefficients in the part are given in Table 2
and implement a shelving filter with 0-dB gain from DC to approximately 150 Hz, at which point it rolls off to a
3-dB attenuation for higher frequency signals, thus giving a 3-dB boost to signals below 150 Hz. The N and D
coefficients are represented by 16-bit two’s complement numbers with values ranging from –32768 to 32767.
27
Submit Documentation Feedback


Similar Part No. - TLV320AIC32_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3204 TI-TLV320AIC3204 Datasheet
2Mb / 159P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec
TLV320AIC3204 TI1-TLV320AIC3204 Datasheet
1Mb / 53P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec
TLV320AIC3204 TI1-TLV320AIC3204 Datasheet
1Mb / 51P
[Old version datasheet]   Ultra Low-Power Stereo Audio Codec
TLV320AIC3204 TI1-TLV320AIC3204 Datasheet
1Mb / 53P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec with Embedded miniDSP
TLV320AIC3204 TI-TLV320AIC3204 Datasheet
2Mb / 53P
[Old version datasheet]   This users guide describes the characteristics, operation, and use of the TLV320AIC3204EVM-K.
October 2012
More results

Similar Description - TLV320AIC32_07

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TLV320AIC31 BURR-BROWN-TLV320AIC31_07 Datasheet
1Mb / 77P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3105 BURR-BROWN-TLV320AIC3105_08 Datasheet
1Mb / 95P
   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLVAIC3106IRGZRG4 TI-TLVAIC3106IRGZRG4 Datasheet
1Mb / 103P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Burr-Brown (TI)
TLV320ALC31 BURR-BROWN-TLV320ALC31 Datasheet
1,008Kb / 74P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLV320AIC3106-Q1 TI1-TLV320AIC3106-Q1 Datasheet
1Mb / 102P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3101 TI1-TLV320AIC3101 Datasheet
2Mb / 98P
[Old version datasheet]   Low-Power Stereo Audio Codec for Portable Audio/Telephony
TLV320AIC31 TI-TLV320AIC31 Datasheet
2Mb / 70P
[Old version datasheet]   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3106_0706 TI-TLV320AIC3106_0706 Datasheet
1Mb / 102P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Burr-Brown (TI)
TLV320AIC3105 BURR-BROWN-TLV320AIC3105 Datasheet
1Mb / 93P
   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLV320AIC3101 TI-TLV320AIC3101 Datasheet
1Mb / 95P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com