Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV320AIC31 Datasheet(PDF) 52 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # TLV320AIC31
Description  LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

TLV320AIC31 Datasheet(HTML) 52 Page - Burr-Brown (TI)

Back Button TLV320AIC31_07 Datasheet HTML 48Page - Burr-Brown (TI) TLV320AIC31_07 Datasheet HTML 49Page - Burr-Brown (TI) TLV320AIC31_07 Datasheet HTML 50Page - Burr-Brown (TI) TLV320AIC31_07 Datasheet HTML 51Page - Burr-Brown (TI) TLV320AIC31_07 Datasheet HTML 52Page - Burr-Brown (TI) TLV320AIC31_07 Datasheet HTML 53Page - Burr-Brown (TI) TLV320AIC31_07 Datasheet HTML 54Page - Burr-Brown (TI) TLV320AIC31_07 Datasheet HTML 55Page - Burr-Brown (TI) TLV320AIC31_07 Datasheet HTML 56Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 77 page
background image
www.ti.com
TLV320AIC31
SLAS497A – AUGUST 2006 – REVISED SEPTERMBER 2006
Page 0 / Register 46:
PGA_L to HPLOUT Volume Control Register
BIT
READ/
RESET
DESCRIPTION
WRITE
VALUE
D7
R/W
0
PGA_L Output Routing Control
0: PGA_L is not routed to HPLOUT
1: PGA_L is routed to HPLOUT
D6-D0
R/W
0000000
PGA_L to HPLOUT Analog Volume Control
For 7-bit register setting versus analog gain values, see Table 4
Page 0 / Register 47:
DAC_L1 to HPLOUT Volume Control Register
BIT
READ/
RESET
DESCRIPTION
WRITE
VALUE
D7
R/W
0
DAC_L1 Output Routing Control
0: DAC_L1 is not routed to HPLOUT
1: DAC_L1 is routed to HPLOUT
D6-D0
R/W
0000000
DAC_L1 to HPLOUT Analog Volume Control
For 7-bit register setting versus analog gain values, see Table 4
Page 0 / Register 48:
Reserved Register
BIT
READ/
RESET
DESCRIPTION
WRITE
VALUE
D7
R/W
00000000
Reserved. Do not write to this register.
Page 0 / Register 49:
PGA_R to HPLOUT Volume Control Register
BIT
READ/
RESET
DESCRIPTION
WRITE
VALUE
D7
R/W
0
PGA_R Output Routing Control
0: PGA_R is not routed to HPLOUT
1: PGA_R is routed to HPLOUT
D6-D0
R/W
0000000
PGA_R to HPLOUT Analog Volume Control
For 7-bit register setting versus analog gain values, see Table 4
Page 0 / Register 50:
DAC_R1 to HPLOUT Volume Control Register
BIT
READ/
RESET
DESCRIPTION
WRITE
VALUE
D7
R/W
0
DAC_R1 Output Routing Control
0: DAC_R1 is not routed to HPLOUT
1: DAC_R1 is routed to HPLOUT
D6-D0
R/W
0000000
DAC_R1 to HPLOUT Analog Volume Control
For 7-bit register setting versus analog gain values, see Table 4
Page 0 / Register 51:
HPLOUT Output Level Control Register
BIT
READ/
RESET
DESCRIPTION
WRITE
VALUE
D7-D4
R/W
0000
HPLOUT Output Level Control
0000: Output level control = 0-dB
0001: Output level control = 1-dB
0010: Output level control = 2-dB
...
1000: Output level control = 8-dB
1001: Output level control = 9-dB
1010–1111: Reserved. Do not write these sequences to these register bits.
D3
R/W
0
HPLOUT Mute
0: HPLOUT is muted
1: HPLOUT is not muted
D2
R/W
1
HPLOUT Power Down Drive Control
0: HPLOUT is weakly driven to a common-mode when powered down
1: HPLOUT is tri-stated with powered down
52
Submit Documentation Feedback


Similar Part No. - TLV320AIC31_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3100 TI1-TLV320AIC3100 Datasheet
1Mb / 129P
[Old version datasheet]   Low-Power Audio Codec With Audio Processing and Mono Class-D Amplifier
TLV320AIC3100IRHBR TI1-TLV320AIC3100IRHBR Datasheet
1Mb / 129P
[Old version datasheet]   Low-Power Audio Codec With Audio Processing and Mono Class-D Amplifier
TLV320AIC3100IRHBT TI1-TLV320AIC3100IRHBT Datasheet
1Mb / 129P
[Old version datasheet]   Low-Power Audio Codec With Audio Processing and Mono Class-D Amplifier
TLV320AIC3110 TI1-TLV320AIC3110 Datasheet
1Mb / 127P
[Old version datasheet]   Low-Power Audio Codec With Audio Procsessing and Stereo Class-D Speaker Amplifier
TLV320AIC3110 TI1-TLV320AIC3110 Datasheet
1Mb / 127P
[Old version datasheet]   Low-Power Audio Codec With Audio Procsessing and Stereo Class-D Speaker Amplifier
More results

Similar Description - TLV320AIC31_07

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TLV320AIC3105 BURR-BROWN-TLV320AIC3105_08 Datasheet
1Mb / 95P
   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLVAIC3106IRGZRG4 TI-TLVAIC3106IRGZRG4 Datasheet
1Mb / 103P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Burr-Brown (TI)
TLV320ALC31 BURR-BROWN-TLV320ALC31 Datasheet
1,008Kb / 74P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC32 BURR-BROWN-TLV320AIC32_07 Datasheet
1Mb / 87P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLV320AIC3106-Q1 TI1-TLV320AIC3106-Q1 Datasheet
1Mb / 102P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3101 TI1-TLV320AIC3101 Datasheet
2Mb / 98P
[Old version datasheet]   Low-Power Stereo Audio Codec for Portable Audio/Telephony
TLV320AIC31 TI-TLV320AIC31 Datasheet
2Mb / 70P
[Old version datasheet]   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3106_0706 TI-TLV320AIC3106_0706 Datasheet
1Mb / 102P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Burr-Brown (TI)
TLV320AIC3105 BURR-BROWN-TLV320AIC3105 Datasheet
1Mb / 93P
   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLV320AIC3101 TI-TLV320AIC3101 Datasheet
1Mb / 95P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com