Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV320AIC31 Datasheet(PDF) 31 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # TLV320AIC31
Description  LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

TLV320AIC31 Datasheet(HTML) 31 Page - Burr-Brown (TI)

Back Button TLV320AIC31_07 Datasheet HTML 27Page - Burr-Brown (TI) TLV320AIC31_07 Datasheet HTML 28Page - Burr-Brown (TI) TLV320AIC31_07 Datasheet HTML 29Page - Burr-Brown (TI) TLV320AIC31_07 Datasheet HTML 30Page - Burr-Brown (TI) TLV320AIC31_07 Datasheet HTML 31Page - Burr-Brown (TI) TLV320AIC31_07 Datasheet HTML 32Page - Burr-Brown (TI) TLV320AIC31_07 Datasheet HTML 33Page - Burr-Brown (TI) TLV320AIC31_07 Datasheet HTML 34Page - Burr-Brown (TI) TLV320AIC31_07 Datasheet HTML 35Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 77 page
background image
www.ti.com
MICBIAS GENERATION
ANALOG FULLY DIFFERENTIAL LINE OUTPUT DRIVERS
VOLUME
CONTROLS,
MIXING
PGA_L
PGA_R
DAC_L1
DAC_R1
DAC_L3
LEFT_LOP
LEFT_LOM
Gain=0dBto+9dB,
Mute
PGA_L
PGA_R
DAC_L1
DAC_R1
DAC_R3
RIGHT_LOP
RIGHT_LOM
Gain=0dBto+9dB,
Mute
DAC_L
DAC_L1
DAC_L2
DAC_L3
DAC_R
DAC_R1
DAC_R2
DAC_R3
STEREO
AUDIO
DAC
VOLUME
CONTROLS,
MIXING
TLV320AIC31
SLAS497A – AUGUST 2006 – REVISED SEPTERMBER 2006
In most cases, the analog input pins on the TLV320AIC31 should be ac-coupled to analog input sources, the
only exception to this generally being if an ADC is being used for DC voltage measurement. The ac-coupling
capacitor will cause a highpass filter pole to be inserted into the analog signal path, so the size of the capacitor
must be chosen to move that filter pole sufficiently low in frequency to cause minimal effect on the processed
analog signal. The input impedance of the analog inputs when selected for connection to an ADC PGA varies
with the setting of the input level control, starting at approximately 20 k
Ω with an input level control setting of
0-dB, and increasing to approximately 80-k
Ω when the input level control is set at –12 dB. For example, using a
0.1
µF ac-coupling capacitor at an analog input will result in a highpass filter pole of 80 Hz when the 0 dB input
level control setting is selected.
The TLV320AIC31 includes a programmable microphone bias output voltage (MICBIAS), capable of providing
output voltages of 2.0 V or 2.5 V (both derived from the on-chip bandgap voltage) with 4-mA output current
drive. In addition, the MICBIAS may be programmed to be switched to AVDD directly through an on-chip switch,
or it can be powered down completely when not needed, for power savings. This function is controlled by
register programming in Page-0/Reg-25.
The TLV320AIC31 has two fully differential line output drivers, each capable of driving a 10-k
Ω differential load.
The output stage design leading to the fully differential line output drivers is shown in Figure 29 and Figure 30.
This design includes extensive capability to adjust signal levels independently before any mixing occurs, beyond
that already provided by the PGA gain and the DAC digital volume control.
The PGA_L/R signals refer to the outputs of the ADC PGA stages that are similarly passed around the ADC to
the output stage. Note that since both left and right channel signals are routed to all output drivers, a mono mix
of any of the stereo signals can easily be obtained by setting the volume controls of both left and right channel
signals to –6 dB and mixing them. Undesired signals can also be disconnected from the mix as well through
register control.
Figure 29. Architecture of the Output Stage Leading to the Fully Differential Line Output Drivers
31
Submit Documentation Feedback


Similar Part No. - TLV320AIC31_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3100 TI1-TLV320AIC3100 Datasheet
1Mb / 129P
[Old version datasheet]   Low-Power Audio Codec With Audio Processing and Mono Class-D Amplifier
TLV320AIC3100IRHBR TI1-TLV320AIC3100IRHBR Datasheet
1Mb / 129P
[Old version datasheet]   Low-Power Audio Codec With Audio Processing and Mono Class-D Amplifier
TLV320AIC3100IRHBT TI1-TLV320AIC3100IRHBT Datasheet
1Mb / 129P
[Old version datasheet]   Low-Power Audio Codec With Audio Processing and Mono Class-D Amplifier
TLV320AIC3110 TI1-TLV320AIC3110 Datasheet
1Mb / 127P
[Old version datasheet]   Low-Power Audio Codec With Audio Procsessing and Stereo Class-D Speaker Amplifier
TLV320AIC3110 TI1-TLV320AIC3110 Datasheet
1Mb / 127P
[Old version datasheet]   Low-Power Audio Codec With Audio Procsessing and Stereo Class-D Speaker Amplifier
More results

Similar Description - TLV320AIC31_07

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TLV320AIC3105 BURR-BROWN-TLV320AIC3105_08 Datasheet
1Mb / 95P
   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLVAIC3106IRGZRG4 TI-TLVAIC3106IRGZRG4 Datasheet
1Mb / 103P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Burr-Brown (TI)
TLV320ALC31 BURR-BROWN-TLV320ALC31 Datasheet
1,008Kb / 74P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC32 BURR-BROWN-TLV320AIC32_07 Datasheet
1Mb / 87P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLV320AIC3106-Q1 TI1-TLV320AIC3106-Q1 Datasheet
1Mb / 102P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3101 TI1-TLV320AIC3101 Datasheet
2Mb / 98P
[Old version datasheet]   Low-Power Stereo Audio Codec for Portable Audio/Telephony
TLV320AIC31 TI-TLV320AIC31 Datasheet
2Mb / 70P
[Old version datasheet]   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3106_0706 TI-TLV320AIC3106_0706 Datasheet
1Mb / 102P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Burr-Brown (TI)
TLV320AIC3105 BURR-BROWN-TLV320AIC3105 Datasheet
1Mb / 93P
   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLV320AIC3101 TI-TLV320AIC3101 Datasheet
1Mb / 95P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com