Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV320AIC31 Datasheet(PDF) 29 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # TLV320AIC31
Description  LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

TLV320AIC31 Datasheet(HTML) 29 Page - Burr-Brown (TI)

Back Button TLV320AIC31_07 Datasheet HTML 25Page - Burr-Brown (TI) TLV320AIC31_07 Datasheet HTML 26Page - Burr-Brown (TI) TLV320AIC31_07 Datasheet HTML 27Page - Burr-Brown (TI) TLV320AIC31_07 Datasheet HTML 28Page - Burr-Brown (TI) TLV320AIC31_07 Datasheet HTML 29Page - Burr-Brown (TI) TLV320AIC31_07 Datasheet HTML 30Page - Burr-Brown (TI) TLV320AIC31_07 Datasheet HTML 31Page - Burr-Brown (TI) TLV320AIC31_07 Datasheet HTML 32Page - Burr-Brown (TI) TLV320AIC31_07 Datasheet HTML 33Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 77 page
background image
www.ti.com
AUDIO DAC POWER CONTROL
AUDIO ANALOG INPUTS
GAIN = 0, −1.5, −3, . . . −12 dB, Mute
GAIN = 0, −1.5, −3, . . . −12 dB, Mute
To Left ADC
PGA
LINE1 LP
LINE1 LM
LINE1 RP
LINE1 RM
TLV320AIC31
SLAS497A – AUGUST 2006 – REVISED SEPTERMBER 2006
The stereo DAC can be fully powered up or down, and in addition, the analog circuitry in each DAC channel can
be powered up or down independently. This provides power savings when only a mono playback stream is
needed.
The TLV320AIC31 includes six analog audio input pins, which can be configured as two fully-differential pair
plus one single-ended pair of audio inputs, or four single-ended audio inputs. These six pins connect through
series resistors and switches to the virtual ground terminals of two fully differential opamps (one per ADC/PGA
channel). By selecting to turn on only one set of switches per opamp at a time, the inputs can be effectively
muxed to each ADC PGA channel
By selecting to turn on multiple sets of switches per opamp at a time, mixing can also be achieved. However,
single-ended and fully-differential audio inputs cannot be mixed into the same ADC PGA at the same time.
Mixing of multiple inputs can easily lead to PGA outputs that exceed the range of the internal opamps, resulting
in saturation and clipping of the mixed output signal. Whenever mixing is being implemented, the user should
take adequate precautions to avoid such a saturation case from occurring. In general, the mixed signal should
not exceed 2Vp-p single-ended or 4Vp-p fully-differential.
In most mixing applications, there is also a general need to adjust the levels of the individual signals being
mixed. For example, if a soft signal and a large signal are to be mixed and played together, the soft signal
generally should be amplified to a level comparable to the large signal before mixing. In order to accommodate
this need, the TLV320AIC31 includes input level control on each of the individual inputs before they are mixed or
muxed into the ADC PGAs, with gain programmable from 0dB to -12dB in 1.5dB steps. Note that this input level
control is not intended to be a volume control, but instead used occasionally for level setting. Soft-stepping of
the input level control settings is implemented in this device, with the speed and functionality following the
settings used by the ADC PGA for soft-stepping.
The TLV320AIC31 supports the ability to mix up to two fully-differential analog inputs into each ADC PGA
channel. Figure 27 shows the mixing configuration for the left channel, which can mix the signals IN1LP-IN1LM
and IN1RP-IN1RM.
Figure 27. Left Channel Fully-Differential Analog Mixing Capability
Two fully-differential analog inputs can similarly be mixed into the right ADC PGA as well, consisting of
IN1RP-IN1RM and IN1LP-IN1LM. Note that it is not necessary to mix both fully-differential signals if this is not
desired – unnecessary inputs can simply be muted using the input level control registers.
Inputs can also be selected as single-ended instead of fully-differential, and mixing or muxing into the ADC
PGAs is also possible in this mode. It is not possible, however, for an input pair to be selected as
fully-differential for connection to one ADC PGA and simultaneously selected as single-ended for connection to
the other ADC PGA channel. However, it is possible for an input to be selected or mixed into both left and right
channel PGAs, as long as it has the same configuration for both channels (either both single-ended or both
fully-differential).
29
Submit Documentation Feedback


Similar Part No. - TLV320AIC31_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3100 TI1-TLV320AIC3100 Datasheet
1Mb / 129P
[Old version datasheet]   Low-Power Audio Codec With Audio Processing and Mono Class-D Amplifier
TLV320AIC3100IRHBR TI1-TLV320AIC3100IRHBR Datasheet
1Mb / 129P
[Old version datasheet]   Low-Power Audio Codec With Audio Processing and Mono Class-D Amplifier
TLV320AIC3100IRHBT TI1-TLV320AIC3100IRHBT Datasheet
1Mb / 129P
[Old version datasheet]   Low-Power Audio Codec With Audio Processing and Mono Class-D Amplifier
TLV320AIC3110 TI1-TLV320AIC3110 Datasheet
1Mb / 127P
[Old version datasheet]   Low-Power Audio Codec With Audio Procsessing and Stereo Class-D Speaker Amplifier
TLV320AIC3110 TI1-TLV320AIC3110 Datasheet
1Mb / 127P
[Old version datasheet]   Low-Power Audio Codec With Audio Procsessing and Stereo Class-D Speaker Amplifier
More results

Similar Description - TLV320AIC31_07

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TLV320AIC3105 BURR-BROWN-TLV320AIC3105_08 Datasheet
1Mb / 95P
   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLVAIC3106IRGZRG4 TI-TLVAIC3106IRGZRG4 Datasheet
1Mb / 103P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Burr-Brown (TI)
TLV320ALC31 BURR-BROWN-TLV320ALC31 Datasheet
1,008Kb / 74P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC32 BURR-BROWN-TLV320AIC32_07 Datasheet
1Mb / 87P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLV320AIC3106-Q1 TI1-TLV320AIC3106-Q1 Datasheet
1Mb / 102P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3101 TI1-TLV320AIC3101 Datasheet
2Mb / 98P
[Old version datasheet]   Low-Power Stereo Audio Codec for Portable Audio/Telephony
TLV320AIC31 TI-TLV320AIC31 Datasheet
2Mb / 70P
[Old version datasheet]   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3106_0706 TI-TLV320AIC3106_0706 Datasheet
1Mb / 102P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Burr-Brown (TI)
TLV320AIC3105 BURR-BROWN-TLV320AIC3105 Datasheet
1Mb / 93P
   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLV320AIC3101 TI-TLV320AIC3101 Datasheet
1Mb / 95P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com