Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS6443IRGCT Datasheet(PDF) 6 Page - STMicroelectronics

Part # ADS6443IRGCT
Description  QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADS6443IRGCT Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ADS6443IRGCT Datasheet HTML 2Page - STMicroelectronics ADS6443IRGCT Datasheet HTML 3Page - STMicroelectronics ADS6443IRGCT Datasheet HTML 4Page - STMicroelectronics ADS6443IRGCT Datasheet HTML 5Page - STMicroelectronics ADS6443IRGCT Datasheet HTML 6Page - STMicroelectronics ADS6443IRGCT Datasheet HTML 7Page - STMicroelectronics ADS6443IRGCT Datasheet HTML 8Page - STMicroelectronics ADS6443IRGCT Datasheet HTML 9Page - STMicroelectronics ADS6443IRGCT Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 75 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
ADS6445, ADS6444
ADS6443, ADS6442
SLAS531 – MAY 2007
Typical values are at 25
°C, min and max values are across the full temperature range T
MIN = –40°C to TMAX = 85°C, AVDD =
LVDD = 3.3V, maximum rated sampling frequency, 50% clock duty cycle, –1dBFS differential analog input, internal reference
mode (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP MAX
UNIT
POWER SUPPLY (Continued)
ADS6445
1.65
1.8
ADS6444
1.35
1.5
Total power
W
ADS6443
1.18
1.3
ADS6442
1.05
1.2
Power down (with input clock stopped)
77
150
mW
DYNAMIC AC CHARACTERISTICS
ADS6445
73.7
ADS6444
73.8
Fin = 10 MHz
ADS6443
74.4
ADS6442
74.5
ADS6445
68.5
73.1
ADS6444
73.2
Fin = 50 MHz
ADS6443
70
73.8
ADS6442
70.5
74
ADS6445
72.7
ADS6444
69
73
Fin = 70 MHz
ADS6443
73.4
ADS6442
73.6
ADS6445
72.1
ADS6444
72.2
Fin = 100 MHz
ADS6443
72.7
SNR
Signal to noise ratio
ADS6442
72.8
dBFS
ADS6445
69.9
ADS6444
70.2
0 dB gain
ADS6443
70.5
ADS6442
70.7
Fin = 170 MHz
ADS6445
69.4
ADS6444
69.7
3.5 dB Coarse gain
ADS6443
69.7
ADS6442
70.2
ADS6445
68.7
ADS6444
68.8
0 dB gain
ADS6443
68.1
ADS6442
Fin = 230 MHz
69.2
ADS6445
68.1
ADS6444 and ADS6443
3.5 dB Coarse gain
68.2
ADS6442
68.9
6
Submit Documentation Feedback


Similar Part No. - ADS6443IRGCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS6443IRGCT TI-ADS6443IRGCT Datasheet
3Mb / 80P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6443IRGCT TI-ADS6443IRGCT Datasheet
2Mb / 80P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6443IRGCT TI1-ADS6443IRGCT Datasheet
3Mb / 82P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6443IRGCTG4 TI-ADS6443IRGCTG4 Datasheet
3Mb / 80P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6443IRGCTG4 TI-ADS6443IRGCTG4 Datasheet
2Mb / 80P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
More results

Similar Description - ADS6443IRGCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS6445 TI-ADS6445_09 Datasheet
3Mb / 80P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6445 TI1-ADS6445_14 Datasheet
3Mb / 82P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6445 TI-ADS6445_10 Datasheet
2Mb / 80P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6245 TI-ADS6245 Datasheet
3Mb / 76P
[Old version datasheet]   DUAL CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6445-EP TI1-ADS6445-EP_13 Datasheet
2Mb / 66P
[Old version datasheet]   QUAD CHANNEL, 14 BIT, 125/105 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6445-EP TI-ADS6445-EP Datasheet
3Mb / 71P
[Old version datasheet]   QUAD CHANNEL, 14 BIT, 125 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6424 TI-ADS6424_10 Datasheet
2Mb / 71P
[Old version datasheet]   QUAD CHANNEL, 12-BIT, 105/80/65 MSPS ADC WITH SERIAL LVDS INTERFACE
ADS6143IRHB25 TI1-ADS6143IRHB25 Datasheet
2Mb / 67P
[Old version datasheet]   14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6145 TI-ADS6145 Datasheet
2Mb / 68P
[Old version datasheet]   14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P45 TI-ADS62P45 Datasheet
2Mb / 67P
[Old version datasheet]   Dual Channel 14-Bit, 125/105/80/65 MSPS ADC with Parallel CMOS/DDR LVDS outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com