Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CT1210K25G Datasheet(PDF) 6 Page - EPCOS

Part # CT1210K25G
Description  Multilayer technology
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

CT1210K25G Datasheet(HTML) 6 Page - EPCOS

Back Button CT1210K25G Datasheet HTML 2Page - EPCOS CT1210K25G Datasheet HTML 3Page - EPCOS CT1210K25G Datasheet HTML 4Page - EPCOS CT1210K25G Datasheet HTML 5Page - EPCOS CT1210K25G Datasheet HTML 6Page - EPCOS CT1210K25G Datasheet HTML 7Page - EPCOS CT1210K25G Datasheet HTML 8Page - EPCOS CT1210K25G Datasheet HTML 9Page - EPCOS CT1210K25G Datasheet HTML 10Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
122 04/02
CT1206K50G
B72520T0500K062
50
65
100
0,6
0,008
CT1210K50G
B72530T0500K062
50
65
200
1,6
0,010
CT1812K50G
B72580T0500K062
50
65
400
4,5
0,015
CT2220K50G
B72540T0500K062
50
65
800
5,6
0,020
CT1206K60G
B72520T0600K062
60
85
100
0,7
0,008
CT1210K60G
B72530T0600K062
60
85
200
2,0
0,010
CT1812K60G
B72580T0600K062
60
85
400
5,8
0,015
CT2220K60G
B72540T0600K062
60
85
800
6,8
0,020
Maximum ratings (0402 … 0603: TA = 85 °C; 0805 … 2220: TA = 125 °C)
Type
SIOV-
Ordering code
VRMS
V
VDC
V
imax
8/20
ms
A
Wmax
(2 ms)
J
Pmax
W
A wide range of HC, CC and LC types are available upon request (see 3.3.6, chapter “Applications”).
Standard – Nickel Barrier Termination (available upon request)
SMD Varistors


Similar Part No. - CT1210K25G

ManufacturerPart #DatasheetDescription
logo
EPCOS
CT1210K25G EPCOS-CT1210K25G Datasheet
337Kb / 14P
   Ceramic transient voltage suppressors
More results

Similar Description - CT1210K25G

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72500T1140S260 EPCOS-B72500T1140S260 Datasheet
94Kb / 5P
   Multilayer technology
B72580T0600S172 EPCOS-B72580T0600S172 Datasheet
91Kb / 5P
   Multilayer technology MLV; Telecom Series
logo
IK Semicon Co., Ltd
IK2107DW IKSEMICON-IK2107DW Datasheet
297Kb / 17P
   CMOS Technology
logo
International Rectifier
IRF7328TRPBF IRF-IRF7328TRPBF Datasheet
175Kb / 8P
   Trench Technology
IRF7319TRPBF IRF-IRF7319TRPBF Datasheet
229Kb / 10P
   GenarafionV Technology
logo
Shenzhen Titan Micro El...
TM1628 TITAN-TM1628 Datasheet
418Kb / 14P
   CMOS Technology
logo
International Rectifier
IRF7663TR IRF-IRF7663TR Datasheet
82Kb / 7P
   Trench Technology
IRF7530TR IRF-IRF7530TR Datasheet
105Kb / 8P
   Trench Technology
logo
M/A-COM Technology Solu...
28970-BRF-001-A MA-COM-28970-BRF-001-A Datasheet
308Kb / 2P
   AutoBaud Technology
logo
List of Unclassifed Man...
SFC4000 ETC2-SFC4000 Datasheet
436Kb / 15P
   CMOSens technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com