Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDUSBP11APWDH Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PDUSBP11APWDH
Description  Universal Serial Bus Transceiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDUSBP11APWDH Datasheet(HTML) 5 Page - NXP Semiconductors

  PDUSBP11APWDH Datasheet HTML 1Page - NXP Semiconductors PDUSBP11APWDH Datasheet HTML 2Page - NXP Semiconductors PDUSBP11APWDH Datasheet HTML 3Page - NXP Semiconductors PDUSBP11APWDH Datasheet HTML 4Page - NXP Semiconductors PDUSBP11APWDH Datasheet HTML 5Page - NXP Semiconductors PDUSBP11APWDH Datasheet HTML 6Page - NXP Semiconductors PDUSBP11APWDH Datasheet HTML 7Page - NXP Semiconductors PDUSBP11APWDH Datasheet HTML 8Page - NXP Semiconductors PDUSBP11APWDH Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Philips Semiconductors
Product specification
PDIUSBP11A
Universal Serial Bus transceiver
1999 Jun 04
5
DC CHARACTERISTICS (DIGITAL PINS)
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
Temp = –40
°C to +85°C
UNIT
MIN
TYP
MAX
INPUT LEVELS
VIL
LOW level input voltage
0.8
V
VIH
HIGH level input voltage
2.0
V
OUTPUT LEVELS
VO
LOW level output voltage
IOL = 4mA
0.4
V
VOL
LOW level output voltage
IOL = 20µA
0.1
V
VO
HIGH level output voltage
IOH = 4mA
2.4
V
VOH
HIGH level output voltage
IOH = 20µA
VCC–0.1
V
LEAKAGE CURRENT
IL
Input leakage current
±5
µA
ICCS
Supply current in Suspend
5
µA
SUPPLY CURRENT
ICC
Operating supply current
6
mA
DC CHARACTERISTICS (AI/O PINS)
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
Temp = –40
°C to +85°C
UNIT
MIN
MAX
INPUT LEVELS
VDI
Differential input sensitivity
|(D+) – (D–)|
0.2
V
VCM
Differential common mode range
Includes VDI range
0.8
2.5
V
VSE
Single ended receiver threshold
0.8
2.0
V
OUTPUT LEVELS
VOL
Static output LOW voltage
RL of 1.5 kΩ to 3.6V
0.3
V
VOH
Static output HIGH voltage
RL of 15 kΩ to GND
2.8
3.6
V
LEAKAGE CURRENT
ILO
Hi-Z State data line leakage current
0V
< VIN < 3.3V
±10
µA
CAPACITANCE
CIN
Transceiver capacitance
Pin to GND
20
pF
OUTPUT RESISTANCE
ZDRV1
Driver output resistance
Steady state drive
6
18
NOTE:
1. Excludes external resistor. In order to comply with USB Specifications 1.1, external series resistors of 24
Ω ±1% each on D+ and D– are
recommended.


Similar Part No. - PDUSBP11APWDH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDUSBD12PWDH PHILIPS-PDUSBD12PWDH Datasheet
167Kb / 22P
   USB interface device with parallel bus
Rev. 08-20 December 2001
More results

Similar Description - PDUSBP11APWDH

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
USB1T20 FAIRCHILD-USB1T20 Datasheet
700Kb / 9P
   Universal Serial Bus Transceiver
USB1T11A FAIRCHILD-USB1T11A Datasheet
558Kb / 11P
   Universal Serial Bus Transceiver
logo
Sipex Corporation
SP5301 SIPEX-SP5301 Datasheet
185Kb / 13P
   Universal Serial Bus Transceiver
SP5301 SIPEX-SP5301 Datasheet
185Kb / 13P
   Universal Serial Bus Transceiver
logo
Micrel Semiconductor
MIC2550 MICREL-MIC2550_11 Datasheet
127Kb / 11P
   Universal Serial Bus Transceiver
MIC2550A MICREL-MIC2550A_11 Datasheet
127Kb / 11P
   Universal Serial Bus Transceiver
logo
Fairchild Semiconductor
USB1T20 FAIRCHILD-USB1T20_08 Datasheet
275Kb / 9P
   Universal Serial Bus Transceiver
logo
Micrel Semiconductor
MIC2550A MICREL-MIC2550A Datasheet
122Kb / 11P
   Universal Serial Bus Transceiver
logo
NXP Semiconductors
PDIUSBP11 PHILIPS-PDIUSBP11 Datasheet
111Kb / 10P
   Universal Serial Bus transceiver
1997 Sep 16
ISP1103 PHILIPS-ISP1103 Datasheet
484Kb / 17P
   Universal Serial Bus transceiver
Rev. 01 - 4 October 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com