Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

B37830 Datasheet(PDF) 7 Page - EPCOS

Part No. B37830
Description  Multilayer Ceramic Capacitors Array
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EPCOS [EPCOS]
Homepage  http://www.epcos.com
Logo EPCOS - EPCOS

B37830 Datasheet(HTML) 7 Page - EPCOS

  B37830 Datasheet HTML 1Page - EPCOS B37830 Datasheet HTML 2Page - EPCOS B37830 Datasheet HTML 3Page - EPCOS B37830 Datasheet HTML 4Page - EPCOS B37830 Datasheet HTML 5Page - EPCOS B37830 Datasheet HTML 6Page - EPCOS B37830 Datasheet HTML 7Page - EPCOS B37830 Datasheet HTML 8Page - EPCOS B37830 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
106 10/02
Multilayer Ceramic Capacitors
X7R
Typical characteristics
Capacitance change
DC/C25 versus
temperature T
Capacitance change
DC/C0 versus
superimposed DC voltage V
Impedance |Z | versus
frequency f
Dissipation factor tan
d versus
temperature T
KKE0186-U
C25
T
∆C
0
20 40 60 80 100 ˚C 140
0
%
20
10
_
20
_
30
_
40
_
50
_
60
_
70
_
80
_
60
_
40
_
20
_
KKE0356-K
0
C0
V
∆C
10
20
30
40
V 50
1 nF
0
10
%
50 V
10
_
20
_
30
_
40
_
KKE0358-2
10 0
10 1
10 2
10
4
Z
10 0
10 1
10
10 2
MHz
3
f
10 nF
1 nF
1
10
_
10
_2
KKE0189-J
T
δ
tan
0
20 40 60 80 100 ˚C 140
60
_
40
_
20
_
1
10
_
10
_2
10
_3
X7R


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn