Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMMT413 Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # FMMT413
Description  SOT23 NPN silicon planar avalanche transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

FMMT413 Datasheet(HTML) 2 Page - Zetex Semiconductors

  FMMT413_06 Datasheet HTML 1Page - Zetex Semiconductors FMMT413_06 Datasheet HTML 2Page - Zetex Semiconductors FMMT413_06 Datasheet HTML 3Page - Zetex Semiconductors FMMT413_06 Datasheet HTML 4Page - Zetex Semiconductors FMMT413_06 Datasheet HTML 5Page - Zetex Semiconductors FMMT413_06 Datasheet HTML 6Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
FMMT413
Issue 3 - March 2006
2
www.zetex.com
© Zetex Semiconductors plc 2006
Absolute maximum ratings
Parameter
Symbol
Limit
Unit
Collector-base voltage
BVCBO
150
V
Collector-emitter voltage
BVCEO
50
V
Emitter-base voltage
BVEBO
6V
Peak pulse current (25ns Pulse Width)
ICM
50
A
Continuous collector current
IC
100
mA
Power dissipation at Tamb =25°C
Linear derating factor
PD
330
mW
Operating and storage temperature range
Tj, Tstg
-55 to +150
°C
Thermal resistance
Parameter
Symbol
Limit
Unit
Junction to ambient
R JA
378
°C/W


Similar Part No. - FMMT413_06

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FMMT413TA DIODES-FMMT413TA Datasheet
151Kb / 6P
   SOT23 NPN silicon planar avalanche transistor
FMMT413TD DIODES-FMMT413TD Datasheet
151Kb / 6P
   SOT23 NPN silicon planar avalanche transistor
More results

Similar Description - FMMT413_06

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FMMT413 DIODES-FMMT413 Datasheet
151Kb / 6P
   SOT23 NPN silicon planar avalanche transistor
FMMT415 DIODES-FMMT415 Datasheet
108Kb / 2P
   SOT23 NPN SILICON PLANAR AVALANCHE TRANSISTOR
FMMT417TA DIODES-FMMT417TA Datasheet
108Kb / 2P
   SOT23 NPN SILICON PLANAR AVALANCHE TRANSISTOR
logo
Zetex Semiconductors
FMMT413 ZETEX-FMMT413 Datasheet
98Kb / 2P
   NPN SILICON PLANAR AVALANCHE TRANSISTOR
ZUMT413 ZETEX-ZUMT413 Datasheet
54Kb / 2P
   NPN SILICON PLANAR AVALANCHE TRANSISTOR
ZTX415 ZETEX-ZTX415 Datasheet
61Kb / 2P
   NPN SILICON PLANAR AVALANCHE TRANSISTOR
FMMT415 ZETEX-FMMT415 Datasheet
97Kb / 2P
   NPN SILICON PLANAR AVALANCHE TRANSISTOR
logo
Diodes Incorporated
ZTX413 DIODES-ZTX413 Datasheet
72Kb / 2P
   NPN SILICON PLANAR AVALANCHE TRANSISTOR
logo
Zetex Semiconductors
ZTX413 ZETEX-ZTX413 Datasheet
44Kb / 2P
   NPN SILICON PLANAR AVALANCHE TRANSISTOR
logo
Diodes Incorporated
ZTX415 DIODES-ZTX415 Datasheet
73Kb / 2P
   NPN SILICON PLANAR AVALANCHE TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com