Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCX705TA Datasheet(PDF) 5 Page - Zetex Semiconductors

Part # FCX705TA
Description  120V PNP SILICON HIGH VOLTAGE DARLINGTON TRANSISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

FCX705TA Datasheet(HTML) 5 Page - Zetex Semiconductors

  FCX705TA Datasheet HTML 1Page - Zetex Semiconductors FCX705TA Datasheet HTML 2Page - Zetex Semiconductors FCX705TA Datasheet HTML 3Page - Zetex Semiconductors FCX705TA Datasheet HTML 4Page - Zetex Semiconductors FCX705TA Datasheet HTML 5Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
FCX705
SEMICO NDUC TORS
ISSUE 4 - DECEMBER 2002
Europe
Zetex plc
Fields New Road
Chadderton
Oldham, OL9 8NP
United Kingdom
Telephone (44) 161 622 4444
Fax: (44) 161 622 4446
hq@zetex.com
Zetex GmbH
Streitfeldstraße 19
D-81673 München
Germany
Telefon: (49) 89 45 49 49 0
Fax: (49) 89 45 49 49 49
europe.sales@zetex.com
Americas
Zetex Inc
700 Veterans Memorial Hwy
Hauppauge, NY 11788
USA
Telephone: (1) 631 360 2222
Fax: (1) 631 360 8222
usa.sales@zetex.com
Asia Pacific
Zetex (Asia) Ltd
3701-04 Metroplaza Tower 1
Hing Fong Road
Kwai Fong
Hong Kong
Telephone: (852) 26100 611
Fax: (852) 24250 494
asia.sales@zetex.com
These offices are supported by agents and distributors in major countries world-wide.
This publication is issued to provide outline information only which (unless agreed by the Company in writing) may not be used, applied or reproduced
for any purpose or form part of any order or contract or be regarded as a representation relating to the products or services concerned. The Company
reserves the right to alter without notice the specification, design, price or conditions of supply of any product or service.
For the latest product information, log on to
www.zetex.com
© Zetex plc 2003
5
PAD LAYOUT DETAILS
H
A
D B
K
G
N
F
C
PACKAGE DIMENSIONS
DIM
Millimetres
Inches
Min
Max
Min
Max
A
4.40
4.60
0.173
0.181
B
3.75
4.25
.150
0.167
C
1.40
1.60
0.550
0.630
D
-
2.60
-
0.102
F
0.28
0.45
0.011
0.018
G
0.38
0.55
0.015
0.022
H
1.50
1.80
0.060
0.072
K
2.60
2.85
0.102
0.112
L
2.90
3.10
0.114
0.112
N
1.4
1.60
0.055
0.063


Similar Part No. - FCX705TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FCX705TA ZETEX-FCX705TA Datasheet
91Kb / 5P
   120V NPN SILICON HIGH VOLTAGE DARLINGTON TRANSISTOR
logo
Diodes Incorporated
FCX705TA DIODES-FCX705TA Datasheet
135Kb / 5P
   120V PNP SILICON HIGH VOLTAGE DARLINGTON TRANSISTOR
More results

Similar Description - FCX705TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FCX705 DIODES-FCX705 Datasheet
135Kb / 5P
   120V PNP SILICON HIGH VOLTAGE DARLINGTON TRANSISTOR
logo
Zetex Semiconductors
FCX705 ZETEX-FCX705 Datasheet
91Kb / 5P
   120V NPN SILICON HIGH VOLTAGE DARLINGTON TRANSISTOR
logo
Unisonic Technologies
UDT1605 UTC-UDT1605_15 Datasheet
126Kb / 3P
   120V NPN SILICON HIGH VOLTAGE DARLINGTON TRANSISTOR
logo
Diodes Incorporated
FCX605 DIODES-FCX605 Datasheet
168Kb / 5P
   120V NPN SILICON HIGH VOLTAGE DARLINGTON TRANSISTOR
logo
Zetex Semiconductors
FCX605 ZETEX-FCX605 Datasheet
107Kb / 5P
   120V NPN SILICON HIGH VOLTAGE DARLINGTON TRANSISTOR
logo
Unisonic Technologies
UDT1605 UTC-UDT1605 Datasheet
111Kb / 3P
   120V NPN SILICON HIGH VOLTAGE DARLINGTON TRANSISTOR
logo
Guangdong Kexin Industr...
CZT2000 KEXIN-CZT2000 Datasheet
34Kb / 1P
   PNP Silicon Extremely High Voltage Darlington Transistor
logo
Zetex Semiconductors
ZXTP05120HFF ZETEX-ZXTP05120HFF Datasheet
434Kb / 8P
   120V, SOT23F, PNP medium power Darlington transistor
logo
Diodes Incorporated
ZXTP05120HFF DIODES-ZXTP05120HFF Datasheet
447Kb / 8P
   120V, SOT23F, PNP medium power Darlington transistor
logo
Microsemi Corporation
2N7371 MICROSEMI-2N7371 Datasheet
55Kb / 2P
   PNP DARLINGTON HIGH POWER SILICON TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com