Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

B37937K9060 Datasheet(PDF) 6 Page - EPCOS

Part No. B37937K9060
Description  Multilayer Ceramic Capacitors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B37937K9060 Datasheet(HTML) 6 Page - EPCOS

  B37937K9060 Datasheet HTML 1Page - EPCOS B37937K9060 Datasheet HTML 2Page - EPCOS B37937K9060 Datasheet HTML 3Page - EPCOS B37937K9060 Datasheet HTML 4Page - EPCOS B37937K9060 Datasheet HTML 5Page - EPCOS B37937K9060 Datasheet HTML 6Page - EPCOS B37937K9060 Datasheet HTML 7Page - EPCOS B37937K9060 Datasheet HTML 8Page - EPCOS B37937K9060 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Multilayer Ceramic Capacitors
137 10/02
CPPS
Ordering codes and packing for CPPS capacitors, 16 VDC, nickel-barrier terminations
Chip thickness
Cardboard tape,
Æ 180-mm reel
Cardboard tape,
Æ 330-mm reel
**
60
**
70
CR1)
Ordering code 2)
mm
pcs/reel
pcs/reel
Case size 0603, 16 VDC
560, pF
B37937K9561J0**
0,8
± 0,1
4000
16000
680, pF
B37937K9681J0**
0,8
± 0,1
4000
16000
1,0 nF
B37937K9102J0**
0,8
± 0,1
4000
16000
1,5 nF
B37937K9152J0**
0,8
± 0,1
4000
16000
2,2 nF
B37937K9222J0**
0,8
± 0,1
4000
16000
Case size 0805, 16 VDC
1,0 nF
B37947K9102J0**
0,6
± 0,1
5000
20000
1,5 nF
B37947K9152J0**
0,8
± 0,1
4000
16000
2,2 nF
B37947K9222J0**
1,2
± 0,1
3000 3)
12000 4)
3,3 nF
B37947K9332J0**
1,2
± 0,1
3000 3)
12000 4)
4,7 nF
B37947K9472J0**
1,2
± 0,1
3000 3)
12000 4)
6,8 nF
B37947K9682J0**
1,2
± 0,1
3000 3)
12000 4)
10, nF
B37947K9103J0**
1,2
± 0,1
3000 3)
12000 4)
1) E12 values on request.
2) The table contains the ordering codes for the standard capacitance tolerance.
For other available capacitance tolerances see page 134.
3) Blister tape, 180-mm reel, ordering code **
62
4) Blister tape, 330-mm reel, ordering code **
72
^
^
^
^
CPPS; 0603 and 0805


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn