Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

B37937K9060 Datasheet(PDF) 3 Page - EPCOS

Part No. B37937K9060
Description  Multilayer Ceramic Capacitors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B37937K9060 Datasheet(HTML) 3 Page - EPCOS

  B37937K9060 Datasheet HTML 1Page - EPCOS B37937K9060 Datasheet HTML 2Page - EPCOS B37937K9060 Datasheet HTML 3Page - EPCOS B37937K9060 Datasheet HTML 4Page - EPCOS B37937K9060 Datasheet HTML 5Page - EPCOS B37937K9060 Datasheet HTML 6Page - EPCOS B37937K9060 Datasheet HTML 7Page - EPCOS B37937K9060 Datasheet HTML 8Page - EPCOS B37937K9060 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Multilayer Ceramic Capacitors
134 10/02
CPPS
Capacitance tolerances
Dimensional drawing
Dimensions (mm)
Tolerances to CECC 32101-801
Code letter
J
(standard)
K
Tolerance
±5%
±10%
Case size
(inch)
(mm)
0603
1608
0805
2012
l
1,6
± 0,15
2,0
± 0,20
b
0,8
± 0,10
1,25
± 0,15
s
0,8
± 0,10
1,30 max.
k
0,1 – 0,4
0,13 – 0,75
KKE0272-V
kk
b
KKE0329-N
k
b
k
CPPS


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn