Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B43455A4108M000 Datasheet(PDF) 4 Page - EPCOS

Part # B43455A4108M000
Description  Uninterruptible power supplies
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43455A4108M000 Datasheet(HTML) 4 Page - EPCOS

  B43455A4108M000 Datasheet HTML 1Page - EPCOS B43455A4108M000 Datasheet HTML 2Page - EPCOS B43455A4108M000 Datasheet HTML 3Page - EPCOS B43455A4108M000 Datasheet HTML 4Page - EPCOS B43455A4108M000 Datasheet HTML 5Page - EPCOS B43455A4108M000 Datasheet HTML 6Page - EPCOS B43455A4108M000 Datasheet HTML 7Page - EPCOS B43455A4108M000 Datasheet HTML 8Page - EPCOS B43455A4108M000 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
120 10/02
Standard 85 °C
B43455 / B43457
Special designs
Low-inductance design
2-pad solution
Design for optimized connection of the capacitor to the heatsink when using base cooling.
This version is available for capacitors without threaded stud and for diameters
≥ 64,3 mm
(cf. I~R(B) in table “Technical data and ordering codes” and useful life graphs).
Ordering codes:
Accessories
The following items are included in the delivery package, but are not fastened to the capacitors:
The following must be ordered separately:
Ring clips
B44030 (cf. page 169)
Clamps for capacitors with d
≥ 64,3 mm
B44030 (cf. page 173)
Insulating parts
B44020 (cf. page 166)
Design
Identification in 3rd
block of ordering code
Remark
Low inductance (13 nH)
M003
For capacitors with diameter d
≥ 64,3 mm
2-pad solution
M006
For capacitors with diameter d
≥ 64,3 mm and
without threaded stud
Thread
Toothed
washers
Screws/Nuts
Maximum
torque
For terminals
M 5
A 5,1 DIN 6797
Cylinder-head screw M 5
× 8 DIN 84-4.8
2
Nm
M 6
A 6,4 DIN 6797
Cylinder-head screw M 6
× 12 DIN 85-4.8 2,5 Nm
For mounting
M 12
J 12,5 DIN 6797 Hex nut BM 12 DIN 439
10
Nm
Heatsink
Thermopad
thickness
0,2 mm
0,5 mm
KAL0823-3-E


Similar Part No. - B43455A4108M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43455A4159M000 EPCOS-B43455A4159M000 Datasheet
504Kb / 18P
   Aluminum electrolytic capacitors
B43455A4159M003 EPCOS-B43455A4159M003 Datasheet
504Kb / 18P
   Aluminum electrolytic capacitors
B43455A4159M007 EPCOS-B43455A4159M007 Datasheet
504Kb / 18P
   Aluminum electrolytic capacitors
More results

Similar Description - B43455A4108M000

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDH210N08 FAIRCHILD-FDH210N08 Datasheet
767Kb / 8P
   Motor Drives and Uninterruptible Power Supplies
logo
Ultralife Corporation.
EL8000-UPS ULTRALIFE-EL8000-UPS Datasheet
3Mb / 2P
   Uninterruptible Power Supply
Rev 3
logo
Fairchild Semiconductor
FDD8N50NZ FAIRCHILD-FDD8N50NZ Datasheet
612Kb / 8P
   Uninterruptible Power Supply
logo
Nova Electric. All Righ...
GRSLPFC11-3K60 NOVA-GRSLPFC11-3K60 Datasheet
410Kb / 2P
   UNINTERRUPTIBLE POWER SYSTEM
logo
IXYS Corporation
IXA37IF1200HJ IXYS-IXA37IF1200HJ Datasheet
150Kb / 6P
   Uninterruptible power supply
logo
Fairchild Semiconductor
FDD10N20LZ FAIRCHILD-FDD10N20LZ Datasheet
615Kb / 8P
   Uninterruptible Power Supply
logo
International Rectifier
IRLS3034-7PPBF IRF-IRLS3034-7PPBF_15 Datasheet
331Kb / 9P
   Uninterruptible Power Supply
logo
PHOENIX CONTACT
107563 PHOENIX-107563 Datasheet
925Kb / 34P
   Uninterruptible power supply
2018-05-02
logo
Murata Power Solutions ...
SP1650 MURATA-PS-SP1650 Datasheet
84Kb / 1P
   CATV Uninterruptible Power Supply
logo
Toshiba Semiconductor
T1000 TOSHIBA-T1000 Datasheet
8Mb / 118P
   UNINTERRUPTIBLE POWER SYSTEM (UPS)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com