Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

B37872U5222S011 Datasheet(PDF) 2 Page - EPCOS

Part No. B37872U5222S011
Description  Multilayer Ceramic Capacitors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B37872U5222S011 Datasheet(HTML) 2 Page - EPCOS

  B37872U5222S011 Datasheet HTML 1Page - EPCOS B37872U5222S011 Datasheet HTML 2Page - EPCOS B37872U5222S011 Datasheet HTML 3Page - EPCOS B37872U5222S011 Datasheet HTML 4Page - EPCOS B37872U5222S011 Datasheet HTML 5Page - EPCOS B37872U5222S011 Datasheet HTML 6Page - EPCOS B37872U5222S011 Datasheet HTML 7Page - EPCOS B37872U5222S011 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
111 10/02
Features
Excellent EMI suppression
Class 2 characteristic
Low parasitic inductance and low electrical losses
High attenuation at higher natural resonant frequency
Space saving on the PCB
Applications
EMI suppression
Decoupling and filtering
Noise suppression and broadband I/O filtering
Automotive brake systems (e.g. ABS)
Hall sensors
Termination
For soldering: 4 terminations, nickel-barrier terminations (Ni)
Options
Alternative capacitance values, capacitance tolerances,
C0G characteristic and feedthrough arrays available on request
Delivery mode
Cardboard tape, 180-mm reel
Electrical data
Temperature characteristic
X7R
Climatic category (IEC 60068-1)
55/125/56
Standard
EIA
Dielectric
Class 2
Rated voltage1)
VR
50
VDC
Test voltage
Vtest
2,5 · VR/5 s
VDC
Capacitance range / E series
CR
2,2 nF … 10 nF (E3)
Max. relative capacitance change
DC/C
±15
%
Dissipation factor (limit value)
tan
d
< 25 · 10–3
DC resistance
RDC
< 600
m
W
Insulation resistance2) at + 25
°C
Rins
> 105
M
W
Insulation resistance2) at +125
°C
Rins
> 104
M
W
Time constant2) at + 25
°C
t
> 1000
s
Time constant2) at + 125
°C
t
> 100
s
Operating temperature range
Top
– 55 … +125
°C
Ageing3)
yes
1) Note: No operation on AC line.
2) For CR > 10 nF the time constant t = C · Rins is given.
3) Refer to chapter “General Techn. Inform.”, page 197.
Feedthrough Chip
X7R
Multilayer Ceramic Capacitors


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn