Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

B25667B4497A375 Datasheet(PDF) 3 Page - EPCOS

Part # B25667B4497A375
Description  Power Factor Correction
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B25667B4497A375 Datasheet(HTML) 3 Page - EPCOS

  B25667B4497A375 Datasheet HTML 1Page - EPCOS B25667B4497A375 Datasheet HTML 2Page - EPCOS B25667B4497A375 Datasheet HTML 3Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Power Capacitors
B25667B4497A375
Power Factor Correction
MKK440-D-30-01
Edition 1.
Terminals
Degree of protection
Isolated terminals, IP20
Max. torque
1.2 Nm
Terminal cross section
16 mm
2 (5 AWG)
Maximum terminal current
50 A
Creepage distance
12.7 mm
Clearance
9.6 mm
Safety
Mechanical safety
Overpressure disconnector
Max. short circuit current
(AFC: 10 kA)
Discharge resistor time
≤ 90 s (75 V)
Reference standards
IEC 60831-1/2
U Please read information about PFC capacitors and cautions as well as installation and maintenance instructions (Power Factor Correction Product Profile,
actual version, and Installation and Maintenance Instructions for PFC-capacitors, available in the Internet) to ensure optimum performance and prevent products
from failing, and in worst case, bursting and fire.
Information given in the PFC-product profile and values given in the data sheet reflect typical specifications. You are kindly requested to approve our product
specifications or request our approval for your specification before ordering.
© EPCOS AG 2005. All Rights reserved. Reproduction, publication and dissemination of this data sheet, enclosures hereto and the information contained therein
without EPCOS' prior express consent is prohibited. The information contained in this data sheet describes the type of component and shall not be considered
as guaranteed characteristics. Purchase orders are subject to the General Conditions for the Supply of Products and Services of the Electrical and Electronics
Industry recommended by the ZVEI (German Electrical and Electronic Manufacturers' Association), unless otherwise agreed.
FK PFC RD / VA
10.03.05
Page 3 of 3


Similar Part No. - B25667B4497A375

ManufacturerPart #DatasheetDescription
EPCOS
EPCOS
B25667B4497A375 EPCOS-B25667B4497A375 Datasheet
82Kb / 2P
   Capacitors for Power Electronics
B25667B4497A375 EPCOS-B25667B4497A375 Datasheet
139Kb / 3P
   PhaseCap Premium capacitors
More results

Similar Description - B25667B4497A375

ManufacturerPart #DatasheetDescription
EPCOS
EPCOS
B25667B4287A375 EPCOS-B25667B4287A375 Datasheet
136Kb / 3P
   Power Factor Correction
B25667B5197A375 EPCOS-B25667B5197A375 Datasheet
100Kb / 3P
   Power Factor Correction
B25667B5217A175 EPCOS-B25667B5217A175 Datasheet
131Kb / 3P
   Power Factor Correction
B25667B2457A175 EPCOS-B25667B2457A175 Datasheet
132Kb / 3P
   Power Factor Correction
B25667B2627A375 EPCOS-B25667B2627A375 Datasheet
129Kb / 3P
   Power Factor Correction
Emerson Network Power
Emerson Network Power
LPT80 EMERSON-NETWORKPOWER-LPT80 Datasheet
281Kb / 3P
   Power Factor Correction
EPCOS
EPCOS
B25667B3497A375 EPCOS-B25667B3497A375_05 Datasheet
103Kb / 3P
   Power Factor Correction
Interpion semiconductor
Interpion semiconductor
IP3002 INTERPION-IP3002 Datasheet
227Kb / 11P
   Power Factor Correction
EPCOS
EPCOS
B25667B2457A375 EPCOS-B25667B2457A375 Datasheet
135Kb / 3P
   Power Factor Correction
B25667B4207A175 EPCOS-B25667B4207A175 Datasheet
135Kb / 3P
   Power Factor Correction
More results


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com