Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDI1394P21 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PDI1394P21
Description  3-port physical layer interface
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDI1394P21 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PDI1394P21 Datasheet HTML 5Page - NXP Semiconductors PDI1394P21 Datasheet HTML 6Page - NXP Semiconductors PDI1394P21 Datasheet HTML 7Page - NXP Semiconductors PDI1394P21 Datasheet HTML 8Page - NXP Semiconductors PDI1394P21 Datasheet HTML 9Page - NXP Semiconductors PDI1394P21 Datasheet HTML 10Page - NXP Semiconductors PDI1394P21 Datasheet HTML 11Page - NXP Semiconductors PDI1394P21 Datasheet HTML 12Page - NXP Semiconductors PDI1394P21 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Philips Semiconductors
Objective specification
PDI1394P21
3-port physical layer interface
1999 Jul 09
9
10.0
CABLE DRIVER
SYMBOL
PARAMETER
TEST CONDITION
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
VOD
Differential output voltage
56
Ω load
172
265
mV
IO(diff)
Driver Difference current, TPA+, TPA–, TPB+, TPB– 1
Drivers enabled,
speed signaling OFF
–1.051
0.881
mA
2
100 Mbit/s speed signaling enabled
–0.81
–0.44
mA
ISP
Common mode speed signaling current, TPB+, TPB– 2
200 Mbit/s speed signaling enabled
–4.84
–2.53
mA
400 Mbit/s speed signaling enabled
–12.4
–8.10
mA
VOFF
OFF state differential voltage
Drivers disabled
20
mV
NOTES:
1. Limits defined as algebraic sum of TPA+ and TPA– driver currents. Limits also apply to TPB+ and TPB– algebraic sum of driver currents.
2. Limits defined as absolute limit of each of TPB+ and TPB– driver currents.
11.0
CABLE RECEIVER
SYMBOL
PARAMETER
TEST CONDITION
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
Z
Differential input impedance
Drivers disabled
10
14
k
ZID
Differential input impedance
Drivers disabled
4
pF
Z C
Common mode input impedance
Drivers disabled
20
k
ZIC
Common mode input impedance
Drivers disabled
24
pF
VTH-R
Receiver input threshold voltage
Drivers disabled
–30
30
mV
VTH-CB
Cable bias detect threshold, TPBn cable inputs
Drivers disabled
0.6
1.0
V
VTH+
Positive arbitration comparator threshold voltage
Drivers disabled
89
168
mV
VTH–
Negative arbitration comparator threshold voltage
Drivers disabled
–168
–89
mV
VTH–SP200
Speed signal threshold
TPBIAS–TPA common mode
voltage, drivers disabled
49
131
mV
VTH–SP400
Speed signal threshold
TPBIAS–TPA common mode
voltage, drivers disabled
314
396
mV
ICD
Connect detect output at TPBIAS pins
Drivers disabled
76
µA


Similar Part No. - PDI1394P21

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDI1394P22 PHILIPS-PDI1394P22 Datasheet
163Kb / 30P
   3-port physical layer interface
1999 Jul 09
PDI1394P22BD PHILIPS-PDI1394P22BD Datasheet
163Kb / 30P
   3-port physical layer interface
1999 Jul 09
PDI1394P23 PHILIPS-PDI1394P23 Datasheet
233Kb / 42P
   2-port/1-port 400 Mbps physical layer interface
2001 Sep 06
PDI1394P23BD PHILIPS-PDI1394P23BD Datasheet
233Kb / 42P
   2-port/1-port 400 Mbps physical layer interface
2001 Sep 06
PDI1394P23EC PHILIPS-PDI1394P23EC Datasheet
233Kb / 42P
   2-port/1-port 400 Mbps physical layer interface
2001 Sep 06
More results

Similar Description - PDI1394P21

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDI1394P11A PHILIPS-PDI1394P11A Datasheet
135Kb / 20P
   3-port physical layer interface
1999 Mar 10
PDI1394P22 PHILIPS-PDI1394P22 Datasheet
163Kb / 30P
   3-port physical layer interface
1999 Jul 09
PDI1394P11 PHILIPS-PDI1394P11 Datasheet
148Kb / 20P
   3-port physical layer interface
1999 Apr 09
logo
STMicroelectronics
SBPH400-3 STMICROELECTRONICS-SBPH400-3 Datasheet
297Kb / 43P
   IEEE1394 3-Port 400Mbps Physical Layer
16 March 1998
logo
NXP Semiconductors
PDI1394P25BY PHILIPS-PDI1394P25BY Datasheet
214Kb / 42P
   1-port 400 Mbps physical layer interface
2002 Oct 11
PDI1394P25 PHILIPS-PDI1394P25 Datasheet
232Kb / 44P
   1-port 400 Mbps physical layer interface
2001 Sep 06
PDI1394P23 PHILIPS-PDI1394P23 Datasheet
233Kb / 42P
   2-port/1-port 400 Mbps physical layer interface
2001 Sep 06
logo
Power Integrations, Inc...
CHY100 POWERINT-CHY100 Datasheet
691Kb / 8P
   Charger Interface Physical Layer IC
August 2016
logo
List of Unclassifed Man...
VT6304 ETC-VT6304 Datasheet
126Kb / 21P
   1394.A 4 PORT PHYSICAL LAYER CHIP
logo
Texas Instruments
TI380C30A TI-TI380C30A Datasheet
1Mb / 81P
[Old version datasheet]   INTEGRATED TOKEN-RING COMMPROCESSOR AND PHYSICAL-LAYER INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com