Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDI1394P11A Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PDI1394P11A
Description  3-port physical layer interface
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDI1394P11A Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PDI1394P11A Datasheet HTML 6Page - NXP Semiconductors PDI1394P11A Datasheet HTML 7Page - NXP Semiconductors PDI1394P11A Datasheet HTML 8Page - NXP Semiconductors PDI1394P11A Datasheet HTML 9Page - NXP Semiconductors PDI1394P11A Datasheet HTML 10Page - NXP Semiconductors PDI1394P11A Datasheet HTML 11Page - NXP Semiconductors PDI1394P11A Datasheet HTML 12Page - NXP Semiconductors PDI1394P11A Datasheet HTML 13Page - NXP Semiconductors PDI1394P11A Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Philips Semiconductors
Preliminary specification
PDI1394P11A
3-port physical layer interface
1999 Mar 10
10
17.0
APPLICATION INFORMATION
PDI1394P11A
AGND
AGND
AGND
AGND
AVDD
AVDD
AVDD
PLLVDD
AGND
PLLGND
PLLGND
AVDD
FILTER
XI
XO
R0
R1
ISO–
DGND
DGND
CNA
PC0
PC1
PC2
CPS
TESTM1
TESTM2
DVDD
DVDD
DGND
DGND
C/LKON
TP CABLES
TP CABLES
TPBIAS
VDD
VDD
ISO–
6.3K
VDD
12pF
12pF
VDD
VDD
400K
CNA OUT
POWER-CLASS
PROGRAMMING
10K
CABLE POWER
CONTENDER
PROGRAMMING
VDD
VDD
LINK LAYER
CONTROLLER
INTERFACE
POWER
DOWN
LINK LAYER
CONTROLLER
INTERFACE
0.1
µF
SV01074
0.1
µF
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
Figure 3.
External Component Connections
400K
PDI1394P11
TPBIAS
CPS
250pF
5K
TPAn+
TPAn–
TPBn+
TPBn–
CABLE
POWER PAIR
CABLE
PAIR A
CABLE
PAIR B
CABLE PORT
SV00236
1
µF
56
56
56
56
VP
VG
Figure 4.
Twisted pair cable interface connections


Similar Part No. - PDI1394P11A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDI1394P11 PHILIPS-PDI1394P11 Datasheet
148Kb / 20P
   3-port physical layer interface
1999 Apr 09
PDI1394P11BD PHILIPS-PDI1394P11BD Datasheet
148Kb / 20P
   3-port physical layer interface
1999 Apr 09
More results

Similar Description - PDI1394P11A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDI1394P22 PHILIPS-PDI1394P22 Datasheet
163Kb / 30P
   3-port physical layer interface
1999 Jul 09
PDI1394P11 PHILIPS-PDI1394P11 Datasheet
148Kb / 20P
   3-port physical layer interface
1999 Apr 09
PDI1394P21 PHILIPS-PDI1394P21 Datasheet
148Kb / 28P
   3-port physical layer interface
1999 Jul 09
logo
STMicroelectronics
SBPH400-3 STMICROELECTRONICS-SBPH400-3 Datasheet
297Kb / 43P
   IEEE1394 3-Port 400Mbps Physical Layer
16 March 1998
logo
NXP Semiconductors
PDI1394P25BY PHILIPS-PDI1394P25BY Datasheet
214Kb / 42P
   1-port 400 Mbps physical layer interface
2002 Oct 11
PDI1394P25 PHILIPS-PDI1394P25 Datasheet
232Kb / 44P
   1-port 400 Mbps physical layer interface
2001 Sep 06
PDI1394P23 PHILIPS-PDI1394P23 Datasheet
233Kb / 42P
   2-port/1-port 400 Mbps physical layer interface
2001 Sep 06
logo
Power Integrations, Inc...
CHY100 POWERINT-CHY100 Datasheet
691Kb / 8P
   Charger Interface Physical Layer IC
August 2016
logo
List of Unclassifed Man...
VT6304 ETC-VT6304 Datasheet
126Kb / 21P
   1394.A 4 PORT PHYSICAL LAYER CHIP
logo
Texas Instruments
TI380C30A TI-TI380C30A Datasheet
1Mb / 81P
[Old version datasheet]   INTEGRATED TOKEN-RING COMMPROCESSOR AND PHYSICAL-LAYER INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com