Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI5326 Datasheet(PDF) 8 Page - Silicon Laboratories

Part # SI5326
Description  ANY-RATE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5326 Datasheet(HTML) 8 Page - Silicon Laboratories

Back Button SI5326 Datasheet HTML 4Page - Silicon Laboratories SI5326 Datasheet HTML 5Page - Silicon Laboratories SI5326 Datasheet HTML 6Page - Silicon Laboratories SI5326 Datasheet HTML 7Page - Silicon Laboratories SI5326 Datasheet HTML 8Page - Silicon Laboratories SI5326 Datasheet HTML 9Page - Silicon Laboratories SI5326 Datasheet HTML 10Page - Silicon Laboratories SI5326 Datasheet HTML 11Page - Silicon Laboratories SI5326 Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Si5326
8
Confidential Rev. 0.2
4C2B
O
LVCMOS
CKIN2 Invalid Indicator.
This pin functions as a LOS (and optionally FOS) alarm indicator
for CKIN2 if CK2_BAD_PIN =1.
0 = CKIN2 present.
1 = LOS (FOS) on CKIN2.
The active polarity can be changed by CK_BAD_POL. If
CK2_BAD_PIN = 0, the pin tristates.
5, 10, 32
VDD
VDD
Supply
Supply.
The device operates from a 1.8, 2.5, or 3.3 V supply. Bypass
capacitors should be associated with the following Vdd pins:
50.1 µF
10
0.1 µF
32
0.1 µF
A 1.0 µF should be placed as close to the device as is practical.
7
6
XB
XA
IAnalog
External Crystal or Reference Clock.
External crystal should be connected to these pins to use internal
oscillator based reference. If external reference is used, apply ref-
erence clock to XA input and leave XB pin floating. External refer-
ence must be from a high-quality clock source (TCXO, OCXO).
Frequency of crystal or external clock is set by RATE[1:0] pins.
8, 31
GND
GND
Supply
Ground.
Must be connected to system ground. Minimize the ground path
impedance for optimal performance of this device.
11
15
RATE0
RATE1
I
3-Level
External Crystal or Reference Clock Rate.
Three level inputs that select the type and rate of external crystal
or reference clock to be applied to the XA/XB port.
LM = 38.88 MHz external clocks
MM = 114.285 MHz 3rd OT crystal
HH = converts part to Si5325, and no external crystal or reference
is needed
16
17
CKIN1+
CKIN1–
IMulti
Clock Input 1.
Differential input clock. This input can also be driven with a single-
ended signal. Input frequency range is 2 kHz to 710 MHz.
12
13
CKIN2+
CKIN2–
IMulti
Clock Input 2.
Differential input clock. This input can also be driven with a single-
ended signal. Input frequency range is 2 kHz to 710 MHz.
18
LOL
O
LVCMOS
PLL Loss of Lock Indicator.
This pin functions as the active high PLL loss of lock indicator if the
LOL_PIN register bit is set to 1.
0 = PLL locked.
1 = PLL unlocked.
If LOL_PIN = 0, this pin will tristate. Active polarity is controlled by
the LOL_POL bit. The PLL lock status will always be reflected in
the LOL_INT read only register bit.
Pin #
Pin Name
I/O
Signal Level
Description
Note: Internal register names are indicated by underlined italics, e.g. INT_PIN. See Si5326 Register Map.


Similar Part No. - SI5326

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
Si5326 SILABS-Si5326 Datasheet
341Kb / 50P
   Pin-Controlled 1_710 MHz Jitter Cleaning Clock
logo
Skyworks Solutions Inc.
SI5326 SKYWORKS-SI5326 Datasheet
550Kb / 71P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
SI5326 SKYWORKS-SI5326 Datasheet
1Mb / 72P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/ JITTER ATTENUATOR
Rev. 1.1
logo
Silicon Laboratories
Si5326A-C-GM SILABS-Si5326A-C-GM Datasheet
381Kb / 72P
   ANY FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5326A-C-GM SKYWORKS-SI5326A-C-GM Datasheet
550Kb / 71P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
More results

Similar Description - SI5326

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5368 SILABS-SI5368 Datasheet
713Kb / 18P
   ANY-RATE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
SI5319 SILABS-SI5319 Datasheet
257Kb / 16P
   ANY-RATE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
SI5369 SILABS-SI5369 Datasheet
518Kb / 84P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5368 SKYWORKS-SI5368 Datasheet
824Kb / 92P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
logo
Silicon Laboratories
SI5324C-C-GM SILABS-SI5324C-C-GM Datasheet
518Kb / 72P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/ JITTER ATTENUATOR
SI5327 SILABS-SI5327 Datasheet
1Mb / 60P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5319 SKYWORKS-SI5319 Datasheet
1Mb / 50P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
SI5327 SKYWORKS-SI5327 Datasheet
1Mb / 60P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
SI5326 SKYWORKS-SI5326 Datasheet
550Kb / 71P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
logo
Silicon Laboratories
SI5326C-C-GM SILABS-SI5326C-C-GM Datasheet
381Kb / 72P
   ANY FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com