Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10088 Datasheet(PDF) 1 Page - Heyco.

Part # 10088
Description  Nylon PCB Supports - Imperial Spacing
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HEYCO [Heyco.]
Direct Link  https://www.heyco.com/
Logo HEYCO - Heyco.

10088 Datasheet(HTML) 1 Page - Heyco.

  10088 Datasheet HTML 1Page - Heyco.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
7-5
1-800-526-4182 • 732-286-1800 (NJ) • FAX: 732-244-8843 • www.heyco.com
“Stay Connected” with
HEYware Products
®
Quick
Specs
BAYONET SNAP LOCK 10,2 /
ARROWHEAD SNAP LOCK
BAYONET SNAP LOCK 10,2 /
ARROWHEAD SNAP LOCK
BAYONET SNAP LOCK 10,9 /
ARROWHEAD SNAP LOCK
BAYONET SNAP FIT 10,2 /
ARROWHEAD SNAP LOCK
HLSP1
HLSP2
HLSP3
HLSP4
Maximum
Mounting
Maximum
Mounting
Maximum
Mounting
Maximum
Mounting
Thickness
Hole Diameter
Thickness
Hole Diameter
Thickness
Hole Diameter
Thickness
Hole Diameter
in.
mm.
in.
mm.
in.
mm.
in.
mm.
in.
mm.
in.
mm.
in.
mm.
in.
mm.
PCB
.062
1,6
.157
4,0
.062
1,6
.157
4,0
.090
2,3
.157
4,0
.062
1,6
.157
4,0
Chassis
.078
2,0
.187
4,8
.141
3,6
.187
4,8
.078
2,0
.187
4,8
.078
2,0
.187
4,8
A
PART NO.
DESCRIPTION
PART NO.
DESCRIPTION
PART NO.
DESCRIPTION
PART NO.
DESCRIPTION
in.
mm.
Natural
Natural
Natural
Natural*
.187
4,8
10048
HLSP1-03
10062
HLSP2-03
10076
HLSP3-03
10090
HLSP4-03
.250
6,4
10049
HLSP1-04
10063
HLSP2-04
10077
HLSP3-04
10091
HLSP4-04
.312
7,9
10050
HLSP1-05
10064
HLSP2-05
10078
HLSP3-05
10092
HLSP4-05
.375
9,5
10051
HLSP1-06
10065
HLSP2-06
10079
HLSP3-06
10093
HLSP4-06
.437
11,1
10052
HLSP1-07
10066
HLSP2-07
10080
HLSP3-07
10094
HLSP4-07
.500
12,7
10053
HLSP1-08
10067
HLSP2-08
10081
HLSP3-08
10095
HLSP4-08
.625
15,9
10054
HLSP1-10
10068
HLSP2-10
10082
HLSP3-10
10096
HLSP4-10
.750
19,1
10055
HLSP1-12
10069
HLSP2-12
10083
HLSP3-12
10097
HLSP4-12
.875
22,2
10056
HLSP1-14
10070
HLSP2-14
10084
HLSP3-14
10098
HLSP4-14
1.000
25,4
10057
HLSP1-16
10071
HLSP2-16
10085
HLSP3-16
10099
HLSP4-16
1.125
28,6
10058
HLSP1-18
10072
HLSP2-18
10086
HLSP3-18
10100
HLSP4-18
1.250
31,8
10059
HLSP1-20
10073
HLSP2-20
10087
HLSP3-20
10101
HLSP4-20
1.375
34,9
10060
HLSP1-22
10074
HLSP2-22
10088
HLSP3-22
10102
HLSP4-22
Standard color natural. For special order parts in UL 94V-0 natural material, add the suffix “F” to Part No.
*Consult Heyco for HLSP4 in V-0 material.
Heyco
® Nylon PCB Supports - Imperial Spacing
Material
Nylon 6/6
Flammability Rating
94V-2
Temperature Range
-40°F (-40°C) to 185°F (85°C)


Similar Part No. - 10088

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
10088 POWERDYNAMICS-10088 Datasheet
57Kb / 1P
   N.A, CORD SET; 230cm LONG NEMA 5-15P TO IEC C13; 18/3 SVT
logo
Festo Corporation.
10088 FESTO-10088 Datasheet
97Kb / 1P
   Pressure gauge
logo
Schneider Electric
1008801 SCHNEIDER-1008801 Datasheet
103Kb / 2P
   Meter socket, 200 A, 600 V, 1 PH, ringless, 4 jaws w/ release, horn, NEMA 3R, steel
logo
MKS Instruments.
100881000 MKS-100881000 Datasheet
374Kb / 20P
   CF Component Ultra high vacuum fittings
100881001 MKS-100881001 Datasheet
374Kb / 20P
   CF Component Ultra high vacuum fittings
More results

Similar Description - 10088

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
10104 ETC-10104 Datasheet
116Kb / 1P
   Heyco짰 Nylon PCB Supports - Imperial Spacing
10500 ETC-10500 Datasheet
95Kb / 1P
   Heyco짰 Nylon PCB Supports - Metric Spacing
10734 ETC-10734 Datasheet
90Kb / 1P
   Heyco짰 Nylon PCB Supports - Threaded Male
561-DMSP250 ETC2-561-DMSP250 Datasheet
79Kb / 2P
   PCB Supports
logo
Harwin Plc
R30-1611100 HARWIN-R30-1611100 Datasheet
2Mb / 1P
   Metric & Imperial Spacers
logo
List of Unclassifed Man...
561-MLLP187 ETC2-561-MLLP187 Datasheet
127Kb / 1P
   PCB Supports - MLLP Series
11826 ETC-11826 Datasheet
125Kb / 1P
   Heyco짰 Nylon Male/Female Threaded Hex Supports
561-DSP125 ETC2-561-DSP125 Datasheet
294Kb / 2P
   PCB Supports, DSP Series
561-LT187 ETC2-561-LT187 Datasheet
148Kb / 2P
   PCB Supports - LTP Series
561-MLLP187 ETC2-561-MLLP187_11 Datasheet
173Kb / 2P
   PCB Supports - MLLP Series
105-605 ETC2-105-605 Datasheet
41Kb / 1P
   Imperial/Metric Hexagon Key Sets
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com