Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT3192 Datasheet(PDF) 15 Page - Advanced Analogic Technologies

Part # AAT3192
Description  Low-Cost, 2-/3-Channel Charge-Pump LED Drivers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3192 Datasheet(HTML) 15 Page - Advanced Analogic Technologies

Back Button AAT3192 Datasheet HTML 9Page - Advanced Analogic Technologies AAT3192 Datasheet HTML 10Page - Advanced Analogic Technologies AAT3192 Datasheet HTML 11Page - Advanced Analogic Technologies AAT3192 Datasheet HTML 12Page - Advanced Analogic Technologies AAT3192 Datasheet HTML 13Page - Advanced Analogic Technologies AAT3192 Datasheet HTML 14Page - Advanced Analogic Technologies AAT3192 Datasheet HTML 15Page - Advanced Analogic Technologies AAT3192 Datasheet HTML 16Page - Advanced Analogic Technologies AAT3192 Datasheet HTML 17Page - Advanced Analogic Technologies  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
AAT3192/93
Low-Cost, 2-/3-Channel
Charge-Pump LED Drivers
3193.2007.05.1.0
15
Evaluation Board Schematic
Evaluation Board Layout
Figure 8: AAT3193 Evaluation Board
Figure 9: AAT3193 Evaluation Board
Top Side Layout.
Bottom Side Layout.
VDD
1
GP5
2
GP4
3
GP3
4
GP2
5
GP1
6
GP0
7
VSS
8
PIC12F675
U2
1μF
C1
1μF
C2
1μF
C3
1μF
C5
1K
R1
1K
R2
1K
R3
330
R5
J1
1
2
3
4
5
0
DOWN
SW1
1
2
3
4
5
0
UP
SW2
RED
LED7
1
2
3
4
5
0
CYCLE
SW3
DC+
DC-
D2
D1
D3
GND
VIN
GND
GND
POT10K
VR4
GRN
LED0
330
R4
GND
GND
GND
J2
100K
R6
220
R7
GND
VIN
JP5
D1
1
OUT
2
C-
3
C+
4
RSET
7
GND
8
D3
9
D2
10
EN/SET
6
IN
5
U1
14.3k
R1
GND
JPx
AA T3193


Similar Part No. - AAT3192

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3192 ANALOGICTECH-AAT3192 Datasheet
577Kb / 18P
   2-Channel Charge-Pump LED Driver
AAT3192IJQ-1 ANALOGICTECH-AAT3192IJQ-1 Datasheet
577Kb / 18P
   2-Channel Charge-Pump LED Driver
AAT3192IJQ-1-T1 ANALOGICTECH-AAT3192IJQ-1-T1 Datasheet
577Kb / 18P
   2-Channel Charge-Pump LED Driver
AAT3192IJQ-2 ANALOGICTECH-AAT3192IJQ-2 Datasheet
577Kb / 18P
   2-Channel Charge-Pump LED Driver
AAT3192IJQ-2-T1 ANALOGICTECH-AAT3192IJQ-2-T1 Datasheet
577Kb / 18P
   2-Channel Charge-Pump LED Driver
More results

Similar Description - AAT3192

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
AATIAN69 SIGE-AATIAN69 Datasheet
1Mb / 4P
   Low-Cost, 2/3-Channel Charge-Pump LED Drivers
logo
Advanced Analogic Techn...
AAT3193 ANALOGICTECH-AAT3193 Datasheet
393Kb / 18P
   3-Channel Charge-Pump LED Driver
logo
Advanced Analog Technol...
AAT3103 AAT-AAT3103 Datasheet
1Mb / 17P
   3-Channel Charge-Pump LED Driver
logo
Advanced Analogic Techn...
AAT3192 ANALOGICTECH-AAT3192_08 Datasheet
577Kb / 18P
   2-Channel Charge-Pump LED Driver
logo
Asahi Kasei Microsystem...
AK7864A AKM-AK7864A Datasheet
294Kb / 13P
   3 channel LED driver with Charge Pump
AK7864 AKM-AK7864 Datasheet
217Kb / 12P
   3 channel LED driver with Charge Pump
logo
Advanced Analogic Techn...
AAT3120 ANALOGICTECH-AAT3120 Datasheet
257Kb / 14P
   3-Channel Charge Pump For White LED Applications
logo
Diodes Incorporated
AP3154A DIODES-AP3154A Datasheet
189Kb / 2P
   Small LCD screen backlighting charge pump LED drivers
logo
STMicroelectronics
STP2CMP STMICROELECTRONICS-STP2CMP Datasheet
1Mb / 23P
   Low voltage 2-channel constant current LED driver with charge pump
April 2015 Rev 2
logo
Advanced Analogic Techn...
AAT3105 ANALOGICTECH-AAT3105 Datasheet
1Mb / 15P
   Low Cost 1x/2x 4 Channel Charge Pump WLED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com