Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

B37942K5104M060 Datasheet(PDF) 6 Page - EPCOS

Part No. B37942K5104M060
Description  Multilayer Ceramic Capacitors
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EPCOS [EPCOS]
Homepage  http://www.epcos.com
Logo EPCOS - EPCOS

B37942K5104M060 Datasheet(HTML) 6 Page - EPCOS

Back Button B37942K5104M060 Datasheet HTML 2Page - EPCOS B37942K5104M060 Datasheet HTML 3Page - EPCOS B37942K5104M060 Datasheet HTML 4Page - EPCOS B37942K5104M060 Datasheet HTML 5Page - EPCOS B37942K5104M060 Datasheet HTML 6Page - EPCOS B37942K5104M060 Datasheet HTML 7Page - EPCOS B37942K5104M060 Datasheet HTML 8Page - EPCOS B37942K5104M060 Datasheet HTML 9Page - EPCOS B37942K5104M060 Datasheet HTML 10Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Multilayer Ceramic Capacitors
85
10/02
Z5U
(Y5U)
Ordering codes and packing for Z5U (Y5U), 25 VDC, nickel-barrier terminations
Chip
thickness
Cardboard tape,
Æ 180-mm reel
Cardboard tape,
Æ 330-mm reel
Bulk case
**
60
**
70
**
01
CR
Ordering code
mm
pcs/reel
pcs/reel
pcs
Case size 0603, 25 VDC
100, nF
B37932K0104M0**
0,8
± 0,1
4000
16000
15000
Case size 0805, 25 VDC
150, nF
B37942K0154M0**
0,8
± 0,1
4000
16000
220, nF
B37942K0224M0**
0,8
± 0,1
4000
16000
Case size 1206, 25 VDC
1,0
mF
B37873K0105M0**
1,2
± 0,1
30001)
120002)
1) Blister tape, 180-mm reel, ordering code **
62
2) Blister tape, 330-mm reel, ordering code **
72
^
^
^
^
^
Z5U (Y5U); 0603 to 1206


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn