Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLAST44599 Datasheet(PDF) 8 Page - ON Semiconductor

Part # NLAST44599
Description  Low Voltage Single Supply Dual DPDT Analog Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAST44599 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NLAST44599_05 Datasheet HTML 4Page - ON Semiconductor NLAST44599_05 Datasheet HTML 5Page - ON Semiconductor NLAST44599_05 Datasheet HTML 6Page - ON Semiconductor NLAST44599_05 Datasheet HTML 7Page - ON Semiconductor NLAST44599_05 Datasheet HTML 8Page - ON Semiconductor NLAST44599_05 Datasheet HTML 9Page - ON Semiconductor NLAST44599_05 Datasheet HTML 10Page - ON Semiconductor NLAST44599_05 Datasheet HTML 11Page - ON Semiconductor NLAST44599_05 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
NLAST44599
http://onsemi.com
8
Figure 10. Off−Channel Isolation
Figure 11. Typical Bandwidth and Phase Shift
1
0.1
0.01
3.0
30
2.5
4.5
35
Figure 12. tON and tOFF vs. VCC at 255C
VCC (VOLTS)
Figure 13. tON and tOFF vs. Temp
Temperature (°C)
Figure 14. Total Harmonic Distortion
Plus Noise vs. Frequency
FREQUENCY (kHz)
Figure 15. Charge Injection vs. COM Voltage
VCOM (V)
10
1
100
−55
25
125
−40
20
15
25
0
03
4
2
15
tON
VCC = 3 V
VCC = 5 V
2.5
2.0
1.5
1.0
0.5
0
−0.5
VINpp = 5.0 V
VCC = 5.5 V
VINpp = 3.0 V
VCC = 3.6 V
10
5
tOFF
tON (ns)
tOFF (ns)
VCC = 4.5 V
3.5
4
30
20
15
25
0
10
5
85
0.01
10
1
0.1
−100
0
Off Isolation
FREQUENCY (MHz)
100 200
−80
−60
−40
−20
VCC = 5.0 V
TA = 25°C
0.01
10
1
0.1
100 300
FREQUENCY (MHz)
Bandwidth
(ON−RESPONSE)
PHASE SHIFT
VCC = 5.0 V
TA = 25°C
−5
−15
−35
−10
−20
−30
−25
0
+5
+10
+15
2.0
4.0
6.0
10.0
0
1.0
3.0
5.0
7.0
9.0
8.0


Similar Part No. - NLAST44599_05

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAST44599 ONSEMI-NLAST44599_10 Datasheet
148Kb / 13P
   Low Voltage Single Supply Dual DPDT Analog Switch
November, 2010 ??Rev. 9
More results

Similar Description - NLAST44599_05

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS44599DTR2G ONSEMI-NLAS44599DTR2G Datasheet
175Kb / 13P
   Low Voltage Single Supply Dual DPDT Analog Switch
July, 2008 ??Rev. 14
NLAST9431 ONSEMI-NLAST9431 Datasheet
101Kb / 11P
   Low Voltage Single Supply Dual DPDT Analog Switch
January, 2006 ??Rev. 0
NLAS9431 ONSEMI-NLAS9431 Datasheet
111Kb / 11P
   Low Voltage Single Supply Dual DPDT Analog Switch
January, 2006 ??Rev. 0
NLAS44599 ONSEMI-NLAS44599 Datasheet
167Kb / 12P
   Low Voltage Single Supply Dual DPDT Analog Switch
April, 2005 ??Rev. 13
NLAST44599 ONSEMI-NLAST44599_10 Datasheet
148Kb / 13P
   Low Voltage Single Supply Dual DPDT Analog Switch
November, 2010 ??Rev. 9
NLAST44599 ONSEMI-NLAST44599 Datasheet
90Kb / 12P
   Low Voltage Single Supply Dual DPDT Analog Switch
August, 2002 ??Rev. 5
logo
Intersil Corporation
ISL43410IU INTERSIL-ISL43410IU Datasheet
490Kb / 13P
   Low-Voltage, Single Supply, DPDT High Performance Analog Switch
May 12, 2008
logo
Renesas Technology Corp
ISL43410 RENESAS-ISL43410 Datasheet
825Kb / 14P
   Low-Voltage, Single Supply, DPDT High Performance Analog Switch
logo
Intersil Corporation
ISL43410 INTERSIL-ISL43410_06 Datasheet
422Kb / 13P
   Low-Voltage, Single Supply, DPDT High Performance Analog Switch
logo
ON Semiconductor
FSA2467 ONSEMI-FSA2467 Datasheet
1,017Kb / 13P
   Low-Voltage Dual DPDT Analog Switch
March 2013 Rev. 1.0.8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com