Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NLAST4501 Datasheet(PDF) 8 Page - ON Semiconductor

Part No. NLAST4501
Description  Single SPST Analog Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAST4501 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NLAST4501_06 Datasheet HTML 2Page - ON Semiconductor NLAST4501_06 Datasheet HTML 3Page - ON Semiconductor NLAST4501_06 Datasheet HTML 4Page - ON Semiconductor NLAST4501_06 Datasheet HTML 5Page - ON Semiconductor NLAST4501_06 Datasheet HTML 6Page - ON Semiconductor NLAST4501_06 Datasheet HTML 7Page - ON Semiconductor NLAST4501_06 Datasheet HTML 8Page - ON Semiconductor NLAST4501_06 Datasheet HTML 9Page - ON Semiconductor NLAST4501_06 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
NLAST4501
http://onsemi.com
8
1.20
0.80
1.40
0.60
1.00
0.00
1.60
10
0
10
1
100
VCOM (V)
Figure 14. ON Channel Bandwidth and Phase
Shift Over Frequency
Figure 15. Off Channel Isolation
10
100
10
100000
10000
1000
1
0.1
0.01
100
1000000
Figure 16. Charge Injection vs. VCOM
FREQUENCY (Hz)
0.0
3.0
5.0
FREQUENCY (MHz)
100 300
0.40
0.20
1.0
2.0
3.6
4.0
4.5
VCC = 3.0 V
5.5 V
3.3 V
VCC = 5.0 V
10
0
Figure 17. THD vs. Frequency
FREQUENCY (MHz)
10
100
10
1
300
100
0
5
Bandwidth (On − Loss)
Phase (Degrees)
VCC = 5.0 V
TA = 25
°C
VCC = 5.0 V
TA = 25
°C
−100
−50
ORDERING INFORMATION
Device Nomenclature
Device
Circuit
Indicator
Technology
Device
Function
Package
Suffix
Tape &
Reel
Suffix
Package
Shipping
NLAST4501DFT2
NL
AST
4501
DF
T2
SC−88A/SOT−353/
SC70
3000/Tape & Reel
NLAST4501DFT2G
SC−88A/SOT−353/
SC70
(Pb−Free)
NLAST4501DTT1
DT
T1
TSOP−5
NLAST4501DTT1G
TSOP−5
(Pb−Free)
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specification Brochure, BRD8011/D.


Similar Part No. - NLAST4501_06

ManufacturerPart No.DatasheetDescription
ON Semiconductor
ON Semiconductor
NLAST4501D ONSEMI-NLAST4501D Datasheet
83Kb / 10P
   Single SPST Analog Switch
November, 2003 ??Rev. 2
NLAST4501DFT2 ONSEMI-NLAST4501DFT2 Datasheet
83Kb / 10P
   Single SPST Analog Switch
November, 2003 ??Rev. 2
NLAST4501DTT1 ONSEMI-NLAST4501DTT1 Datasheet
83Kb / 10P
   Single SPST Analog Switch
November, 2003 ??Rev. 2
More results

Similar Description - NLAST4501_06

ManufacturerPart No.DatasheetDescription
ON Semiconductor
ON Semiconductor
NLAS4501 ONSEMI-NLAS4501 Datasheet
135Kb / 10P
   Single SPST Analog Switch
November, 2004 ??Rev. 4
NLAST4501 ONSEMI-NLAST4501 Datasheet
83Kb / 10P
   Single SPST Analog Switch
November, 2003 ??Rev. 2
Texas Instruments
Texas Instruments
TS5A3166 TI1-TS5A3166_16 Datasheet
1Mb / 32P
[Old version datasheet]   SPST Analog Switch
TS5A4597 TI1-TS5A4597_14 Datasheet
704Kb / 18P
[Old version datasheet]   SINGLE-CHANNEL 8 SPST ANALOG SWITCH
MAX4594 TI-MAX4594_15 Datasheet
680Kb / 16P
[Old version datasheet]   SINGLE-CHANNEL 10 SPST ANALOG SWITCH
MAX4597DCKR TI-MAX4597DCKR Datasheet
692Kb / 16P
[Old version datasheet]   SINGLE-CHANNEL 10-占쏙옙 SPST ANALOG SWITCH
TS5A4594 TI1-TS5A4594_14 Datasheet
883Kb / 22P
[Old version datasheet]   SINGLE-CHANNEL 8- SPST ANALOG SWITCH
MAX4596 TI-MAX4596_15 Datasheet
680Kb / 16P
[Old version datasheet]   SINGLE-CHANNEL 10 SPST ANALOG SWITCH
MAX4597 TI-MAX4597_15 Datasheet
680Kb / 16P
[Old version datasheet]   SINGLE-CHANNEL 10 SPST ANALOG SWITCH
TS5A4597 TI-TS5A4597_15 Datasheet
685Kb / 17P
[Old version datasheet]   SINGLE-CHANNEL 8 SPST ANALOG SWITCH
More results


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz