Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM78P468NCQS Datasheet(PDF) 11 Page - ELAN Microelectronics Corp

Part # EM78P468NCQS
Description  8-Bit Microcontroller
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P468NCQS Datasheet(HTML) 11 Page - ELAN Microelectronics Corp

Back Button EM78P468NCQS Datasheet HTML 7Page - ELAN Microelectronics Corp EM78P468NCQS Datasheet HTML 8Page - ELAN Microelectronics Corp EM78P468NCQS Datasheet HTML 9Page - ELAN Microelectronics Corp EM78P468NCQS Datasheet HTML 10Page - ELAN Microelectronics Corp EM78P468NCQS Datasheet HTML 11Page - ELAN Microelectronics Corp EM78P468NCQS Datasheet HTML 12Page - ELAN Microelectronics Corp EM78P468NCQS Datasheet HTML 13Page - ELAN Microelectronics Corp EM78P468NCQS Datasheet HTML 14Page - ELAN Microelectronics Corp EM78P468NCQS Datasheet HTML 15Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 82 page
background image
EM78P468N/EM78P468L
8-Bit Microcontroller
Product Specification (V1.5) 02.15.2007
• 5
(This specification is subject to change without further notice)
Table 2 (b) Pin Description for Package of QFP44 and LQFP44
Symbol
Pin No.
Type
Function
P5.4/INT0
21
I/O
1-bit General purpose input/output pin/external interrupt.
The INT0 interrupt source can be set to falling or rising edge by
IOC71 register Bit 7 (INT_EDGE).
Wakes up from sleep mode and idle mode when the pin status
changes.
P5.5/INT1
22
I/O
1-bit General purpose input/output pin/external interrupt.
The Interrupt source is a falling edge signal.
Wakes up from sleep mode and idle mode when the pin status
changes.
P5.6/TCC
23
I/O
1-bit General purpose input/output pin/external counter input.
This pin works in normal/green/idle mode.
P5.7/IROUT
24
I/O
1-bit General purpose input/output pin/IR/PWM mode output pin
This pin is capable of sinking 20mA/5V.
P6.0~P6.7
25~32
I/O
8-bit General purpose input/output pins
Pull-high, pull-low and open drain function supported.
All pins can wake up from sleep and idle modes when the pin
status changes.
COM3~0
6~9
O
LCD common output pin.
SEG11~SEG14
5~2
O
LCD segment output pin.
SEG16/P7.0
SEG17/P7.1
~
SEG23/P7.7
1
44
~
38
O/(I/O)
LCD segment output pin.
Can be shared with general purpose I/O pin
SEG24/P8.0
~
SEG31/P8.4
37
~
33
O/(I/O)
LCD segment output pin. Can be shared with general I/O pin
For general purpose I/O use, can wake up from sleep mode and
idle mode when the pin status changes.
For general purposes I/O use, supports pull-high function.
VB
10
O
Connect capacitors for LCD bias voltage.
VA
11
O
Connect capacitors for LCD bias voltage.
VLCD2
12
O
One of LCD bias voltage.
VLCD3
13
O
One of LCD bias voltage.
/RESET
14
I
General-purpose Input only
Low active. If it remains at logic low, the device will be reset.
R-OSCI
16
I
In Crystal mode: crystal input
In RC mode: resistor pull high.
In PLL mode: connect 0.01
µF capacitance to GND
Connect 0.01
µF capacitor to GND and code option select PLL
mode when high oscillator is not use
OSCO
17
O
In Crystal mode: crystal input
In RC mode: instruction clock output
Xin
19
I
In Crystal mode: Input pin for sub-oscillator. Connect to a
32.768kHz crystal.
Xout
20
o
In Crystal mode: Connect to a 32.768kHz crystal.
In RC mode: instruction clock output
VDD
18
I
Power supply
GND
15
I
System ground pin


Similar Part No. - EM78P468NCQS

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78P468NCQS/NCQJ EMC-EM78P468NCQS/NCQJ Datasheet
870Kb / 82P
   8-Bit Microcontroller
More results

Similar Description - EM78P468NCQS

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com