Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCK2509SL Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCK2509SL
Description  50-150 MHz 1:9 SDRAM clock driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK2509SL Datasheet(HTML) 2 Page - NXP Semiconductors

  PCK2509SL Datasheet HTML 1Page - NXP Semiconductors PCK2509SL Datasheet HTML 2Page - NXP Semiconductors PCK2509SL Datasheet HTML 3Page - NXP Semiconductors PCK2509SL Datasheet HTML 4Page - NXP Semiconductors PCK2509SL Datasheet HTML 5Page - NXP Semiconductors PCK2509SL Datasheet HTML 6Page - NXP Semiconductors PCK2509SL Datasheet HTML 7Page - NXP Semiconductors PCK2509SL Datasheet HTML 8Page - NXP Semiconductors PCK2509SL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Philips Semiconductors
Product specification
PCK2509SL
50–150 MHz 1:9 SDRAM clock driver
2
2000 Dec 01
853–2230 25137
FEATURES
Phase-Locked Loop Clock distribution for
PC100/PC133 SDRAM applications
When outputs are disabled, the PLL and feedback output are
disabled, dropping AICC to 100 µA in stand-by mode when input
clock signal is present.
See PCK2509SA for JEDEC compliant option where PLL remains
locked when outputs are disabled.
Spread Spectrum clock compatible
Operating frequency 50 to 150 MHz
(t
phase error – jitter) at 100 to133 MHz = ±50 ps
Jitter (peak-peak) at 100 to 133 MHz = ± 80 ps
Jitter (cycle-cycle) at 100 to 133 MHz = 65 ps
Pin-to-pin skew < 200 ps
Available in plastic 24-Pin TSSOP
Distributes one clock input to one bank of five outputs and one
bank of four outputs
External Feedback (FBIN) terminal Is used to synchronize the
outputs to the clock input
On-Chip series damping resistors
No external RC network required
Operates at 3.3 V
Inputs compatible with 2.5 V and 3.3 V ranges
See page 7 for Characteristic curves.
DESCRIPTION
The PCK2509SL is a high-performance, low-skew, low-jitter,
phase-locked loop (PLL) clock driver. It uses a PLL to precisely
align, in both frequency and phase, the feedback (FBOUT) output to
the clock (CLK) input signal. It is specifically designed for use with
synchronous DRAMs. The PCK2509SL operates at 3.3 V VCC and
is input compatible with both 2.5 V and 3.3 V input voltage ranges. It
also provides integrated series-damping resistors that make it ideal
for driving point-to-point loads.
One bank of five outputs and one bank of four outputs provide nine
low-skew, low-jitter copies of CLK. Output signal duty cycles are
adjusted to 50 percent, independent of the duty cycle at CLK. Each
bank of outputs can be enabled or disabled separately via the
control (1G and 2G) inputs. When the G inputs are high, the outputs
switch in phase and frequency with CLK; when the G inputs are low,
the outputs are disabled to the logic–low state.
Unlike many products containing PLLs, the PCK2509SL does not
require external RC networks. The loop filter for the PLL is included
on-chip, minimizing component count, board space, and cost.
Because it is based on PLL circuitry, the PCK2509SL requires a
stabilization time to achieve phase lock of the feedback signal to the
reference signal. This stabilization time is required, following power up
and application of a fixed-frequency, fixed-phase signal at CLK, and
following any changes to the PLL reference or feedback signals. The
PLL can be bypassed for test purposes by strapping AVCC to ground.
The PCK2509SL is characterized for operation from 0
°C to +70 °C.
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
AGND
CLK
AVCC
VCC
VCC
2Y0
1Y0
2Y1
GND
1Y1
GND
2Y3
1Y2
2Y2
GND
VCC
FBIN
GND
1Y3
1Y4
VCC
1G
FBOUT
SW00389
2G
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
ORDER CODE
DRAWING NUMBER
24-Pin Plastic TSSOP
0 to +70
°C
PCK2509SLDH
SOT355-1


Similar Part No. - PCK2509SL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCK2509S PHILIPS-PCK2509S Datasheet
70Kb / 10P
   50-150 MHz 1:9 SDRAM clock driver
1999 Oct 19
PCK2509SA PHILIPS-PCK2509SA Datasheet
79Kb / 10P
   50-150 MHz 1:9 SDRAM clock driver
2000 Dec 01
PCK2509SADH PHILIPS-PCK2509SADH Datasheet
79Kb / 10P
   50-150 MHz 1:9 SDRAM clock driver
2000 Dec 01
PCK2509SPW PHILIPS-PCK2509SPW Datasheet
70Kb / 10P
   50-150 MHz 1:9 SDRAM clock driver
1999 Oct 19
More results

Similar Description - PCK2509SL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCK2509S PHILIPS-PCK2509S Datasheet
70Kb / 10P
   50-150 MHz 1:9 SDRAM clock driver
1999 Oct 19
PCK2509SA PHILIPS-PCK2509SA Datasheet
79Kb / 10P
   50-150 MHz 1:9 SDRAM clock driver
2000 Dec 01
PCK2510SL PHILIPS-PCK2510SL Datasheet
78Kb / 10P
   50-150 MHz 1:10 SDRAM clock driver
2000 Dec 01
PCK2510S PHILIPS-PCK2510S Datasheet
81Kb / 10P
   50-150 MHz 1:10 SDRAM clock driver
1999 Dec 13
PCK2510SA PHILIPS-PCK2510SA Datasheet
78Kb / 10P
   50-150 MHz 1:10 SDRAM clock driver
2000 Dec 01
logo
List of Unclassifed Man...
AZ10E111 ETC1-AZ10E111 Datasheet
64Kb / 2P
   1:9 Differential Clock Driver
logo
ON Semiconductor
MC10E111 ONSEMI-MC10E111 Datasheet
104Kb / 5P
   1:9 DIFFERENTIAL CLOCK DRIVER
1996 REV 3
MC10H645 ONSEMI-MC10H645_06 Datasheet
133Kb / 6P
   1:9 TTL Clock Driver
February, 2006 ??Rev. 6
MC10H645 ONSEMI-MC10H645 Datasheet
106Kb / 5P
   1:9 TTL CLOCK DRIVER
1996 REV 4
logo
Texas Instruments
CDCVF111 TI-CDCVF111 Datasheet
121Kb / 1P
[Old version datasheet]   1:9 DIFFERENTIAL LVPECL CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com