Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCK2509SL Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PCK2509SL
Description  50-150 MHz 1:9 SDRAM clock driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK2509SL Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PCK2509SL Datasheet HTML 2Page - NXP Semiconductors PCK2509SL Datasheet HTML 3Page - NXP Semiconductors PCK2509SL Datasheet HTML 4Page - NXP Semiconductors PCK2509SL Datasheet HTML 5Page - NXP Semiconductors PCK2509SL Datasheet HTML 6Page - NXP Semiconductors PCK2509SL Datasheet HTML 7Page - NXP Semiconductors PCK2509SL Datasheet HTML 8Page - NXP Semiconductors PCK2509SL Datasheet HTML 9Page - NXP Semiconductors PCK2509SL Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Philips Semiconductors
Product specification
PCK2509SL
50–150 MHz 1:9 SDRAM clock driver
2000 Dec 01
10
Definitions
Short-form specification — The data in a short-form specification is extracted from a full data sheet with the same type number and title. For
detailed information see the relevant data sheet or data handbook.
Limiting values definition — Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one
or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or
at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended
periods may affect device reliability.
Application information — Applications that are described herein for any of these products are for illustrative purposes only. Philips
Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or
modification.
Disclaimers
Life support — These products are not designed for use in life support appliances, devices or systems where malfunction of these products can
reasonably be expected to result in personal injury. Philips Semiconductors customers using or selling these products for use in such applications
do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application.
Right to make changes — Philips Semiconductors reserves the right to make changes, without notice, in the products, including circuits, standard
cells, and/or software, described or contained herein in order to improve design and/or performance. Philips Semiconductors assumes no
responsibility or liability for the use of any of these products, conveys no license or title under any patent, copyright, or mask work right to these
products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless
otherwise specified.
Philips Semiconductors
811 East Arques Avenue
P.O. Box 3409
Sunnyvale, California 94088–3409
Telephone 800-234-7381
© Copyright Philips Electronics North America Corporation 2000
All rights reserved. Printed in U.S.A.
Date of release: 12-00
Document order number:
9397 750 07846
Philips
Semiconductors
Data sheet
status
Objective
specification
Preliminary
specification
Product
specification
Product
status
Development
Qualification
Production
Definition [1]
This data sheet contains the design target or goal specifications for product development.
Specification may change in any manner without notice.
This data sheet contains preliminary data, and supplementary data will be published at a later date.
Philips Semiconductors reserves the right to make changes at any time without notice in order to
improve design and supply the best possible product.
This data sheet contains final specifications. Philips Semiconductors reserves the right to make
changes at any time without notice in order to improve design and supply the best possible product.
Data sheet status
[1]
Please consult the most recently issued datasheet before initiating or completing a design.


Similar Part No. - PCK2509SL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCK2509S PHILIPS-PCK2509S Datasheet
70Kb / 10P
   50-150 MHz 1:9 SDRAM clock driver
1999 Oct 19
PCK2509SA PHILIPS-PCK2509SA Datasheet
79Kb / 10P
   50-150 MHz 1:9 SDRAM clock driver
2000 Dec 01
PCK2509SADH PHILIPS-PCK2509SADH Datasheet
79Kb / 10P
   50-150 MHz 1:9 SDRAM clock driver
2000 Dec 01
PCK2509SPW PHILIPS-PCK2509SPW Datasheet
70Kb / 10P
   50-150 MHz 1:9 SDRAM clock driver
1999 Oct 19
More results

Similar Description - PCK2509SL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCK2509S PHILIPS-PCK2509S Datasheet
70Kb / 10P
   50-150 MHz 1:9 SDRAM clock driver
1999 Oct 19
PCK2509SA PHILIPS-PCK2509SA Datasheet
79Kb / 10P
   50-150 MHz 1:9 SDRAM clock driver
2000 Dec 01
PCK2510SL PHILIPS-PCK2510SL Datasheet
78Kb / 10P
   50-150 MHz 1:10 SDRAM clock driver
2000 Dec 01
PCK2510S PHILIPS-PCK2510S Datasheet
81Kb / 10P
   50-150 MHz 1:10 SDRAM clock driver
1999 Dec 13
PCK2510SA PHILIPS-PCK2510SA Datasheet
78Kb / 10P
   50-150 MHz 1:10 SDRAM clock driver
2000 Dec 01
logo
List of Unclassifed Man...
AZ10E111 ETC1-AZ10E111 Datasheet
64Kb / 2P
   1:9 Differential Clock Driver
logo
ON Semiconductor
MC10E111 ONSEMI-MC10E111 Datasheet
104Kb / 5P
   1:9 DIFFERENTIAL CLOCK DRIVER
1996 REV 3
MC10H645 ONSEMI-MC10H645_06 Datasheet
133Kb / 6P
   1:9 TTL Clock Driver
February, 2006 ??Rev. 6
MC10H645 ONSEMI-MC10H645 Datasheet
106Kb / 5P
   1:9 TTL CLOCK DRIVER
1996 REV 4
logo
Texas Instruments
CDCVF111 TI-CDCVF111 Datasheet
121Kb / 1P
[Old version datasheet]   1:9 DIFFERENTIAL LVPECL CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com