Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


FZT955 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part No. FZT955
Description  SOT223 PNP SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTORS
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ZETEX [Zetex Semiconductors]
Homepage  http://www.diodes.com/
Logo 

   
 1 page
background image
SOT223 PNP SILICON PLANAR HIGH CURRENT
(HIGH PERFORMANCE) TRANSISTORS
ISSUE 3 – MARCH 2005
FEATURES
*
4 Amps continuous current (10 Amps peak current)
*
Very low saturation voltages
*
Excellent gain characteristics specified up to 3 Amps
PARTMARKING DETAILS –
DEVICE TYPE IN FULL
COMPLEMENTARY TYPES – FZT955 - FZT855
FZT956 - N/A
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
FZT955
FZT956
UNIT
Collector-Base Voltage
VCBO
-180
-220
V
Collector-Emitter Voltage
VCEO
-140
-200
V
Emitter-Base Voltage
VEBO
-6
V
Peak Pulse Current
ICM
-10
-5
A
Continuous Collector Current
IC
-4
-2
A
Power Dissipation at Tamb=25°C
Ptot
3W
Operating and Storage Temperature
Range
Tj:Tstg
-55 to +150
°C
*The power which can be dissipated assuming the device is mounted in a typical manner on a
P.C.B. with copper equal to 4 square inch minimum
FZT955
FZT956
3 - 284
C
C
E
B




Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
FZT857_03SOT223 NPN SILICON PLANAR HIGH CURRENT HIGH PERFORMANCE TRANSISTOR 1 2 3 Zetex Semiconductors
STN888HIGH CURRENT HIGH PERFORMANCE LOW VOLTAGE PNP TRANSISTOR 1 2 3 4 5 MoreSTMicroelectronics
STX790A_06Medium Current High Performance Low Voltage PNP Transistor 1 2 3 4 5 MoreSTMicroelectronics
FZT604SOT223 NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTORS 1 2 3 Zetex Semiconductors
2SA1020One Watt High Current PNP Transistor VOLTAGE AND CURRENT ARE NEGATIVE FOR PNP TRANSISTORS 1 2 3 4 ON Semiconductor
ZUMT491SOT323 NPN SILICON PLANAR HIGH PERFORMANCE TRANSISTOR 1 Zetex Semiconductors
FZT704SOT223 PNP SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTOR 1 2 Zetex Semiconductors
FZT755_05SOT223 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR 1 2 Zetex Semiconductors
BUX81HIGH CURRENT HIGH SPEED HIGH POWER SILICON NPN PLANAR TRANSISTOR 1 2 Seme LAB
MBT35200MT1_05High Current Surface Mount PNP Silicon Switching Transistor for Load Management in Portable Applications 1 2 3 4 5 MoreON Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl