Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLAS5223LMNR2G Datasheet(PDF) 9 Page - ON Semiconductor

Part # NLAS5223LMNR2G
Description  Ultra-Low 0.5 ohm Dual SPDT Analog Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAS5223LMNR2G Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NLAS5223LMNR2G Datasheet HTML 3Page - ON Semiconductor NLAS5223LMNR2G Datasheet HTML 4Page - ON Semiconductor NLAS5223LMNR2G Datasheet HTML 5Page - ON Semiconductor NLAS5223LMNR2G Datasheet HTML 6Page - ON Semiconductor NLAS5223LMNR2G Datasheet HTML 7Page - ON Semiconductor NLAS5223LMNR2G Datasheet HTML 8Page - ON Semiconductor NLAS5223LMNR2G Datasheet HTML 9Page - ON Semiconductor NLAS5223LMNR2G Datasheet HTML 10Page - ON Semiconductor NLAS5223LMNR2G Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
NLAS5223, NLAS5223L
http://onsemi.com
9
0
10
1000
10000
100000
FREQUENCY (Hz)
Figure 7. Cross Talk vs. Frequency
@ VCC = 3.6 V
FREQUENCY (MHz)
0
−10
−70
0.1
100
10
1
0.01
−20
−30
−40
−50
−60
−80
Figure 8. Bandwidth vs. Frequency
FREQUENCY (MHz)
0.01
100
1
0.1
0
−3
−6
−9
−12
−15
−18
10
0
0.05
0
0.5
1
1.5
2
3
VIN (V)
2.5
−40
°C
85
°C
25
°C
0.1
0.15
0.2
0.25
Figure 9. Total Harmonic Distortion
Figure 10. On−Resistance vs. Input Voltage
@ VCC = 3.0 V
Figure 11. On−Resistance vs. Input Voltage
@ VCC = 3.6 V
0
0.05
0.1
0.15
01
23
VIN (V)
0.5
1.5
2.5
3.5
4
−40
°C
85
°C
25
°C
0.1
0.15
0.2
0.25
0.3
0.35
0
0.5
1
1.5
2
2.5
VIN (V)
Figure 12. On−Resistance vs. Input Voltage
3.0 V
100
0.02
0.04
0.06
0.08
0.1
0.12
0.2
0.25
3.6 V
−90
−100
0.3
0.35
0.35
3
0.4
0.3
3.5
4


Similar Part No. - NLAS5223LMNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS5223LMNR2G ONSEMI-NLAS5223LMNR2G Datasheet
114Kb / 11P
   Ultra?묹ow 0.5ohm Dual SPDT Analog Switch
December, 2005 ??Rev. 0
NLAS5223LMNR2G ONSEMI-NLAS5223LMNR2G Datasheet
108Kb / 10P
   Ultra-Low 0.5 Dual SPDT Analog Switch
September, 2015 ??Rev. 6
More results

Similar Description - NLAS5223LMNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS5223B ONSEMI-NLAS5223B Datasheet
124Kb / 12P
   Ultra?묹ow 0.5 ohm Dual SPDT Analog Switch
September, 2006 ??Rev. 3
logo
Union Semiconductor, In...
UM5223 UNIONSEMI-UM5223_16 Datasheet
188Kb / 6P
   0.5(ohm) Ultra Low On-Resistance Dual SPDT Analog Switch
logo
ON Semiconductor
NLAS5223 ONSEMI-NLAS5223_15 Datasheet
108Kb / 10P
   Ultra-Low 0.5 Dual SPDT Analog Switch
September, 2015 ??Rev. 6
logo
Integrated Device Techn...
IDTAS4684 IDT-IDTAS4684_1 Datasheet
264Kb / 13P
   0.5 OHM, DUAL SPDT ANALOG SWITCH
IDTAS4684A IDT-IDTAS4684A_1 Datasheet
264Kb / 13P
   0.5 OHM, DUAL SPDT ANALOG SWITCH
IDTAS4684 IDT-IDTAS4684 Datasheet
298Kb / 14P
   0.5 OHM, DUAL SPDT ANALOG SWITCH
logo
Union Semiconductor, In...
UM4684 UNIONSEMI-UM4684_15 Datasheet
514Kb / 12P
   0.5(OHM) Low-Voltage Dual SPDT Analog Switch
logo
Shenzhen Huazhimei Semi...
HM5223 HMSEMI-HM5223 Datasheet
637Kb / 8P
   Ultra-Low 0.5廓 Dual SPDT Analog Switch
logo
National Semiconductor ...
LMS4684 NSC-LMS4684 Datasheet
255Kb / 10P
   0.5 Low-Voltage, Dual SPDT Analog Switch
logo
SG Micro Corp
SGM5223 SGMICRO-SGM5223 Datasheet
423Kb / 10P
   0.5廓 Ultra Low ON-Resistance, Dual, SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com