Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLASB3157 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NLASB3157
Description  SPDT, 3 ohm RON Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLASB3157 Datasheet(HTML) 5 Page - ON Semiconductor

  NLASB3157_06 Datasheet HTML 1Page - ON Semiconductor NLASB3157_06 Datasheet HTML 2Page - ON Semiconductor NLASB3157_06 Datasheet HTML 3Page - ON Semiconductor NLASB3157_06 Datasheet HTML 4Page - ON Semiconductor NLASB3157_06 Datasheet HTML 5Page - ON Semiconductor NLASB3157_06 Datasheet HTML 6Page - ON Semiconductor NLASB3157_06 Datasheet HTML 7Page - ON Semiconductor NLASB3157_06 Datasheet HTML 8Page - ON Semiconductor NLASB3157_06 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
NLASB3157
http://onsemi.com
5
APPENDIX A
DC ELECTRICAL EXTENDED AUTOMOTIVE TEMPERATURE RANGE CHARACTERISTICS
Symbol
Parameter
Test Conditions
VCC
(V)
TA = +255C
TA = −555C to +1255C
Unit
Min
Typ
Max
Min
Max
VIH
HIGH Level
Input Voltage
1.65−1.95
2.3−5.5
0.75 VCC
0.7 VCC
V
VIL
LOW Level
Input Voltage
1.65−1.95
2.3−5.5
0.25 VCC
0.3 VCC
V
IIN
Input Leakage Current
0
v VIN v 5.5 V
0−5.5
"0.05 "0.1
"1
mA
IOFF
OFF State Leakage
Current
0
v A, B v VCC
1.65−5.5
"0.05 "0.1
"1
mA
RON
Switch On Resistance
(Note 12)
VIN = 0 V, IO = 30 mA
VIN = 2.4 V, IO = −30 mA
VIN = 4.5 V, IO = −30 mA
4.5
3.0
5.0
7.0
8.5
13.0
15.0
W
VIN = 0 V, IO = 24 mA
VIN = 3 V, IO = −24 mA
3.0
4.0
10
11
20
VIN = 0 V, IO = 8 mA
VIN = 2.3 V, IO = −8 mA
2.3
5.0
13
12
30
VIN = 0 V, IO = 4 mA
VIN = 1.65 V, IO = −4 mA
1.65
6.5
17
20
50
ICC
Quiescent Supply
Current
All Channels ON or
OFF
VIN = VCC or GND
IOUT = 0
5.5
1.0
10
mA
Analog Signal Range
VCC
0
VCC
0
VCC
V
RRANGE
On Resistance
Over Signal Range
(Note 12) (Note 14)
IA = −30 mA, 0 v VBn v VCC
IA = −24 mA, 0 v VBn v VCC
IA = −8 mA, 0 v VBn
v VCC
IA = −4 mA, 0 v VBn
v VCC
4.5
3.0
2.3
1.65
25
50
100
300
W
12. Measured by the voltage drop between A and B pins at the indicated current through the switch. On Resistance is determined by the lower
of the voltages on the two (A or B Ports).
13. Flatness is defined as the difference between the maximum and minimum value of On Resistance over the specified range of conditions.
14. Guaranteed by Design.
* For
DRON, RFLAT, Q, OIRR, Xtalk, BW, THD, and CIN see −405C to 855C section.


Similar Part No. - NLASB3157_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLASB3157DFT2 ONSEMI-NLASB3157DFT2 Datasheet
70Kb / 10P
   2:1 Multiplexer
April, 2004 ??Rev. 6
NLASB3157DFT2 ONSEMI-NLASB3157DFT2 Datasheet
139Kb / 10P
   The NLASB3157 is an advanced CMOS analog switch fabricated with silicon gate CMOS technology
August, 2013 ??Rev. 13
NLASB3157DFT2G ONSEMI-NLASB3157DFT2G Datasheet
70Kb / 10P
   2:1 Multiplexer
April, 2004 ??Rev. 6
NLASB3157DFT2G ONSEMI-NLASB3157DFT2G Datasheet
139Kb / 10P
   The NLASB3157 is an advanced CMOS analog switch fabricated with silicon gate CMOS technology
August, 2013 ??Rev. 13
NLASB3157MTR2G ONSEMI-NLASB3157MTR2G Datasheet
139Kb / 10P
   The NLASB3157 is an advanced CMOS analog switch fabricated with silicon gate CMOS technology
August, 2013 ??Rev. 13
More results

Similar Description - NLASB3157_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS5123 ONSEMI-NLAS5123 Datasheet
123Kb / 9P
   SPDT, 1 Ohm Ron Switch
December, 2005 ??Rev. 0
NLAS4157 ONSEMI-NLAS4157 Datasheet
91Kb / 10P
   SPDT, 1 ohm RON Switch
July, 2005 ??Rev. 2
NLAS5123-06 ONSEMI-NLAS5123-06 Datasheet
175Kb / 9P
   SPDT, 1 ohm RON Switch
August, 2006 ??Rev. 1
NLAS4783 ONSEMI-NLAS4783 Datasheet
86Kb / 10P
   Triple SPDT 1.0 ohm RON Switch
October, 2005 ??Rev. 1
NLAS4783B ONSEMI-NLAS4783B_08 Datasheet
152Kb / 11P
   Triple SPDT 1.0 ohm RON Switch
July, 2008 ??Rev. 1
NLAS4783B ONSEMI-NLAS4783B Datasheet
85Kb / 10P
   Triple SPDT 1.0 ohm RON Switch
March, 2006 ??Rev. 0
NLAS5123 ONSEMI-NLAS5123_10 Datasheet
155Kb / 10P
   SPDT, 1  RON Switch
November, 2010 ??Rev. 4
NLAS4157 ONSEMI-NLAS4157_12 Datasheet
125Kb / 8P
   SPDT, 1  RON Switch
May, 2012 ??Rev. 3
logo
Alpha & Omega Semicondu...
AOZ6134 AOSMD-AOZ6134 Datasheet
343Kb / 9P
   High Performance, Low RON, 1 ohm SPDT Analog Switch
logo
ON Semiconductor
NLAS4783 ONSEMI-NLAS4783_08 Datasheet
153Kb / 11P
   Triple SPDT 1.0  RON Switch
July, 2008 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com