Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLAS4717EPMTR2G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NLAS4717EPMTR2G
Description  4.5 ohm High Bandwidth, Dual SPDT Analog Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAS4717EPMTR2G Datasheet(HTML) 5 Page - ON Semiconductor

  NLAS4717EPMTR2G Datasheet HTML 1Page - ON Semiconductor NLAS4717EPMTR2G Datasheet HTML 2Page - ON Semiconductor NLAS4717EPMTR2G Datasheet HTML 3Page - ON Semiconductor NLAS4717EPMTR2G Datasheet HTML 4Page - ON Semiconductor NLAS4717EPMTR2G Datasheet HTML 5Page - ON Semiconductor NLAS4717EPMTR2G Datasheet HTML 6Page - ON Semiconductor NLAS4717EPMTR2G Datasheet HTML 7Page - ON Semiconductor NLAS4717EPMTR2G Datasheet HTML 8Page - ON Semiconductor NLAS4717EPMTR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
NLAS4717EP
http://onsemi.com
5
Figure 2. RDS(on) @ VCC = 5.0 V
0.0
0.5
1.0
1.5
2.0
0.0
1.0
2.0
3.0
VCOM (V)
Figure 3. RDS(on) @ VCC = 3.0 V
Figure 4. Delta RDS(on) @ VCC = 5.0 V
Figure 5. Delta RDS(on) @ VCC = 3.0 V
Figure 6. Charge Injection
Figure 7. Total Harmonic Distortion
TEMPERATURE (
°C)
4.0
5.0
0.0
0.5
1.0
1.5
2.0
0.0
0.5
1.0
1.5
VCOM (V)
2.0
2.5
2.5
3.0
3.0
0.8
0.9
1.0
1.1
1.2
−40C
+25C
+85C
1.3
1.4
1.5
TEMPERATURE (
°C)
0.8
0.9
1.0
1.1
1.2
−40C
+25C
+85C
1.3
1.4
1.5
−10
−8
−6
−4
−2
0.0
1.0
2.0
3.0
VCOM (V)
4.0
5.0
0
2
4
6
8
0.01
10
100
1000
10000
FREQUENCY (Hz)
100000
0.1
1
+85
°C
+25
°C
−40
°C
+85
°C
+25
°C
−40
°C
5.0 V
3.0 V
3.0 V
5.0 V
3.0 V


Similar Part No. - NLAS4717EPMTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS4717EPMTR2G ONSEMI-NLAS4717EPMTR2G Datasheet
139Kb / 10P
   4.5 High Bandwidth, Dual SPDT Analog Switch
October, 2011 ??Rev. 7
More results

Similar Description - NLAS4717EPMTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS4717 ONSEMI-NLAS4717 Datasheet
96Kb / 10P
   4.5 ohm High Bandwidth, Dual SPDT Analog Switch
April, 2006 ??Rev. 8
logo
Union Semiconductor, In...
UM4258Q UNIONSEMI-UM4258Q_16 Datasheet
446Kb / 14P
   4.5(OHM) 300MHz Bandwidth Dual SPDT Analog Switch
UM4717 UNIONSEMI-UM4717_16 Datasheet
477Kb / 16P
   4.5(OHM) 300MHz Bandwidth Dual SPDT Analog Switch
logo
ON Semiconductor
NLAS4717EP ONSEMI-NLAS4717EP_11 Datasheet
139Kb / 10P
   4.5 High Bandwidth, Dual SPDT Analog Switch
October, 2011 ??Rev. 7
logo
Integrated Device Techn...
IDTUS4717 IDT-IDTUS4717 Datasheet
275Kb / 14P
   4.5 OHM LOW VOLTAGE, HIGH BANDWIDTH, DUAL SPDT ANALOG SWITCH
logo
Union Semiconductor, In...
UM4717 UNIONSEMI-UM4717 Datasheet
433Kb / 16P
   4.5廓 300MHz Bandwidth Dual SPDT Analog Switch
logo
SG Micro Corp
SGM4717 SGMICRO-SGM4717 Datasheet
535Kb / 11P
   4.5廓, 300MHz Bandwidth, Dual, SPDT Analog Switch
SGM4717EP SGMICRO-SGM4717EP Datasheet
434Kb / 10P
   4.5廓, 300MHz Bandwidth, Dual, SPDT Analog Switch
SGM4717YD SGMICRO-SGM4717YD Datasheet
470Kb / 10P
   4.5廓, 300MHz Bandwidth, Dual, SPDT Analog Switch
logo
Union Semiconductor, In...
UM4258Q UNIONSEMI-UM4258Q Datasheet
309Kb / 14P
   4.5廓 300MHz Bandwidth Dual SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com