Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLAS4684MNR2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NLAS4684MNR2G
Description  Ultra-Low Resistance Dual SPDT Analog Switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAS4684MNR2G Datasheet(HTML) 4 Page - ON Semiconductor

  NLAS4684MNR2G Datasheet HTML 1Page - ON Semiconductor NLAS4684MNR2G Datasheet HTML 2Page - ON Semiconductor NLAS4684MNR2G Datasheet HTML 3Page - ON Semiconductor NLAS4684MNR2G Datasheet HTML 4Page - ON Semiconductor NLAS4684MNR2G Datasheet HTML 5Page - ON Semiconductor NLAS4684MNR2G Datasheet HTML 6Page - ON Semiconductor NLAS4684MNR2G Datasheet HTML 7Page - ON Semiconductor NLAS4684MNR2G Datasheet HTML 8Page - ON Semiconductor NLAS4684MNR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
NLAS4684
http://onsemi.com
4
DC ELECTRICAL CHARACTERISTICS − Analog Section
Symbol
Parameter
Condition
VCC $10%
Guaranteed Maximum Limit
Unit
−55
5C to 255C
t855C
t1255C
Min
Max
Min
Max
Min
Max
RON (NC)
NC “ON” Resistance
(Note 3)
VIN v VIL
VIS = GND to VCC
IINI v 100 mA
2.5
3.0
5.0
0.6
0.5
0.4
0.7
0.5
0.4
0.8
0.5
0.5
W
RON (NO)
NO “ON” Resistance
(Note 3)
VIN w VIH
VIS = GND to VCC
IINI v 100 mA
2.5
3.0
5.0
1.0
0.8
0.8
1.0
0.8
0.8
1.0
1.0
0.9
W
RFLAT (NC)
NC_On−Resistance
Flatness (Notes 3, 5)
ICOM = 100 mA
VIS = 0 to VCC
2.5
3.0
5.0
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
W
RFLAT (NO)
NO_On−Resistance
Flatness (Notes 3, 5)
ICOM = 100 mA
VIS = 0 to VCC
2.5
3.0
5.0
0.35
0.35
0.35
0.35
0.35
0.35
0.35
0.35
0.35
W
DRON
On−Resistance Match
Between Channels
(Notes 3 and 4)
VIS = 1.3 V;
ICOM = 100 mA
VIS = 1.5 V;
ICOM = 100 mA
VIS = 2.8 V;
ICOM = 100 mA
2.5
3.0
5.0
0.18
0.06
0.06
0.18
0.06
0.06
0.18
0.06
0.06
W
INC(OFF)
INO(OFF)
NC or NO Off
Leakage Current
(Figure 13) (Note 3)
VIN = VIL or VIH
VNO or VNC = 1.0
VCOM = 4.5 V
5.5
−1
1
−10
10
−100
100
nA
ICOM(ON)
COM ON
Leakage Current
(Figure 13) (Note 3)
VIN = VIL or VIH
VNO 1.0 V or 4.5 V with
VNC floating or
VNC 1.0 V or 4.5 V with
VNO floating
VCOM = 1.0 V or 4.5 V
5.5
−2
2
−20
20
−200
200
nA
3. Guaranteed by design. Resistance measurements do not include test circuit or package resistance.
4.
DRON = RON(MAX) − RON(MIN) between NC1 and NC2 or between NO1 and NO2.
5. Flatness is defined as the difference between the maximum and minimum value of on−resistance as measured over the specified analog
signal ranges.


Similar Part No. - NLAS4684MNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS4684MNR2G ONSEMI-NLAS4684MNR2G Datasheet
179Kb / 14P
   Ultra-Low Resistance Dual SPDT Analog Switch
September, 2008 ??Rev. 20
More results

Similar Description - NLAS4684MNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS4685 ONSEMI-NLAS4685 Datasheet
93Kb / 10P
   Ultra-Low Resistance Dual SPDT Analog Switch
August, 2005 ??Rev. 2
NS5A4684SMNTBG ONSEMI-NS5A4684SMNTBG Datasheet
139Kb / 8P
   Ultra-Low Resistance Dual SPDT Analog Switch
March, 2013 ??Rev. 1
NLAS4684 ONSEMI-NLAS4684_08 Datasheet
179Kb / 14P
   Ultra-Low Resistance Dual SPDT Analog Switch
September, 2008 ??Rev. 20
logo
SG Micro Corp
SGM5223 SGMICRO-SGM5223_15 Datasheet
326Kb / 11P
   Ultra Low ON-Resistance Dual SPDT Analog Switch
SGM2268 SGMICRO-SGM2268_15 Datasheet
342Kb / 11P
   Ultra Low ON-Resistance Dual, SPDT Analog Switch
logo
Union Semiconductor, In...
UM2268 UNIONSEMI-UM2268_16 Datasheet
506Kb / 11P
   Ultra Low ON-Resistance, Dual, SPDT Analog Switch
logo
SG Micro Corp
SGM2267 SGMICRO-SGM2267 Datasheet
362Kb / 12P
   Ultra Low ON-Resistance, Dual, SPDT Analog Switch
logo
AiT Semiconductor Inc.
A4714 AITSEMI-A4714 Datasheet
572Kb / 9P
   DUAL SPDT ANALOG SWITCH ULTRA LOW ON-RESISTANCE LOW VOLTAGE
REV1.1
A4716 AITSEMI-A4716 Datasheet
590Kb / 10P
   DUAL SPDT ANALOG SWITCH ULTRA LOW ON-RESISTANCE, LOW VOLTAGE
REV1.0
logo
SG Micro Corp
SGM3005 SGMICRO-SGM3005 Datasheet
547Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Dual, SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com