Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLAS4501 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NLAS4501
Description  Single SPST Analog Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAS4501 Datasheet(HTML) 4 Page - ON Semiconductor

  NLAS4501 Datasheet HTML 1Page - ON Semiconductor NLAS4501 Datasheet HTML 2Page - ON Semiconductor NLAS4501 Datasheet HTML 3Page - ON Semiconductor NLAS4501 Datasheet HTML 4Page - ON Semiconductor NLAS4501 Datasheet HTML 5Page - ON Semiconductor NLAS4501 Datasheet HTML 6Page - ON Semiconductor NLAS4501 Datasheet HTML 7Page - ON Semiconductor NLAS4501 Datasheet HTML 8Page - ON Semiconductor NLAS4501 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
NLAS4501
http://onsemi.com
4
ADDITIONAL APPLICATION CHARACTERISTICS (Voltages Referenced to GND Unless Noted)
VCC
Limit
Symbol
Parameter
Condition
VCC
V
25°C
Unit
BW
Maximum On−Channel −3dB Bandwidth or VIS = 0 dBm
3.0
190
MHz
BW
Maximum On Channel 3dB Bandwidth or
Minimum Frequency Response
VIS 0 dBm
VIS centered between VCC and GND
(Fi
6
d 14)
3.0
4.5
190
200
220
MHz
IS
CC
(Figures 6 and 14)
5.5
220
VONL
Maximum Feedthrough On Loss
VIS = 0 dBm @ 10 kHz
3.0
−2
dB
VONL
Maximum Feedthrough On Loss
VIS 0 dBm @ 10 kHz
VIS centered between VCC and GND
(Fi
6)
3.0
4.5
2
−2
2
dB
IS
CC
(Figure 6)
5.5
−2
VISO
Off−Channel Isolation
f = 100 kHz; VIS = 1 V RMS
3.0
−93
dB
VISO
Off Channel Isolation
f 100 kHz; VIS 1 V RMS
VIS centered between VCC and GND
(Fi
6
d 15)
3.0
4.5
93
dB
IS
CC
(Figures 6 and 15)
5.5
Q
Charge Injection
VIS = VCC to GND, FIS = 20 kHz
3.0
1.5
Q
Charge Injection
Enable Input to Common I/O
VIS = VCC to GND, FIS = 20 kHz
tr = tf = 3 ns
3.0
5.5
1.5
3.0
pC
Enable Input to Common I/O
tr = tf = 3 ns
RIS = 0 W, CL = 1000 pF
5.5
3.0
pC
RIS = 0 W, CL = 1000 pF
Q = CL * DVOUT
Q = CL DVOUT
(Figures 7 and 16)
THD
Total Harmonic Distortion
FIS = 20 Hz to 1 MHz, RL = Rgen = 600 W, CL = 50 pF
3.3
0.3
%
THD
Total Harmonic Distortion
THD + Noise
FIS 20 Hz to 1 MHz, RL Rgen 600 W, CL 50 pF
VIS = 3.0 VPP sine wave
3.3
5.5
0.3
0.15
%
IS
PP
VIS = 5.0 VPP sine wave
IS
PP
(Figure 17)
−55
1.00E+03
5
1.00E−01
−15
−35
1.00E−04
Figure 3. Switch Leakage vs. Temperature
1.00E+05
INO(OFF)
TEMPERATURE (°C)
1.00E−03
1.00E−02
1.00E+00
1.00E+02
1.00E+04
25
45
1.00E−05
1.00E−06
1.00E−07
1.00E+01
65
85 105 125 145
ICOM(ON)
ICOM(OFF)


Similar Part No. - NLAS4501

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS4599 ONSEMI-NLAS4599 Datasheet
100Kb / 11P
   Low Voltage Single Supply SPDT Analog Switch
June, 2006 ??Rev. 9
NLAS4599 ONSEMI-NLAS4599 Datasheet
132Kb / 11P
   Low Voltage Single Supply SPDT Analog Switch
March, 2011 ??Rev. 11
NLAS4599DFT2 ONSEMI-NLAS4599DFT2 Datasheet
100Kb / 11P
   Low Voltage Single Supply SPDT Analog Switch
June, 2006 ??Rev. 9
NLAS4599DFT2 ONSEMI-NLAS4599DFT2 Datasheet
132Kb / 11P
   Low Voltage Single Supply SPDT Analog Switch
March, 2011 ??Rev. 11
NLAS4599DFT2G ONSEMI-NLAS4599DFT2G Datasheet
100Kb / 11P
   Low Voltage Single Supply SPDT Analog Switch
June, 2006 ??Rev. 9
More results

Similar Description - NLAS4501

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAST4501 ONSEMI-NLAST4501_06 Datasheet
103Kb / 10P
   Single SPST Analog Switch
May, 2006 ??Rev. 4
NLAST4501 ONSEMI-NLAST4501 Datasheet
83Kb / 10P
   Single SPST Analog Switch
November, 2003 ??Rev. 2
logo
Texas Instruments
TS5A4597 TI1-TS5A4597_14 Datasheet
704Kb / 18P
[Old version datasheet]   SINGLE-CHANNEL 8 SPST ANALOG SWITCH
MAX4594 TI-MAX4594_15 Datasheet
680Kb / 16P
[Old version datasheet]   SINGLE-CHANNEL 10 SPST ANALOG SWITCH
TS5A4594 TI1-TS5A4594_14 Datasheet
883Kb / 22P
[Old version datasheet]   SINGLE-CHANNEL 8- SPST ANALOG SWITCH
MAX4596 TI-MAX4596_15 Datasheet
680Kb / 16P
[Old version datasheet]   SINGLE-CHANNEL 10 SPST ANALOG SWITCH
MAX4597 TI-MAX4597_15 Datasheet
680Kb / 16P
[Old version datasheet]   SINGLE-CHANNEL 10 SPST ANALOG SWITCH
TS5A4597 TI-TS5A4597_15 Datasheet
685Kb / 17P
[Old version datasheet]   SINGLE-CHANNEL 8 SPST ANALOG SWITCH
MAX4595 TI-MAX4595_15 Datasheet
680Kb / 16P
[Old version datasheet]   SINGLE-CHANNEL 10 SPST ANALOG SWITCH
MAX4595DBVR TI-MAX4595DBVR Datasheet
693Kb / 16P
[Old version datasheet]   SINGLE-CHANNEL 10-??SPST ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com