Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLAS4051DTR2G Datasheet(PDF) 9 Page - ON Semiconductor

Part # NLAS4051DTR2G
Description  Analog Multiplexer/ Demultiplexer TTL Compatible, Single-Pole, 8-Position Plus Common Off
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAS4051DTR2G Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NLAS4051DTR2G Datasheet HTML 3Page - ON Semiconductor NLAS4051DTR2G Datasheet HTML 4Page - ON Semiconductor NLAS4051DTR2G Datasheet HTML 5Page - ON Semiconductor NLAS4051DTR2G Datasheet HTML 6Page - ON Semiconductor NLAS4051DTR2G Datasheet HTML 7Page - ON Semiconductor NLAS4051DTR2G Datasheet HTML 8Page - ON Semiconductor NLAS4051DTR2G Datasheet HTML 9Page - ON Semiconductor NLAS4051DTR2G Datasheet HTML 10Page - ON Semiconductor NLAS4051DTR2G Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
NLAS4051
http://onsemi.com
9
Transmitted
Output
Input
Reference
DUT
Channel switch Address and Inhibit/s test socket is normalized. Off isolation is measured across an off
channel. On loss is the bandwidth of an On switch. VISO, Bandwidth and VONL are independent of the input
signal direction.
VISO = Off Channel Isolation = 20 Log
for VIN at 100 kHz
VONL = On Channel Loss = 20 Log
for VIN at 100 kHz to 50 MHz
Bandwidth (BW) = the frequency 3 dB below VONL
50
W
50
W Generator
50
W
VOUT
VIN
VOUT
VIN
Figure 22. Off Channel Isolation/On Channel Loss (BW)/Crosstalk
(On Channel to Off Channel)/VONL
Off
On
Off
Output
Open
DUT
DVOUT
VCC
GND
VIN
CL
Figure 23. Charge Injection: (Q)
VIN
Output
TYPICAL OPERATION
8
7
16
+3.0 V
8
7
16
+5.0 V
Figure 24. 5.0 Volts Single Supply
VCC = 5.0 V, VEE = 0
Figure 25. Dual Supply
VCC = 3.0 V, VEE = −3.0 V
−3.0 V
GND
VEE
VEE
GND
VCC
VCC


Similar Part No. - NLAS4051DTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS4051S ONSEMI-NLAS4051S Datasheet
158Kb / 11P
   Analog Multiplexer/ Demultiplexer
May, 2008 ??Rev. 0
NLAS4051SDTR2G ONSEMI-NLAS4051SDTR2G Datasheet
158Kb / 11P
   Analog Multiplexer/ Demultiplexer
May, 2008 ??Rev. 0
More results

Similar Description - NLAS4051DTR2G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC4051 STMICROELECTRONICS-M74HC4051_08 Datasheet
361Kb / 17P
   Single 8-channel analog multiplexer/demultiplexer
HCF4051B STMICROELECTRONICS-HCF4051B_02 Datasheet
543Kb / 10P
   SINGLE 8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
M74HC4051 STMICROELECTRONICS-M74HC4051 Datasheet
232Kb / 12P
   SINGLE 8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
M74HCT4051 STMICROELECTRONICS-M74HCT4051 Datasheet
309Kb / 14P
   SINGLE 8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Fairchild Semiconductor
CD4052BCMX FAIRCHILD-CD4052BCMX Datasheet
145Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer
CD4053BCMX FAIRCHILD-CD4053BCMX Datasheet
145Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer Dual 4-Channel Analog Multiplexer/Demultiplexer ??Triple 2-Channel Analog Multiplexer/Demultiplexer
CD4051BC FAIRCHILD-CD4051BC_02 Datasheet
144Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer Dual 4-Channel Analog Multiplexer/Demultiplexer Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Maxim Integrated Produc...
DG528529 MAXIM-DG528529 Datasheet
31Kb / 4P
   CMOS, TTL-COMPATIBLE ANALOG MULTIPLEXER
19-0063 Rev. C
logo
Texas Instruments
CD4051B TI1-CD4051B_15 Datasheet
1Mb / 38P
[Old version datasheet]   CMOS Single 8-Channel Analog Multiplexer/Demultiplexer
logo
Toshiba Semiconductor
TC7MZ4051FK TOSHIBA-TC7MZ4051FK_07 Datasheet
236Kb / 11P
   8-Channel Analog Multiplexer/Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com