Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLAS4051DTR2 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NLAS4051DTR2
Description  Analog Multiplexer/ Demultiplexer TTL Compatible, Single-Pole, 8-Position Plus Common Off
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAS4051DTR2 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NLAS4051DTR2 Datasheet HTML 2Page - ON Semiconductor NLAS4051DTR2 Datasheet HTML 3Page - ON Semiconductor NLAS4051DTR2 Datasheet HTML 4Page - ON Semiconductor NLAS4051DTR2 Datasheet HTML 5Page - ON Semiconductor NLAS4051DTR2 Datasheet HTML 6Page - ON Semiconductor NLAS4051DTR2 Datasheet HTML 7Page - ON Semiconductor NLAS4051DTR2 Datasheet HTML 8Page - ON Semiconductor NLAS4051DTR2 Datasheet HTML 9Page - ON Semiconductor NLAS4051DTR2 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
NLAS4051
http://onsemi.com
6
Figure 9. Typical On Resistance
VCC = 3.3 V, VEE = −3.3 V
Figure 10. Bandwidth, VCC = 5.0 V
−10
FREQUENCY (mHz)
0
0.1
10
1.0
100
−20
−30
−40
−50
−60
−70
−80
−90
−100
10
1000
100
10000
0
0.1
0.01
FREQUENCY (mHz)
10000
4.5
3.0
$3.3
5.5
Figure 11. Phase Shift, VCC = 5.0 V
0.1
10
1.0
100
FREQUENCY (mHz)
90
PHASE SHIFT
72
18
−18
−54
−90
Figure 12. Off Isolation, VCC = 5.0 V
Figure 13. Total Harmonic Distortion
54
36
0
−36
−72
125
°C
85
°C
25
°C
−55
°C
0
5
10
15
20
−4
−2
0
2
4
VCom (V)
25
−10
0.1
10
1.0
100
FREQUENCY (mHz)
0
BANDWIDTH (ON−RESPONSE)
−20
−30
−40
−50
50
40
30
20
10


Similar Part No. - NLAS4051DTR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS4051S ONSEMI-NLAS4051S Datasheet
158Kb / 11P
   Analog Multiplexer/ Demultiplexer
May, 2008 ??Rev. 0
NLAS4051SDTR2G ONSEMI-NLAS4051SDTR2G Datasheet
158Kb / 11P
   Analog Multiplexer/ Demultiplexer
May, 2008 ??Rev. 0
More results

Similar Description - NLAS4051DTR2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC4051 STMICROELECTRONICS-M74HC4051_08 Datasheet
361Kb / 17P
   Single 8-channel analog multiplexer/demultiplexer
HCF4051B STMICROELECTRONICS-HCF4051B_02 Datasheet
543Kb / 10P
   SINGLE 8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
M74HC4051 STMICROELECTRONICS-M74HC4051 Datasheet
232Kb / 12P
   SINGLE 8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
M74HCT4051 STMICROELECTRONICS-M74HCT4051 Datasheet
309Kb / 14P
   SINGLE 8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Fairchild Semiconductor
CD4052BCMX FAIRCHILD-CD4052BCMX Datasheet
145Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer
CD4053BCMX FAIRCHILD-CD4053BCMX Datasheet
145Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer Dual 4-Channel Analog Multiplexer/Demultiplexer ??Triple 2-Channel Analog Multiplexer/Demultiplexer
CD4051BC FAIRCHILD-CD4051BC_02 Datasheet
144Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer Dual 4-Channel Analog Multiplexer/Demultiplexer Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Maxim Integrated Produc...
DG528529 MAXIM-DG528529 Datasheet
31Kb / 4P
   CMOS, TTL-COMPATIBLE ANALOG MULTIPLEXER
19-0063 Rev. C
logo
Texas Instruments
CD4051B TI1-CD4051B_15 Datasheet
1Mb / 38P
[Old version datasheet]   CMOS Single 8-Channel Analog Multiplexer/Demultiplexer
logo
Toshiba Semiconductor
TC7MZ4051FK TOSHIBA-TC7MZ4051FK_07 Datasheet
236Kb / 11P
   8-Channel Analog Multiplexer/Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com