Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NL17SZ32DFT2 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NL17SZ32DFT2
Description  Single 2?묲nput OR Gate
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NL17SZ32DFT2 Datasheet(HTML) 3 Page - ON Semiconductor

  NL17SZ32DFT2 Datasheet HTML 1Page - ON Semiconductor NL17SZ32DFT2 Datasheet HTML 2Page - ON Semiconductor NL17SZ32DFT2 Datasheet HTML 3Page - ON Semiconductor NL17SZ32DFT2 Datasheet HTML 4Page - ON Semiconductor NL17SZ32DFT2 Datasheet HTML 5Page - ON Semiconductor NL17SZ32DFT2 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NL17SZ32
http://onsemi.com
3
DC ELECTRICAL CHARACTERISTICS
VCC
TA = 255C
*405C v TA v 855C
Symbol
Parameter
Condition
VCC
(V)
Min
Typ
Max
Min
Max
Unit
VIH
High−Level Input Voltage
1.65 to 1.95
2.3 to 5.5
0.75 VCC
0.7 VCC
0.75 VCC
0.7 VCC
V
VIL
Low−Level Input Voltage
1.65 to 1.95
2.3 to 5.5
0.25 VCC
0.3 VCC
0.25 VCC
0.3 VCC
V
VOH
High−Level Output Voltage
VIN = VIL or VIH
IOH = 100 mA
IOH = −3 mA
IOH = −8 mA
IOH = −12 mA
IOH = −16 mA
IOH = −24 mA
IOH = −32 mA
1.65 to 5.5
1.65
2.3
2.7
3.0
3.0
4.5
VCC − 0.1
1.29
1.9
2.2
2.4
2.3
3.8
VCC
1.52
2.1
2.4
2.7
2.5
4.0
VCC − 0.1
1.29
1.9
2.2
2.4
2.3
3.8
V
VOL
Low−Level Output Voltage
VIN = VIH or VOH
IOL = 100 mA
IOL = 3 mA
IOL = 8 mA
IOL = 12 mA
IOL = 16 mA
IOL = 24 mA
IOL = 32 mA
1.65 to 5.5
1.65
2.3
2.7
3.0
3.0
4.5
0.08
0.20
0.22
0.28
0.38
0.42
0.1
0.24
0.3
0.4
0.4
0.55
0.55
0.1
0.24
0.3
0.4
0.4
0.55
0.55
V
IIN
Input Leakage Current
VIN = VCC or GND
0 to 5.5
$0.1
$1.0
mA
ICC
Quiescent Supply Current
VIN = VCC or GND
5.5
1
10
mA
AC ELECTRICAL CHARACTERISTICS tR = tF = 3.0 ns
VCC
TA = 255C
*405C v TA v 855C
Symbol
Parameter
Condition
VCC
(V)
Min
Typ
Max
Min
Max
Unit
tPLH
Propagation Delay
(Fi
d )
RL = 1 MW, CL = 15 pF
1.65
2.0
5.5
12.0
2.0
12.7
ns
tPHL
(Figure 3 and 4)
RL = 1 MW, CL = 15 pF
1.8
2.0
4.6
10
2.0
10.5
RL = 1 MW, CL = 15 pF
2.5 $ 0.2
0.8
3.0
7
0.8
7.5
RL = 1 MW, CL = 15 pF
3.3 $ 0.3
0.5
2.6
4.7
0.5
5.0
RL = 500 W, CL = 50 pF
1.5
3.0
5.2
1.5
5.5
RL = 1 MW, CL = 15 pF
5.0 $ 0.5
0.5
2.2
4.1
0.5
4.4
RL = 500 W, CL = 50 pF
0.8
2.4
4.5
0.8
4.8
CAPACITIVE CHARACTERISTICS
Symbol
Parameter
Condition
Typical
Unit
CIN
Input Capacitance
VCC = 5.5 V, VI = 0 V or VCC
u4
pF
CPD
Power Dissipation Capacitance
(N
)
10 MHz, VCC = 3.3 V, VI = 0 V or VCC
25
pF
(Note 5)
10 MHz, VCC = 5.5 V, VI = 0 V or VCC
30
5. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load.
Average operating current can be obtained by the equation: ICC(OPR) = CPD  VCC  fin + ICC. CPD is used to determine the no−load dynamic
power consumption; PD = CPD  VCC2  fin + ICC  VCC.


Similar Part No. - NL17SZ32DFT2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL17SZ32DFT2 ONSEMI-NL17SZ32DFT2 Datasheet
78Kb / 8P
   Single 2-Input OR Gate
February, 2003 - Rev. 2
NL17SZ32DFT2G ONSEMI-NL17SZ32DFT2G Datasheet
98Kb / 9P
   Single 2-Input OR Gate
November, 2015 ??Rev. 17
NL17SZ32DFT2G ONSEMI-NL17SZ32DFT2G Datasheet
190Kb / 13P
   Single 2-Input OR Gate
November, 2018 ??Rev. 18
NL17SZ32DFT2G ONSEMI-NL17SZ32DFT2G Datasheet
159Kb / 13P
   Single 2-Input OR Gate
June, 2022 - Rev. 21
NL17SZ32DFT2G-L22038 ONSEMI-NL17SZ32DFT2G-L22038 Datasheet
159Kb / 13P
   Single 2-Input OR Gate
June, 2022 - Rev. 21
More results

Similar Description - NL17SZ32DFT2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL17SV32XV5T2 ONSEMI-NL17SV32XV5T2_05 Datasheet
122Kb / 5P
   Single Gate 2?묲nput OR Gate
September, 2005 ??Rev. 2
NL27WZ32 ONSEMI-NL27WZ32_06 Datasheet
63Kb / 5P
   Dual 2?묲nput OR Gate
April, 2006 ??Rev. 6
MC10H103 ONSEMI-MC10H103 Datasheet
150Kb / 6P
   Quad 2?묲nput OR Gate
February, 2006 ??Rev. 7
MC10H105 ONSEMI-MC10H105_06 Datasheet
150Kb / 6P
   Triple 2?????묲nput OR/NOR Gate
February, 2006 ??Rev. 7
NL17SV08XV5T2 ONSEMI-NL17SV08XV5T2 Datasheet
50Kb / 5P
   Single 2?묲nput AND Gate
October, 2005 ??Rev. 4
MC74VHC1G02DTT1G ONSEMI-MC74VHC1G02DTT1G Datasheet
65Kb / 6P
   Single 2?묲nput NOR Gate
January, 2007 ??Rev. 17
NL17SZ00 ONSEMI-NL17SZ00_06 Datasheet
68Kb / 6P
   Single 2?묲nput NAND Gate
November, 2006 ??Rev. 5
NL17SZ08 ONSEMI-NL17SZ08_06 Datasheet
115Kb / 6P
   Single 2?묲nput AND Gate
March, 2006 ??Rev. 7
MC74HC1G08 ONSEMI-MC74HC1G08_07 Datasheet
85Kb / 6P
   Single 2?묲nput AND Gate
February, 2007 ??Rev. 11
MC10H117 ONSEMI-MC10H117_06 Datasheet
152Kb / 6P
   Dual 2?뭌ide 2???묲nput OR?묨ND/OR?묨ND Gate
February, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com