Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NL17SZ00XV5T2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NL17SZ00XV5T2G
Description  Single 2?묲nput NAND Gate
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NL17SZ00XV5T2G Datasheet(HTML) 4 Page - ON Semiconductor

  NL17SZ00XV5T2G Datasheet HTML 1Page - ON Semiconductor NL17SZ00XV5T2G Datasheet HTML 2Page - ON Semiconductor NL17SZ00XV5T2G Datasheet HTML 3Page - ON Semiconductor NL17SZ00XV5T2G Datasheet HTML 4Page - ON Semiconductor NL17SZ00XV5T2G Datasheet HTML 5Page - ON Semiconductor NL17SZ00XV5T2G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
NL17SZ00
http://onsemi.com
4
Figure 3. Switching Waveform
INPUT
RL
CL
A 1−MHz square input wave is recommended for
propagation delay tests.
Figure 4. Test Circuit
tf = 3 ns
VCC
GND
VOH
VOL
90%
50%
10%
50%
tPLH
tPHL
OUTPUT Y
INPUT
A and B
tf = 3 ns
90%
50%
10%
50%
OUTPUT
VCC
DEVICE ORDERING INFORMATION
Device Order
Number
Device Nomenclature
Package
Type
Tape and
Reel Size
Logic
Circuit
Indicator
No. of
Gates per
Package
Temp
Range
Identifier
Technology
Device
Function
Package
Suffix
Tape and
Reel
Suffix
NL17SZ00DFT2
NL
1
7
SZ
00
DF
T2
SOT−353
178 mm,
3000 Units
NL17SZ00DFT2G
NL
1
7
SZ
00
DF
T2
SOT−353
(Pb−Free)
178 mm,
3000 Units
NL17SZ00XV5T2
NL
1
7
SZ
00
XV5
T2
SOT−553*
178 mm
4000 units
NL17SZ00XV5T2G
NL
1
7
SZ
00
XV5
T2
SOT−553*
178 mm
4000 units
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*All Devices in Package SOT553 are Inherently Pb−Free.


Similar Part No. - NL17SZ00XV5T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL17SZ00XV5T2G ONSEMI-NL17SZ00XV5T2G Datasheet
98Kb / 9P
   Single 2-Input NAND Gate
April, 2016 ??Rev. 13
NL17SZ00XV5T2G ONSEMI-NL17SZ00XV5T2G Datasheet
189Kb / 13P
   Single 2-Input NAND Gate
November, 2018 ??Rev. 14
NL17SZ00XV5T2G ONSEMI-NL17SZ00XV5T2G Datasheet
160Kb / 13P
   Single 2-Input NAND Gate
May, 2022 - Rev. 17
NL17SZ00XV5T2G-L22087 ONSEMI-NL17SZ00XV5T2G-L22087 Datasheet
160Kb / 13P
   Single 2-Input NAND Gate
May, 2022 - Rev. 17
More results

Similar Description - NL17SZ00XV5T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC00 ONSEMI-MC74VHC00 Datasheet
92Kb / 6P
   Quad 2?묲nput NAND Gate
January, 2006 ??Rev. 5
MC74AC00 ONSEMI-MC74AC00 Datasheet
148Kb / 10P
   Quad 2?묲nput NAND Gate
October, 2006 ??Rev. 9
NL27WZ00 ONSEMI-NL27WZ00_06 Datasheet
88Kb / 6P
   Dual 2?묲nput NAND Gate
May, 2006 ??Rev. 6
NL17SV32XV5T2 ONSEMI-NL17SV32XV5T2_05 Datasheet
122Kb / 5P
   Single Gate 2?묲nput OR Gate
September, 2005 ??Rev. 2
NL17SV08XV5T2 ONSEMI-NL17SV08XV5T2 Datasheet
50Kb / 5P
   Single 2?묲nput AND Gate
October, 2005 ??Rev. 4
NL17SZ32 ONSEMI-NL17SZ32_06 Datasheet
115Kb / 6P
   Single 2?묲nput OR Gate
March, 2006 ??Rev. 6
MC74VHC1G02DTT1G ONSEMI-MC74VHC1G02DTT1G Datasheet
65Kb / 6P
   Single 2?묲nput NOR Gate
January, 2007 ??Rev. 17
NL17SZ08 ONSEMI-NL17SZ08_06 Datasheet
115Kb / 6P
   Single 2?묲nput AND Gate
March, 2006 ??Rev. 7
MC74HC1G08 ONSEMI-MC74HC1G08_07 Datasheet
85Kb / 6P
   Single 2?묲nput AND Gate
February, 2007 ??Rev. 11
MC74AC20 ONSEMI-MC74AC20_06 Datasheet
122Kb / 8P
   Dual 4?묲nput NAND Gate
October, 2006 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com