Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1835MN24T2 Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP1835MN24T2
Description  Integrated Li?묲on Charger
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1835MN24T2 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP1835MN24T2 Datasheet HTML 6Page - ON Semiconductor NCP1835MN24T2 Datasheet HTML 7Page - ON Semiconductor NCP1835MN24T2 Datasheet HTML 8Page - ON Semiconductor NCP1835MN24T2 Datasheet HTML 9Page - ON Semiconductor NCP1835MN24T2 Datasheet HTML 10Page - ON Semiconductor NCP1835MN24T2 Datasheet HTML 11Page - ON Semiconductor NCP1835MN24T2 Datasheet HTML 12Page - ON Semiconductor NCP1835MN24T2 Datasheet HTML 13Page - ON Semiconductor NCP1835MN24T2 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
NCP1835
http://onsemi.com
10
Charge Status Indicator (CFLG)
CFLG is an open−drain output that indicates battery
charging or End−of−Charge (EOC) status. It is pulled low
when charging in constant current mode and constant
voltage mode. It will be forced to a high impedance state
when the charge current drops to IEOC. When the charger
is in shutdown mode, CFLG will also stay in the high
impedance state.
Fault Indicator (FAULT)
FAULT is an open−drain output that indicates that a
charge fault has occurred. It has two states: low or high
impedance. In a normal charge cycle, it stays in a high
impedance state. At fault conditions, it will be pulled low
and terminate the charge cycle. A timeout fault occurs
when the full charge or pre−charge timeouts are violated,
or if the voltage on ISEL is greater than 1.4 V or lower than
0.35 V. There are two ways to get the charger out of a fault
condition and back to a normal charge cycle. One can either
toggle the EN pin from GND to a floating state or reset the
input power supply.
Adapter Present Indicator (V2P8)
V2P8 is an input power supply presence indicator. When
the input voltage, VCC, is above the power on threshold
(VRISE, nominally 3.4 V) and is also 100 mV above the
battery voltage, it provides a 2.8 V reference voltage that
can source up to 2.0 mA. This voltage can also be used to
power a microprocessor I/O.
Enable/Disable (EN)
Pulling the EN pin to GND disables the NCP1835. In
shutdown mode, the internal reference, oscillator, and
control circuits are all turned off. This reduces the battery
drain current to less than 3.0
mA and the input supply
current to 30
mA. Floating the EN pin enables the charger.
Thermal Foldback
An
internal
thermal
foldback
loop
reduces
the
programmed charge current proportionally if the die
temperature rises above the preset thermal limit (nominally
100
°C). This feature provides the charger protection from
over heating or thermal damage. Figure 16 shows the full
charge current reduction due to die temperature increase
across the thermal foldback limit. For a charger with a
1.0 A constant charge current, the charge current starts
decreasing when the die temperature hits 100
°C and is
reduced to zero when the die temperature rises to 110
°C.
Figure 16. Full Charge Current vs. Junction
Temperature
X−100 mA/C
100
°C
IFCHG
TJ, JUNCTION TEMPERATURE


Similar Part No. - NCP1835MN24T2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1835MN24T2 ONSEMI-NCP1835MN24T2 Datasheet
150Kb / 17P
   Integrated Li?묲on Charger
February, 2006 ??Rev. 3
NCP1835MN24T2G ONSEMI-NCP1835MN24T2G Datasheet
150Kb / 17P
   Integrated Li?묲on Charger
February, 2006 ??Rev. 3
More results

Similar Description - NCP1835MN24T2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1835B ONSEMI-NCP1835B Datasheet
150Kb / 17P
   Integrated Li?묲on Charger
February, 2006 ??Rev. 3
NCP1835BMNR2G ONSEMI-NCP1835BMNR2G Datasheet
112Kb / 14P
   Integrated Li?묲on Charger
September, 2006 ??Rev. 4
NCP1855 ONSEMI-NCP1855 Datasheet
341Kb / 26P
   Fully Integrated Li-Ion Switching Battery Charger
August, 2014 ??Rev. P1
NCP1850 ONSEMI-NCP1850 Datasheet
269Kb / 30P
   Fully Integrated Li-Ion Switching Battery Charger
May, 2013 ??Rev. 1
NCP1851 ONSEMI-NCP1851 Datasheet
556Kb / 31P
   Fully Integrated Li-Ion Switching Battery Charger
March, 2013 ??Rev. 6
NCP1854 ONSEMI-NCP1854 Datasheet
622Kb / 27P
   Fully Integrated Li-Ion Switching Battery Charger
September, 2014 ??Rev. 4
NCP1852 ONSEMI-NCP1852 Datasheet
497Kb / 31P
   Fully Integrated Li-Ion Switching Battery Charger
March, 2013 ??Rev. 5
logo
STMicroelectronics
L6924D STMICROELECTRONICS-L6924D Datasheet
73Kb / 5P
   Li-Ion/Li-Polymer Battery Charger System with Integrated Power Switch
logo
Anpec Electronics Corop...
APL3206 ANPEC-APL3206 Datasheet
314Kb / 19P
   Li Charger Protection IC with Integrated P-MOSFET
APL3206 ANPEC-APL3206_10 Datasheet
386Kb / 19P
   Li Charger Protection IC with Integrated P-MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com