Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSS40601CF8T1G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NSS40601CF8T1G
Description  High Efficiency DC-DC Converters
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSS40601CF8T1G Datasheet(HTML) 4 Page - ON Semiconductor

  NSS40601CF8T1G Datasheet HTML 1Page - ON Semiconductor NSS40601CF8T1G Datasheet HTML 2Page - ON Semiconductor NSS40601CF8T1G Datasheet HTML 3Page - ON Semiconductor NSS40601CF8T1G Datasheet HTML 4Page - ON Semiconductor NSS40601CF8T1G Datasheet HTML 5Page - ON Semiconductor NSS40601CF8T1G Datasheet HTML 6Page - ON Semiconductor NSS40601CF8T1G Datasheet HTML 7Page - ON Semiconductor NSS40601CF8T1G Datasheet HTML 8Page - ON Semiconductor NSS40601CF8T1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Page 
Portable Solutions
Buck Converters
Device
Package(s)
Topology
Frequency
Input
Voltage
Output Voltage
Max
Current
Typical
Efficiency
Features
NCP1500
Micro8™
PWM/Linear
External Sync
70-60 kHz
.7 - 5. V
1.0 - 1.8 V Selectable
00 mA
91%
Turns into LDO Mode when Sync is Absent
NCP1501
Micro8
PWM/Linear
External Sync
50-1000 kHz
.5 - 5. V
1.0 - 1.8 V Selectable
00 mA
9%
Sync Rec, Turns into LDO Mode when Sync is
Absent
NCP1510A
MicroBump-9
PWM/Pulse
1 MHz or External Sync
50-1000 kHz
.7 - 5. V
1.0 - 1.8 V Selectable
00 mA
95%
Sync Rec, Turns into Pulse Mode to Save Power
when Sync Pin is Low
NCP1519*
Thin SOT--5
PWM/PFM
1.7 Mhz
.7 - 5.5 V
Adj 0.9 - . V by External
Resistors, 1., 1.5, 1.8 V
00 mA
96%
Sync Rec, Ultra-Low 60
mA Iq at Light Loads
NCP151
Thin SOT--5,
Thin DFN-6
PWM/PFM
1.5 Mhz
.7 - 5.5 V
Adjustable 0.9 - . V
by External Resistors
600 mA
96%
Sync Rec, Ultra-Low 0
mA Iq at Light Loads
NCP15
Thin SOT--5
PWM/PFM
 MHz
.7 - 5.5 V
Adjustable 0.9 - . V
by External Resistors
600 mA
9%
Sync Rec, Ultra-Low 60
mA Iq at Light Loads
NCP15*
MicroBump-8
PWM/PFM
 MHz
.7 - 5.5 V
Adjustable 0.9 - . V
by External Resistors
600 mA
9%
Sync Rec, Ultra-Low 60
mA Iq at Light Loads
NCP156
Thin DFN-10
Dual Output
PWM + LDO
 MHz
.7 - 5.5 V
PWM 1. V; LDO .8 V
Other Options Available
PWM 00 mA
LDO 150 mA
95%
Sync Rec, Ultra-Thin DFN: 0.55 mm Thickness
NCP159*
Thin SOT--5
PWM/PFM
1.7 Mhz
.7 - 5.5 V
Adj 0.9 - . V by External
Resistors, 1., 1.5, 1.8 V
1 A
96%
Sync Rec, Ultra-Low 60
mA Iq at Light Loads
NCP150
Micro8
PWM/PFM
600 kHz or External Sync
Up to 100 kHz
.7 - 5.5 V
.5 - 5.0 V
600 mA
9%
Programmable Soft-Start
NCP1550
SOT--5
PWM/PFM
600 kHz
.5 - 6.0 V
1.8 - . V
000 mA
(Ext Switch)
90%
Enable Pin
High Efficiency DC-DC Converters
Key Features
• PWM buck converter operates either as an LDO or in PFM mode when output current
decreases (NCP1500/01/19/1///9), maximizing efficiency at both light and
full loads
• High switching frequencies allow use of smaller output filters, capacitors, and inductors,
while maintaining high efficiency
Vout = 3.3 V
Vin = 4.2 V
TA = 25 C
100
90
80
70
60
50
500
600
400
300
200
100
0
Iout (mA)
COUT
10 F
CIN
10 F
MBRM120
L
15 H
8
1 SHD
CB0
7
2 SYN
CB1
6
3 VO
GND
5
4 LX
VIN
VIN
GND
2
VIN
1
EN
3
LX 5
FB 4
OFF ON
VIN
CIN
COUT
R1
R2
Cff
L
VOUT
Typical Buck Converter
Typical Step-Down Converter
* Planned H06
NCP1521 - Efficiency vs Output Current


Similar Part No. - NSS40601CF8T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSS40600CF8T1G ONSEMI-NSS40600CF8T1G Datasheet
103Kb / 5P
   40 V, 7.0 A, Low VCE(sat) PNP Transistor
September, 2006 ??Rev. 0
NSS40600CF8T1G ONSEMI-NSS40600CF8T1G Datasheet
106Kb / 5P
   40 V, 7.0 A, Low VCE(sat) PNP Transistor
March, 2007 ??Rev. 1
NSS40600CF8T1G ONSEMI-NSS40600CF8T1G Datasheet
104Kb / 6P
   40 V, 7.0 A, Low VCE(sat) PNP Transistor
March, 2013 ??Rev. 4
NSS40600CF8T1G ONSEMI-NSS40600CF8T1G_07 Datasheet
106Kb / 5P
   40 V, 7.0 A, Low VCE(sat) PNP Transistor
March, 2007 ??Rev. 1
NSS40600CF8T1G ONSEMI-NSS40600CF8T1G_13 Datasheet
104Kb / 6P
   40 V, 7.0 A, Low VCE(sat) PNP Transistor
March, 2013 ??Rev. 4
More results

Similar Description - NSS40601CF8T1G

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TK3R2A10PL TOSHIBA-TK3R2A10PL Datasheet
728Kb / 9P
   High-Efficiency DC-DC Converters
TK3R9E10PL TOSHIBA-TK3R9E10PL Datasheet
720Kb / 9P
   High-Efficiency DC-DC Converters
logo
Artesyn Technologies
SXE15 ARTESYN-SXE15_05 Datasheet
374Kb / 28P
   High Efficiency DC/DC Converters
logo
Toshiba Semiconductor
TK3R1A04PL TOSHIBA-TK3R1A04PL Datasheet
438Kb / 9P
   High-Efficiency DC-DC Converters
TPCA8064-H TOSHIBA-TPCA8064-H Datasheet
275Kb / 9P
   High-Efficiency DC-DC Converters
TK2R9E10PL TOSHIBA-TK2R9E10PL Datasheet
716Kb / 9P
   High-Efficiency DC-DC Converters
logo
Artesyn Technologies
CXE15 ARTESYN-CXE15 Datasheet
391Kb / 24P
   High Efficiency DC/DC Converters
logo
Toshiba Semiconductor
TK3R2E06PL TOSHIBA-TK3R2E06PL Datasheet
471Kb / 9P
   High-Efficiency DC-DC Converters
TK3R3A06PL TOSHIBA-TK3R3A06PL Datasheet
497Kb / 9P
   High-Efficiency DC-DC Converters
TK3R1E04PL TOSHIBA-TK3R1E04PL Datasheet
448Kb / 9P
   High-Efficiency DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com