Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCS2551 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCS2551
Description  Low Power,High Speed,Current Feedback Op Amps
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS2551 Datasheet(HTML) 3 Page - ON Semiconductor

  NCS2551 Datasheet HTML 1Page - ON Semiconductor NCS2551 Datasheet HTML 2Page - ON Semiconductor NCS2551 Datasheet HTML 3Page - ON Semiconductor NCS2551 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Page 
ON Semiconductor
NCS2500
Device
1
No. of Amplifiers
200 MHz
Bandwidth
450 V/ s
Slew Rate
1.1 mA
ICC/Amplifier
±3.5 V
VOUT
±4.0 mV
VOS (Max)
No
NCS2501
1
200 MHz
450 V/ s
1.1 mA
±3.5 V
±4.0 mV
Yes
NCS2502
1
110 MHz
230 V/ s
650 A
±3.5 V
±4.0 mV
Yes
NCS2530
3
200 MHz
450 V/ s
1.1 mA
±3.5 V
±4.0 mV
Yes
Enable
Low Power, High Speed, Current Feedback Op Amps
NCS2550
Device
1
No. of Amplifiers
750 MHz
Bandwidth
1700 V/ s
Slew Rate
13 mA
ICC/Amplifier
±4.0 V
VOUT
±10 mV
VOS (Max)
No
NCS2551
1
500 MHz
1400 V/ s
5.5 mA
±4.0 V
±10 mV
No
NCS2552
1
750 MHz
1700 V/ s
13 mA
±4.0 V
±10 mV
Yes
NCS2540
3
750 MHz
1700 V/ s
13 mA
±4.0 V
±10 mV
Yes
Enable
High Speed, Voltage Feedback Op Amps
NCS2500
NCS2501
NCS2502
NCS2530
NCS2510
NCS2511
NCS2535
NCS2550
NCS2551
NCS2552
NCS2540
Device
SC70-5, SOT23-5
SOT23-6
SOT23-6, SOIC-8
TSSOP-16
SOT23-5
SOT23-5
TSSOP-16
SOT23-5
SOT23-5
SOT23-6
TSSOP-16
* Pb-Free packages are available.
Package(s)*
EL5161, LMH6723, AD8091, MAX4452, TSH110
EL5160, MAX4180, OPA683, TSH11
EL5160, MAX4180, OPA683, TSH310
AD8001, OPA658, TSH330
AD8011, AD8063, OPA681, LMH6720, TSH350
EL5156, AD8057
AD8038, AD8055, TSH341, NJM2711
EL5156, AD8057
Pin Compatibles
Op Amp Availability
NCS2510
Device
1
No. of Amplifiers
1.4 GHz
Bandwidth
2500 V/ s
Slew Rate
1.2 mA
ICC/Amplifier
±4.0 V
VOUT
±10 mV
VOS (Max)
No
NCS2511
1
1 GHz
2500 V/ s
7.5 mA
±4.0 V
±10 mV
No
NCS2535
3
1.4 GHz
2500 V/ s
1.2 mA
±4.0 V
±10 mV
Yes
Enable
High Speed, Current Feedback Op Amps


Similar Part No. - NCS2551

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2551 ONSEMI-NCS2551 Datasheet
197Kb / 12P
   500 MHz Voltage Feedback Op Amp
September, 2006 ??Rev. 2
NCS2551SNT1G ONSEMI-NCS2551SNT1G Datasheet
197Kb / 12P
   500 MHz Voltage Feedback Op Amp
September, 2006 ??Rev. 2
More results

Similar Description - NCS2551

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC440 NSC-CLC440 Datasheet
316Kb / 8P
   High-Speed, Low-Power, Voltage Feedback Op Amp
logo
Analog Devices
AD812 AD-AD812_15 Datasheet
376Kb / 16P
   Dual, Current Feedback Low Power Op Amp
REV. B
AD812 AD-AD812 Datasheet
372Kb / 16P
   Dual, Current Feedback Low Power Op Amp
REV. B
AD812ANZ AD-AD812ANZ Datasheet
358Kb / 16P
   Dual, Current Feedback Low Power Op Amp
REV. B
AD812ARZ AD-AD812ARZ Datasheet
358Kb / 16P
   Dual, Current Feedback Low Power Op Amp
REV. B
logo
Intersil Corporation
HS-1410RH INTERSIL-HS-1410RH Datasheet
23Kb / 2P
   Radiation Hardened, High Speed, Low Power, Current Feedback Op Amp with Output Disable
logo
Analog Devices
AD8022 AD-AD8022 Datasheet
223Kb / 15P
   Dual High-Speed Low-Noise Op Amps
REV. 0
logo
National Semiconductor ...
CLC420 NSC-CLC420 Datasheet
286Kb / 10P
   High-Speed, Voltage Feedback Op Amp
logo
Linear Technology
LT1028 LINER-LT1028 Datasheet
439Kb / 20P
   Ultra Low Noise Precision High Speed Op Amps
logo
Intersil Corporation
ISL28156_0812 INTERSIL-ISL28156_0812 Datasheet
826Kb / 13P
   Low Input Bias Current Op Amps
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com