Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLAS4717EP Datasheet(PDF) 6 Page - ON Semiconductor

Part # NLAS4717EP
Description  Integrated Solutions for USB Line Protection and Termination
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAS4717EP Datasheet(HTML) 6 Page - ON Semiconductor

  NLAS4717EP Datasheet HTML 1Page - ON Semiconductor NLAS4717EP Datasheet HTML 2Page - ON Semiconductor NLAS4717EP Datasheet HTML 3Page - ON Semiconductor NLAS4717EP Datasheet HTML 4Page - ON Semiconductor NLAS4717EP Datasheet HTML 5Page - ON Semiconductor NLAS4717EP Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
BRD8027/D
BRD8027-5 PRINTED IN USA 02/07 IRONWOOD XXXX 3K
Sales and Design Assistance from ON Semiconductor
ON Semiconductor and the ON logo are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee
regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or
incidental damages. “Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for
each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant
into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such
unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or
indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This
literature is subject to all applicable copyright laws and is not for resale in any manner.
LITERATURE FULFILLMENT:
LiteratureDistributionCenterforONSemiconductor
P.O.Box5163,Denver,Colorado80217USA
Phone:303-675-2175or800-344-3860TollFreeUSA/Canada
Fax:303-675-2176or800-344-3867TollFreeUSA/Canada
Email:orderlit@onsemi.com
N. American Technical Support:800-282-9855TollFree
USA/Canada.
Europe, Middle East and Africa Technical Support:
Phone:421337902910
Japan Customer Focus Center
Phone:81-3-5773-3850
ON Semiconductor Website:www.onsemi.com
Order Literature:http://www.onsemi.com/orderlit
Foradditionalinformation,pleasecontactyourlocal
SalesRepresentative
PUBLICATION ORDERING INFORMATION
ON Semiconductor Distribution Partners
Arrow Electronics
www.arrow.com
(800) 777-2776
Avnet
www.em.avnet.com
(800) 332-8638
Chip Supply
www.chipsupply.com
(407) 298-7100
Digi-Key
www.digikey.com
(800) 338-1003
EBV Elektronik
www.ebv.com/en/locations.html
(49) 8121 774-0
Farnell InOne
www.farnellinone.com
+44 8701 200 200
Future Electronics Europe
www.futureelectronics.com/contact
info-eur-future@futureelectronics.com
Future & FAI Electronics
www.futureelectronics.com/contact
1-800-FUTURE1 (388-8731)
Marubun/Arrow
www.marubunarrow.com
(852) 2375-1126
Minco
www.mincotech.com
(512) 834-2022
Mouser Electronics
www.mouser.com
(800) 346-6873
Newark Electronics
www.newark.com
(800) 4-NEWARK
NuVision
www.nuvision-tech.com
(886) 2 8228-0688
Rochester Electronics
www.rocelec.com
(978) 462-9332
Semi Dice Inc
www.semidice.com
1 (800) 345-6633
Silica (An Avnet Company)
www.silica.com
+33 1 6447 2929
WPI
www.wpi-group.com
(886) 2 2788-5200
Spoerle (An Arrow Company) www.spoerle.de/de/about/offices
+49 6103 3040
INTERNATIONAL
BRAZIL
San Paulo
(55-11) 3842-8911
GREATER CHINA
Beijing
86-10-8518-2323
Chengdu
86-28-8678-4078
Hong Kong
852-2689-0088
Shenzhen
86-755-8209-1128
Shanghai
86-21-5131-7168
Taipei, Taiwan
886-2-2377-9911
INTERNATIONAL
FRANCE
Paris
33 (0)1 39-26-41-00
GERMANY
Munich
49 (0) 89-93-0808-0
INDIA
Bangalore
91-80-2532-5084
ISRAEL
Herzelia
972 (0) 9-9609-111
ITALY
Milan
39 02-530-0951
JAPAN
Tokyo
81-3-5773-3850
KOREA
Seoul
82-2-2190-3500
INTERNATIONAL
MALAYSIA
Penang
60-4-226-9368
MEXICO
Guadalajara
(5233) 3123-9199
SINGAPORE
Singapore
65-6391-1260
SLOVAKIA
Piestany
421 33 790 2450
UNITED KINGDOM Slough
44 (0) 1753 70 1676
www.onsemi.com
NORTH AMERICA SALES OFFICES & REP FIRMS
Alabama
Huntsville
e-Components
(256) 533-2444
Huntsville
ON Sales Office
(256) 774-1004
Arizona
Phoenix
Centaur Corporation
(480) 839-2320
California
Irvine
Centaur Corporation
(949) 261-2123
Los Angeles
Centaur Corporation
(805) 579-0519
Santa Clara
T3 Technical Sales
(408) 350-3900
San Diego
Centaur Corporation
(858) 278-4950
CANADA
All Regions
Astec
(905) 607-1444
Colorado
Englewood
ON Sales Office
Karl Hill: (720) 895-1367
Mike Barone: (303) 670-8000
Connecticut
Monroe
Impact Technical Sales
(203) 268-7229
Florida
Boca Raton
e-Components
(561) 289-1379
Lake Mary
e-Components
(407) 804-0042
Plantation
ON Sales Office
(954) 325-1223
Palm Harbor
e-Components
(727) 937-3016
Melbourne
e-Components
(321) 676-5659
Georgia
Duluth
e-Components
(678) 380-5080
Illinois
Hoffman Estates
Stan Clothier
(847) 781-4010
Indiana
Fishers
Bear VAI
(317) 570-0707
Kokomo
ON Sales Office
(765) 865-2091
Iowa
Cedar Rapids
Stan Clothier
(319) 393-1576
Kansas
Overland Park
Stan Clothier
(913) 894-1675
Maryland
Columbia
Third Wave Solutions
(410) 290-5990
Massachusetts
Burlington
Impact Technical Sales
(781) 238-8888
Lowell
ON Sales Office
(978) 452-6075
Michigan
Livonia
ON Sales Office
(734) 953-6848
Minnesota
Eden Prairie
Stan Clothier
(952) 944-3456
Missouri
St. Charles
Stan Clothier
(636) 916-3777
New Jersey
Denville
CJR Associates
(973) 625-2796
New York
Long Island
CJR Associates
(973) 625-2796
New York City
CJR Associates
(973) 625-2796
Rochester
TriTech
(716) 385-6500
Binghamton
TriTech
(607) 722-3580
Ohio
Brecksville
Bear VAI
(937) 748-1341
Oregon
Portland
SiFore Technical Sales
(503) 977-6267
Pennsylvania
Hatboro
Delta Technical Sales
(215) 957-0600
Texas
Austin
West Associates
(512) 343-1199
Richardson
West Associates
(972) 680-2800
Washington
Bellevue
SiFore Technical Sales
(425) 990-4701
Wisconsin
Statewide
Stan Clothier
(847) 781-4010


Similar Part No. - NLAS4717EP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS4717EP ONSEMI-NLAS4717EP Datasheet
88Kb / 10P
   4.5 ohm High Bandwidth, Dual SPDT Analog Switch
March, 2006 ??Rev. 5
NLAS4717EP ONSEMI-NLAS4717EP Datasheet
139Kb / 10P
   4.5 High Bandwidth, Dual SPDT Analog Switch
October, 2011 ??Rev. 7
NLAS4717EPFCT1G ONSEMI-NLAS4717EPFCT1G Datasheet
88Kb / 10P
   4.5 ohm High Bandwidth, Dual SPDT Analog Switch
March, 2006 ??Rev. 5
NLAS4717EPFCT1G ONSEMI-NLAS4717EPFCT1G Datasheet
139Kb / 10P
   4.5 High Bandwidth, Dual SPDT Analog Switch
October, 2011 ??Rev. 7
NLAS4717EPMTR2G ONSEMI-NLAS4717EPMTR2G Datasheet
88Kb / 10P
   4.5 ohm High Bandwidth, Dual SPDT Analog Switch
March, 2006 ??Rev. 5
More results

Similar Description - NLAS4717EP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
USBDFXXW5 STMICROELECTRONICS-USBDFXXW5 Datasheet
103Kb / 9P
   EMI FILTER AND LINE TERMINATION FOR USB DOWNSTREAM PORTS
USBUF01P6 STMICROELECTRONICS-USBUF01P6_06 Datasheet
116Kb / 9P
   EMI filter and line termination for USB upstream ports
USBUFXXW6 STMICROELECTRONICS-USBUFXXW6 Datasheet
98Kb / 9P
   EMI FILTER AND LINE TERMINATION FOR USB UPSTREAM PORTS
USBUFXXW6 STMICROELECTRONICS-USBUFXXW6_06 Datasheet
152Kb / 11P
   EMI filter and line termination for USB upstream ports
USBUF01P6 STMICROELECTRONICS-USBUF01P6 Datasheet
80Kb / 7P
   EMI FILTER AND LINE TERMINATION FOR USB UPSTREAM PORTS
USBDFXXW5 STMICROELECTRONICS-USBDFXXW5_06 Datasheet
154Kb / 11P
   EMI filter and line termination for USB downstream ports
USBUF STMICROELECTRONICS-USBUF Datasheet
193Kb / 13P
   EMI filter and line termination for USB upstream ports
USBUF01P6 STMICROELECTRONICS-USBUF01P6_10 Datasheet
119Kb / 9P
   IPAD??EMI filter and line termination for USB upstream ports
logo
PHOENIX CONTACT
FLKM-I PHOENIX-FLKM-I Datasheet
49Kb / 3P
   Integrated fuse for line protection
logo
Shanghai Leiditech Elec...
LC0532T5 LEIDITECH-LC0532T5 Datasheet
1Mb / 4P
   TVS DIODE ARRAY FOR USB LINE PROTECTION
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com