Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXBM2001 Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # ZXBM2001
Description  VARIABLE SPEED 2-PHASE FAN MOTOR CONTROLLER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXBM2001 Datasheet(HTML) 2 Page - Zetex Semiconductors

  ZXBM2001_04 Datasheet HTML 1Page - Zetex Semiconductors ZXBM2001_04 Datasheet HTML 2Page - Zetex Semiconductors ZXBM2001_04 Datasheet HTML 3Page - Zetex Semiconductors ZXBM2001_04 Datasheet HTML 4Page - Zetex Semiconductors ZXBM2001_04 Datasheet HTML 5Page - Zetex Semiconductors ZXBM2001_04 Datasheet HTML 6Page - Zetex Semiconductors ZXBM2001_04 Datasheet HTML 7Page - Zetex Semiconductors ZXBM2001_04 Datasheet HTML 8Page - Zetex Semiconductors ZXBM2001_04 Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ZXBM2001
ZXBM2002 ZXBM2003
SEMICO NDUC TORS
ISSUE 4 - OCTOBER 2004
2
Parameter
Symbol
Limits
Unit
Supply Voltage
VCCmax
-0.6 to 20
V
Input Current
ICCmax
200
mA
Power Dissipation 25°C
PDmax
500
mW
Operating Temp.
TOPR
-40 to 85
C
Storage Temp.
TSTG
-55 to 150
C
Absolute maximum ratings
Power Dissipation
1) Maximum allowable Power Dissipation, PD,
is shown plotted against Ambient Temperature,
TA, in the accompanying Power Derating Curve,
indicating the Safe Operating Area for the device.
2) Power consumed by the device, PT, can be
calculated from the equation:
PT = PQ + PPh
where
PQ is power dissipated under quiescent
current conditions, given by:
PQ = VCC x ICC
where VCC is the application
device Supply Voltage
and
ICC is the maximum Supply
Current given in the Electrical
Characteristics
and
PPh is power generated due to either one of
the phase outputs Ph1 or Ph2 being
active, given by:
PPh = IOL x VOL
where
IOL is the application Ph1 and Ph2
output currents
and
VOL is the maximum Low Level
Output Voltage for the Ph1 and
Ph2 outputs given in the Electrical
Characteristics


Similar Part No. - ZXBM2001_04

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXBM2001X10TA ZETEX-ZXBM2001X10TA Datasheet
269Kb / 8P
   VARIABLE SPEED 2-PHASE FAN MOTOR CONTROLLER
ZXBM2001X10TC ZETEX-ZXBM2001X10TC Datasheet
269Kb / 8P
   VARIABLE SPEED 2-PHASE FAN MOTOR CONTROLLER
More results

Similar Description - ZXBM2001_04

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXBM2001 ZETEX-ZXBM2001 Datasheet
269Kb / 8P
   VARIABLE SPEED 2-PHASE FAN MOTOR CONTROLLER
logo
Diodes Incorporated
ZXBM2001 DIODES-ZXBM2001 Datasheet
234Kb / 10P
   VARIABLE SPEED 2-PHASE FAN MOTOR CONTROLLER
logo
Zetex Semiconductors
ZXBM200X ZETEX-ZXBM200X Datasheet
523Kb / 14P
   VARIABLE SPEED 2-PHASE FAN MOTOR CONTROLLER
logo
List of Unclassifed Man...
AMC8500 ETC2-AMC8500 Datasheet
715Kb / 27P
   TWO PHASE VARIABLE SPEED FAN MOTOR CONTROLLER
AMC8510 ETC2-AMC8510 Datasheet
306Kb / 3P
   SINGLE PHASE VARIABLE SPEED FAN MOTOR CONTROLLER
logo
Diodes Incorporated
ZXBM2004 DIODES-ZXBM2004 Datasheet
224Kb / 12P
   VARIABLE SPEED 2-PHASE BLDC MOTOR CONTROLLER
logo
Zetex Semiconductors
ZXBM2004 ZETEX-ZXBM2004 Datasheet
249Kb / 12P
   VARIABLE SPEED 2-PHASE BLDC MOTOR CONTROLLER
ZXBM1016 ZETEX-ZXBM1016 Datasheet
252Kb / 12P
   High efficiency variable speed single-phase fan motor controller
logo
Diodes Incorporated
ZXBM1016 DIODES-ZXBM1016 Datasheet
266Kb / 12P
   High efficiency variable speed single-phase fan motor controller
logo
List of Unclassifed Man...
AMC8520 ETC2-AMC8520 Datasheet
92Kb / 2P
   SINGLE PHASE VARIABLE SPEED ADVANCED FAN CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com