Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NUP2201MR6T1G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NUP2201MR6T1G
Description  Integrated Solutions for USB Line Protection and Termination
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NUP2201MR6T1G Datasheet(HTML) 5 Page - ON Semiconductor

  NUP2201MR6T1G_07 Datasheet HTML 1Page - ON Semiconductor NUP2201MR6T1G_07 Datasheet HTML 2Page - ON Semiconductor NUP2201MR6T1G_07 Datasheet HTML 3Page - ON Semiconductor NUP2201MR6T1G_07 Datasheet HTML 4Page - ON Semiconductor NUP2201MR6T1G_07 Datasheet HTML 5Page - ON Semiconductor NUP2201MR6T1G_07 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Page 5
ON Semiconductor
NLAS7222A Dual SPDT Switch
<7 pF On Switch Capacitance
Key Performance Characteristics
• Passes USB 2.0 High Speed Signals
• 6.5
W Typical RDSon @ 3.0 V
• 500 MHz Bandwidth
• Low Crosstalk: -45 dB @ 250 MHz
• Smallest Package in the Industry
0.75 mm
1.8 mm
1.4 mm
WQFN-10
1
0.55 mm
1.4 mm
uQFN-10*
1
USB
Transceiver
UART
ESD/EMI
Filter
Connector
Selection
Control
Selection
Control
NLAS7222A Dual SPDT
WQFN-10 Package
Device
Configuration
RON Max
(
W)
C Typ
(pF)
Package
NLAS7222A
Dual SPDT
9
6.5
WQFN-10, uDFN-10*
NLAS4717EP
Dual SPDT
4.5
38
Flip-Chip 10
* Coming Soon


Similar Part No. - NUP2201MR6T1G_07

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUP2201MR6T1G ONSEMI-NUP2201MR6T1G Datasheet
38Kb / 4P
   Low Capacitance TSOP-6 Diode-TVS Array for High Speed Data Lines Protection
November, 2003 ??Rev. 1
NUP2201MR6T1G ONSEMI-NUP2201MR6T1G Datasheet
74Kb / 6P
   Low Capacitance TSOP?? Diode?뭈VS Array for High Speed Data Lines Protection
January, 2006 ??Rev. 2
NUP2201MR6T1G ONSEMI-NUP2201MR6T1G Datasheet
150Kb / 8P
   Transient Voltage Suppressors
February, 2013 ??Rev. 4
logo
TECH PUBLIC Electronics...
NUP2201MR6T1G TECHPUBLIC-NUP2201MR6T1G Datasheet
1Mb / 4P
   Low Capactiance 2-Line ESD Protection
More results

Similar Description - NUP2201MR6T1G_07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
USBDFXXW5 STMICROELECTRONICS-USBDFXXW5 Datasheet
103Kb / 9P
   EMI FILTER AND LINE TERMINATION FOR USB DOWNSTREAM PORTS
USBUF01P6 STMICROELECTRONICS-USBUF01P6_06 Datasheet
116Kb / 9P
   EMI filter and line termination for USB upstream ports
USBUFXXW6 STMICROELECTRONICS-USBUFXXW6 Datasheet
98Kb / 9P
   EMI FILTER AND LINE TERMINATION FOR USB UPSTREAM PORTS
USBUFXXW6 STMICROELECTRONICS-USBUFXXW6_06 Datasheet
152Kb / 11P
   EMI filter and line termination for USB upstream ports
USBUF01P6 STMICROELECTRONICS-USBUF01P6 Datasheet
80Kb / 7P
   EMI FILTER AND LINE TERMINATION FOR USB UPSTREAM PORTS
USBDFXXW5 STMICROELECTRONICS-USBDFXXW5_06 Datasheet
154Kb / 11P
   EMI filter and line termination for USB downstream ports
USBUF STMICROELECTRONICS-USBUF Datasheet
193Kb / 13P
   EMI filter and line termination for USB upstream ports
USBUF01P6 STMICROELECTRONICS-USBUF01P6_10 Datasheet
119Kb / 9P
   IPAD??EMI filter and line termination for USB upstream ports
logo
PHOENIX CONTACT
FLKM-I PHOENIX-FLKM-I Datasheet
49Kb / 3P
   Integrated fuse for line protection
logo
Shanghai Leiditech Elec...
LC0532T5 LEIDITECH-LC0532T5 Datasheet
1Mb / 4P
   TVS DIODE ARRAY FOR USB LINE PROTECTION
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com