Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSS461C Datasheet(PDF) 6 Page - TEMIC Semiconductors

Part # TSS461C
Description  Van Controller Serial Interface
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TSS461C Datasheet(HTML) 6 Page - TEMIC Semiconductors

Back Button TSS461C Datasheet HTML 2Page - TEMIC Semiconductors TSS461C Datasheet HTML 3Page - TEMIC Semiconductors TSS461C Datasheet HTML 4Page - TEMIC Semiconductors TSS461C Datasheet HTML 5Page - TEMIC Semiconductors TSS461C Datasheet HTML 6Page - TEMIC Semiconductors TSS461C Datasheet HTML 7Page - TEMIC Semiconductors TSS461C Datasheet HTML 8Page - TEMIC Semiconductors TSS461C Datasheet HTML 9Page - TEMIC Semiconductors TSS461C Datasheet HTML 10Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Qualpack TS80C31X2/C32X2
6
Rev. 2 – January 1999
3.3 Package Technology
3.3.1 SOIC.300 16 leads
Package weight
0,43 g
Chip separation method
Sawing
Lead frame
Material
Cu
Thickness
10 mils
Size
270*270 mils2
Lead plating
Electroplated Sn/Pb 85/15
Die attach
Material
Silver epoxy
Type
Ablestick 84-1 LMISR4
Wire bonding
Material
Gold
Diameter
33um
Method
Thermosonic
Molding
Material
Nitto MP8000AN
Flammability rating
UL94V-0
Marking
Method
Printed ink
Coding example
TEMIC
optional special customer marking
TSS463
YY MM
Dry packing
No
Tube packed
Primary
Tube
Material
Antistatic PVC
Number per unit
47
Secondary
Box
Material
Cardboard
Number per unit
1692
Labelling (minimum)
Device type, Quantity, Date Code, Prod. code
Bar coding
Code 39 to EIA-556-A


Similar Part No. - TSS461C

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
TSS461C TEMIC-TSS461C Datasheet
215Kb / 24P
   Van Controller Serial Interface
logo
ATMEL Corporation
TSS461C ATMEL-TSS461C Datasheet
633Kb / 57P
   VAN Data Link Controller
TSS461C-TDRZ ATMEL-TSS461C-TDRZ Datasheet
633Kb / 57P
   VAN Data Link Controller
TSS461CR ATMEL-TSS461CR Datasheet
633Kb / 57P
   VAN Data Link Controller
logo
TEMIC Semiconductors
TSS461CVAN TEMIC-TSS461CVAN Datasheet
215Kb / 24P
   Van Controller Serial Interface
More results

Similar Description - TSS461C

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
TSS461 TEMIC-TSS461 Datasheet
215Kb / 24P
   Van Controller Serial Interface
logo
ATMEL Corporation
TSS463C ATMEL-TSS463C Datasheet
701Kb / 59P
   VAN Data Link Controller with Serial Interface
TSS463B ATMEL-TSS463B_04 Datasheet
954Kb / 59P
   VAN Data Link Controller with Serial Interface
TSS463B ATMEL-TSS463B Datasheet
512Kb / 59P
   VAN Data Link Controller with Serial Interface
TSS463-AA ATMEL-TSS463-AA_04 Datasheet
1Mb / 60P
   VAN Data Link Controller with Serial Interface
TSS463B ATMEL-TSS463B_03 Datasheet
1Mb / 24P
   Serial VAN Data Link Controller
TSS461F ATMEL-TSS461F Datasheet
606Kb / 57P
   VAN Data Link Controller
TSS461E ATMEL-TSS461E Datasheet
817Kb / 57P
   VAN Data Link Controller
TSS461C ATMEL-TSS461C_04 Datasheet
633Kb / 57P
   VAN Data Link Controller
TSS461E ATMEL-TSS461E_06 Datasheet
606Kb / 57P
   VAN Data Link Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com