Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCK2001 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCK2001
Description  14.318-150 MHz I2C 1:18 Clock Buffer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK2001 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCK2001 Datasheet HTML 5Page - NXP Semiconductors PCK2001 Datasheet HTML 6Page - NXP Semiconductors PCK2001 Datasheet HTML 7Page - NXP Semiconductors PCK2001 Datasheet HTML 8Page - NXP Semiconductors PCK2001 Datasheet HTML 9Page - NXP Semiconductors PCK2001 Datasheet HTML 10Page - NXP Semiconductors PCK2001 Datasheet HTML 11Page - NXP Semiconductors PCK2001 Datasheet HTML 12Page - NXP Semiconductors PCK2001 Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Philips Semiconductors
Product specification
PCK2001
14.318–150 MHz I2C 1:18 Clock Buffer
1999 Jul 06
9
Consider the command code and the byte count bytes required as the first two bytes of any transfer. The command code is software
programmable via the controller, but will be specified as 0000 0000 in the clock specification. The byte count byte is the number of additional
bytes required to transfer, not counting the command code and byte count bytes. Additionally, the byte count byte is required to be a minimum of
1 byte and a maximum of 32 bytes to satisfy the above requirement.
For example:
Byte count byte
Notes:
MSB
LSB
0000
0000
Not allowed. Must have at least one byte.
0000
0001
Data for functional and frequency select register (currently byte 0 in spec)
0000
0010
Reads first two bytes of data. (byte 0 then byte 1)
0000
0011
Reads first three bytes (byte 0, 1, 2 in order)
0000
0100
Reads first four bytes (byte 0, 1, 2, 3 in order)
0000
0101
Reads first five bytes (byte 0, 1, 2, 3, 4 in order)
0000
0110
Reads first six bytes (byte 0, 1, 2, 3, 4, 5 in order)
0000
0111
Reads first seven bytes (byte 0, 1, 2, 3, 4, 5, 6 in order)
0010
0000
Max byte count supported = 32
A transfer is considered valid after the acknowledge bit corresponding to the byte count is read by the controller. The serial controller interface
can be simplified by discarding the information in both the command code and the byte count bytes and simply reading all the bytes that are
sent to the clock driver after being addressed by the controller. It is expected that the controller will not provide more bytes than the clock driver
can handle. A clock vendor may choose to discard any number of bytes that exceed the defined byte count.
8) Clock stretching: The clock device must not hold/stretch the SCLOCK or SDATA lines low for more than 10 mS. Clock stretching is
discouraged and should only be used as a last resort. Stretching the clock/data lines for longer than this time puts the device in an error/time-out
mode and may not be supported in all platforms. It is assumed that all data transfers can be completed as specified without the use of
clock/data stretching.
9) General Call: It is assumed that the clock driver will not have to respond to the ‘‘general call.”
10) Electrical Characteristics: All electrical characteristics must meet the standard mode specifications found in section 15 of the I2C
specification.
a) Pull-Up Resistors: Any internal resistors pull-ups on the SDATA and SCLOCK inputs must be stated in the individual datasheet. The use of
internal pull-ups on these pins of below 100K is discouraged. Assume that the board designer will use a single external pull-up resistor for each
line and that these values are in the 5 - 6K Ohm range. Assume one I2C device per DIMM (serial presence detect), one I2C controller, one clock
driver plus one/two more I2C devices on the platform for capacitive loading purposes.
(b) Input Glitch Filters: Only fast mode I2C devices require input glitch filters to suppress bus noise. The clock driver is specified as a standard
mode device and is not required to support this feature.
11) PWR DWN#: If a clock driver is placed in PWR DWN# mode, the SDATA and SCLK inputs must be Tri-Stated and the device must retain all
programming information. Idd current due to the I2C circuitry must be characterized and in the data sheet.
For specific I2C information consult the Philips I2C Peripherals Data Handbook IC12 (1997)


Similar Part No. - PCK2001

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCK2001M PHILIPS-PCK2001M Datasheet
79Kb / 13P
   14.318-150 MHz I2C 1:10 Clock Buffer
1999 Jul 06
PCK2001MDB PHILIPS-PCK2001MDB Datasheet
79Kb / 13P
   14.318-150 MHz I2C 1:10 Clock Buffer
1999 Jul 06
PCK2001R PHILIPS-PCK2001R Datasheet
76Kb / 12P
   14.318 . 133 MHz I2C 1:6 clock buffer
2000 Jul 25
PCK2001RDB PHILIPS-PCK2001RDB Datasheet
76Kb / 12P
   14.318 . 133 MHz I2C 1:6 clock buffer
2000 Jul 25
More results

Similar Description - PCK2001

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCK2001M PHILIPS-PCK2001M Datasheet
79Kb / 13P
   14.318-150 MHz I2C 1:10 Clock Buffer
1999 Jul 06
PCK2001R PHILIPS-PCK2001R Datasheet
76Kb / 12P
   14.318 . 133 MHz I2C 1:6 clock buffer
2000 Jul 25
PCK2002 PHILIPS-PCK2002 Datasheet
95Kb / 12P
   0-300 MHz I2C 1:18 clock buffer
2001 Jul 19
PCK2002M PHILIPS-PCK2002M Datasheet
92Kb / 12P
   0-300 MHz I2C 1:10 clock buffer
2001 Jul 19
logo
Pericom Semiconductor C...
PI6C180B PERICOM-PI6C180B Datasheet
573Kb / 7P
   Precision 1-18 Clock Buffer
logo
Cypress Semiconductor
CY29940-1 CYPRESS-CY29940-1 Datasheet
200Kb / 7P
   2.5V or 3.3V, 200-MHz 1:18 Clock Distribution Buffer
CY29940 CYPRESS-CY29940_06 Datasheet
256Kb / 7P
   2.5V or 3.3V, 200-MHz, 1:18 Clock Distribution Buffer
CY29940 CYPRESS-CY29940 Datasheet
189Kb / 7P
   2.5V or 3.3V, 200-MHz, 1:18 Clock Distribution Buffer
CY29943 CYPRESS-CY29943 Datasheet
188Kb / 7P
   2.5V or 3.3V 200-MHz 1:18 Clock Distribution Buffer
CY29942 CYPRESS-CY29942 Datasheet
184Kb / 7P
   2.5V or 3.3V, 200-MHz, 1:18 Clock Distribution Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com