Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXMN2A01E6 Datasheet(PDF) 6 Page - Zetex Semiconductors

Part # ZXMN2A01E6
Description  20V N-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXMN2A01E6 Datasheet(HTML) 6 Page - Zetex Semiconductors

  ZXMN2A01E6_06 Datasheet HTML 1Page - Zetex Semiconductors ZXMN2A01E6_06 Datasheet HTML 2Page - Zetex Semiconductors ZXMN2A01E6_06 Datasheet HTML 3Page - Zetex Semiconductors ZXMN2A01E6_06 Datasheet HTML 4Page - Zetex Semiconductors ZXMN2A01E6_06 Datasheet HTML 5Page - Zetex Semiconductors ZXMN2A01E6_06 Datasheet HTML 6Page - Zetex Semiconductors ZXMN2A01E6_06 Datasheet HTML 7Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
ZXMN2A01E6
ISSUE 3 - FEBRUARY 2006
6
0.1
1
10
0
200
400
C
RSS
C
OSS
C
ISS
V
GS
=0V
f= 1MHz
V
DS - Drain - Source Voltage (V)
012
34
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
I
D
=4A
V
DS
= 10V
Gate-Source Voltage v Gate Charge
Capacitance v Drain-Source Voltage
Q - Charge (nC)
TYPICAL CHARACTERISTICS


Similar Part No. - ZXMN2A01E6_06

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN2A01E6TA ZETEX-ZXMN2A01E6TA Datasheet
53Kb / 4P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMN2A01E6TA DIODES-ZXMN2A01E6TA Datasheet
205Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN2A01E6TA DIODES-ZXMN2A01E6TA Datasheet
613Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
VBsemi Electronics Co.,...
ZXMN2A01E6TA VBSEMI-ZXMN2A01E6TA Datasheet
483Kb / 9P
   N-Channel 30 V (D-S) MOSFET
logo
Zetex Semiconductors
ZXMN2A01E6TC ZETEX-ZXMN2A01E6TC Datasheet
53Kb / 4P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - ZXMN2A01E6_06

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN2A01F ZETEX-ZXMN2A01F Datasheet
85Kb / 4P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTA090N02KC3 CYSTEKEC-MTA090N02KC3 Datasheet
395Kb / 8P
   20V N-Channel Enhancement Mode MOSFET
logo
First Components Intern...
FMS06N20D FCI-FMS06N20D Datasheet
232Kb / 2P
   20V N-Channel Enhancement-Mode MOSFET
logo
Cystech Electonics Corp...
MTA340N02S3 CYSTEKEC-MTA340N02S3 Datasheet
431Kb / 9P
   20V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXMN2A01F DIODES-ZXMN2A01F Datasheet
223Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN2A03E6 DIODES-ZXMN2A03E6 Datasheet
203Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2320 TSC-TSM2320 Datasheet
263Kb / 5P
   20V N-Channel Enhancement Mode MOSFET
TSM2832 TSC-TSM2832 Datasheet
170Kb / 5P
   20V N-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTN2302N3 CYSTEKEC-MTN2302N3 Datasheet
212Kb / 5P
   20V N-CHANNEL Enhancement Mode MOSFET
MTN2300N3 CYSTEKEC-MTN2300N3 Datasheet
476Kb / 5P
   20V N-CHANNEL Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com